Part Number Hot Search : 
15E03 MTM8N20 TB6674FG 3225X CHDTA 2SD24 08130 2J224
Product Description
Full Text Search
 

To Download FDS3572 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDS3572
November 2003
FDS3572
N-Channel PowerTrench(R) MOSFET 80V, 8.9A, 16m
Features
* rDS(ON) = 14m (Typ.), VGS = 10V, ID = 8.9A * Qg(tot) = 31nC (Typ.), VGS = 10V * Low Miller Charge * Low QRR Body Diode * Optimized efficiency at high frequencies * UIS Capability (Single Pulse and Repetitive Pulse)
Applications
* Primary switch for Isolated DC/DC converters * Distributed Power and Intermediate Bus Architectures * High Voltage Synchronous Rectifier for DC Bus Converters
Formerly developmental type 82663
Branding Dash
5
5
4 3 2 1
6 7
1 2 3 4
8
SO-8
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDSS VGS Parameter Drain to Source Voltage Gate to Source Voltage Drain Current ID Continuous (TA = 25oC, VGS = 10V, RJA = 50oC/W) Continuous (TA = 100oC, VGS = 10V, RJA = 50oC/W) Pulsed EAS PD TJ, TSTG Single Pulse Avalanche Energy (Note 1) Power dissipation Derate above 25oC Operating and Storage Temperature 8.9 5.6 Figure 4 515 2.5 20 -55 to 150 A A A mJ W mW/oC
o
Ratings 80 20
Units V V
C
Thermal Characteristics
RJC RJA RJA Thermal Resistance, Junction to Case (Note 2) Thermal Resistance, Junction to Ambient at 10 seconds (Note 3) Thermal Resistance, Junction to Ambient at 1000 seconds (Note 3) 25 50 85
o
C/W C/W
oC/W o
Package Marking and Ordering Information
Device Marking FDS3572 Device FDS3572 Package SO-8 Reel Size 330mm Tape Width 12mm Quantity 2500 units
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
FDS3572
Electrical Characteristics TA = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS IDSS IGSS Drain to Source Breakdown Voltage Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V VDS = 60V VGS = 0V VGS = 20V TA = 150oC 80 1 250 100 V A nA
On Characteristics
VGS(TH) Gate to Source Threshold Voltage VGS = VDS, ID = 250A ID = 8.9A, VGS = 10V rDS(ON) Drain to Source On Resistance ID = 5.6A, VGS = 6V ID = 8.9A, VGS = 10V, TA= 150oC 2 0.014 0.019 0.027 4 0.016 0.029 0.032 V
Dynamic Characteristics
CISS COSS CRSS Qg(tot) Qg(TH) Qgs Qgs2 Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge at 10V Threshold Gate Charge Gate to Source Gate Charge Gate Charge Threshold to Plateau Gate to Drain "Miller" Charge (VGS = 10V) VDD = 40V, ID = 8.9A VGS = 10V, RGS = 10 13 14 31 13 40 67 ns ns ns ns ns ns VDS = 25V, VGS = 0V, f = 1MHz VGS = 0V to 10V VGS = 0V to 2V VDD = 40V ID = 8.9A Ig = 1.0mA 1990 320 85 31 4 9 5 7.5 41 5.2 pF pF pF nC nC nC nC nC
Switching Characteristics
tON td(ON) tr td(OFF) tf tOFF Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time
Drain-Source Diode Characteristics
VSD trr QRR Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge ISD = 8.9A ISD = 4.3A ISD= 8.9A, dISD/dt= 100A/s ISD= 8.9A, dISD/dt= 100A/s 1.25 1.0 50 70 V V ns nC
Notes: 1: Starting TJ = 25C, L = 21mH, IAS = 7A. 2: RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RJA is determined by the user's board design. 3: RJA is measured with 1.0 in2 copper on FR-4 board
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
FDS3572
Typical Characteristics TA = 25C unless otherwise noted
1.2 POWER DISSIPATION MULTIPLIER 10 VGS = 10V 1.0 ID, DRAIN CURRENT (A) 8
0.8
6
0.6
4
0.4
0.2
2 RJA=50oC/W
0 0 25 50 75 100 125 150 TA , AMBIENT TEMPERATURE (oC)
0 25 50 75 100 125 150 TA , AMBIENT TEMPERATURE (oC)
Figure 1. Normalized Power Dissipation vs Ambient Temperature
2 1
Figure 2. Maximum Continuous Drain Current vs Ambient Temperature
ZJA, NORMALIZED THERMAL IMPEDANCE
0.1
DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.02 0.01 PDM
RJA=50oC/W
0.01 SINGLE PULSE
t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
0.001 10-5 10-4 10-3 10-2 10-1 100 t, RECTANGULAR PULSE DURATION (s) 101 102 103
Figure 3. Normalized Maximum Transient Thermal Impedance
1000 TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION IDM, PEAK CURRENT (A) TA = 25oC FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I = I25 150 - TA 125
VGS = 10V 100
10 5 10-5 10-4 10-3 10-2 10-1 t, PULSE WIDTH (s) 100 101 102 103
Figure 4. Peak Current Capability
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
FDS3572
Typical Characteristics TA = 25C unless otherwise noted
50 If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1] ID , DRAIN CURRENT (A) 20 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDD = 15V TJ = 150oC 10 TJ = 25oC 5 TJ = -55oC
IAS, AVALANCHE CURRENT (A)
15
10 STARTING TJ = 25oC
STARTING TJ = 150oC 1 0.1 1 10 100 tAV, TIME IN AVALANCHE (ms) 0 3.0 3.5 4.0 4.5 5.0 5.5 VGS , GATE TO SOURCE VOLTAGE (V)
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 5. Unclamped Inductive Switching Capability
20 VGS = 10V DRAIN TO SOURCE ON RESISTANCE (m ) VGS = 6V VGS = 5V ID, DRAIN CURRENT (A) 15 VGS = 4.5V 10 20
Figure 6. Transfer Characteristics
VGS = 6V
18
16
VGS = 10V 14 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 12 0 2 4 6 8 10
5
TA = 25oC PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
0 0 0.25 0.5 0.75 1.0 VDS , DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 7. Saturation Characteristics
Figure 8. Drain to Source On Resistance vs Drain Current
1.2
2.0 NORMALIZED DRAIN TO SOURCE ON RESISTANCE PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
VGS = VDS, ID = 250A 1.1 NORMALIZED GATE THRESHOLD VOLTAGE VGS = 10V, ID = 8.9A
1.5
1.0
0.9
1.0
0.8
0.7
0.5 -80
-40
0
40
80
120
160
0.6 -80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (oC)
TJ, JUNCTION TEMPERATURE (oC)
Figure 9. Normalized Drain to Source On Resistance vs Junction Temperature
(c)2003 Fairchild Semiconductor Corporation
Figure 10. Normalized Gate Threshold Voltage vs Junction Temperature
FDS3572 Rev. A
FDS3572
Typical Characteristics TA = 25C unless otherwise noted
1.2 ID = 250A NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE 5000 CISS = CGS + CGD
C, CAPACITANCE (pF)
1000
1.1
COSS CDS + CGD
CRSS = CGD 100
1.0
VGS = 0V, f = 1MHz 0.9 -80 -40 0 40 80 120 160 10 0.1 1 10 80
TJ , JUNCTION TEMPERATURE (oC)
VDS , DRAIN TO SOURCE VOLTAGE (V)
Figure 11. Normalized Drain to Source Breakdown Voltage vs Junction Temperature
10 VGS , GATE TO SOURCE VOLTAGE (V) VDD = 40V 8
Figure 12. Capacitance vs Drain to Source Voltage
6
4
2
WAVEFORMS IN DESCENDING ORDER: ID = 8.9A ID = 1A 0 10 20 Qg, GATE CHARGE (nC) 30 40
0
Figure 13. Gate Charge Waveforms for Constant Gate Currents
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
FDS3572
Test Circuits and Waveforms
VDS tP L IAS VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP 0V RG VDD
+
BVDSS
VDS
VDD
IAS 0.01
0 tAV
Figure 14. Unclamped Energy Test Circuit
Figure 15. Unclamped Energy Waveforms
VDS VDD L VGS VDS Qg(TOT) VGS
VGS = 10V
+
VDD DUT Ig(REF) VGS = 2V 0
Qgs2
Qg(TH) Qgs Ig(REF) 0 Qgd
Figure 16. Gate Charge Test Circuit
Figure 17. Gate Charge Waveforms
VDS
tON td(ON) RL VDS 90% tr
tOFF td(OFF) tf 90%
VGS
+
VDD DUT 0
10%
10%
90% VGS 50% PULSE WIDTH 50%
RGS
VGS
0
10%
Figure 18. Switching Time Test Circuit
Figure 19. Switching Time Waveforms
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
FDS3572
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the thermal resistance of the heat dissipating path determines the maximum allowable device power dissipation, PDM, in an application. Therefore the application's ambient temperature, TA (oC), and thermal resistance RJA (oC/W) must be reviewed to ensure that TJM is never exceeded. Equation 1 mathematically represents the relationship and serves as the basis for establishing the rating of the part.
(T -T ) JM A P DM = -----------------------------R JA
maximum transient thermal impedance curve. Thermal resistances corresponding to other copper areas can be obtained from Figure 21 or by calculation using Equation 2. The area, in square inches is the top copper area including the gate and source pads. R JA = 64 + ------------------------------0.23 + Area
26
(EQ. 2)
(EQ. 1) The transient thermal impedance (ZJA) is also effected by varied top copper board area. Figure 22 shows the effect of copper pad area on single pulse transient thermal impedance. Each trace represents a copper pad area in square inches corresponding to the descending list in the graph. Spice and SABER thermal models are provided for each of the listed pad areas. Copper pad area has no perceivable effect on transient thermal impedance for pulse widths less than 100ms. For pulse widths less than 100ms the transient thermal impedance is determined by the die and package. Therefore, CTHERM1 through CTHERM5 and RTHERM1 through RTHERM5 remain constant for each of the thermal models. A listing of the model component values is available in Table 1.
200 RJA = 64 + 26/(0.23+Area)
In using surface mount devices such as the SO8 package, the environment in which it is applied will have a significant influence on the part's current and maximum power dissipation ratings. Precise determination of PDM is complex and influenced by many factors: 1. Mounting pad area onto which the device is attached and whether there is copper on one side or both sides of the board. 2. The number of copper layers and the thickness of the board. 3. The use of external heat sinks. 4. The use of thermal vias. 5. Air flow and board orientation. 6. For non steady state applications, the pulse width, the duty cycle and the transient thermal response of the part, the board and the environment they are in. Fairchild provides thermal information to assist the designer's preliminary application evaluation. Figure 21 defines the RJA for the device as a function of the top copper (component side) area. This is for a horizontally positioned FR-4 board with 1oz copper after 1000 seconds of steady state power with no air flow. This graph provides the necessary information for calculation of the steady state junction temperature or power dissipation. Pulse applications can be evaluated using the Fairchild device Spice thermal model or manually utilizing the normalized
150 COPPER BOARD AREA - DESCENDING ORDER 0.04 in2 0.28 in2 0.52 in2 0.76 in2 1.00 in2
RJA (oC/W)
150
100
50 0.001 0.01 0.1 1 AREA, TOP COPPER AREA (in2) 10
Figure 21. Thermal Resistance vs Mounting Pad Area
ZJA, THERMAL IMPEDANCE (oC/W)
120
90
60
30
0 10-1 100 101 t, RECTANGULAR PULSE DURATION (s) 102 103
Figure 22. Thermal Impedance vs Mounting Pad Area
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
FDS3572
PSPICE Electrical Model
.SUBCKT FDS3572 2 1 3 ; Ca 12 8 7e-10 Cb 15 14 7e-10 Cin 6 8 1.9e-9 Dbody 7 5 DbodyMOD Dbreak 5 11 DbreakMOD Dplcap 10 5 DplcapMOD
10
rev November 2003
LDRAIN DPLCAP 5 RLDRAIN DBREAK 11 + 17 EBREAK 18 MWEAK MMED MSTRO CIN LSOURCE 8 RSOURCE RLSOURCE S1A 12 S1B 13 8 13 + EGS 6 8 EDS S2A 14 13 S2B CB + 5 8 8 RVTHRES 14 IT VBAT + 22 15 17 RBREAK 18 RVTEMP 19 7 SOURCE 3 DRAIN 2 RSLC1 51 ESLC 50 RDRAIN EVTHRES + 19 8 6 21 16
RSLC2
5 51 ESG + 6 8 LGATE GATE 1 RLGATE EVTEMP RGATE + 18 22 9 20 CA
It 8 17 1 Lgate 1 9 1e-9 Ldrain 2 5 1e-9 Lsource 3 7 0.1e-9 RLgate 1 9 10 RLdrain 2 5 10 RLsource 3 7 1 Mmed 16 6 8 8 MmedMOD Mstro 16 6 8 8 MstroMOD Mweak 16 21 8 8 MweakMOD Rbreak 17 18 RbreakMOD 1 Rdrain 50 16 RdrainMOD 5.5e-3 Rgate 9 20 1.3 RSLC1 5 51 RSLCMOD 1e-6 RSLC2 5 50 1e3 Rsource 8 7 RsourceMOD 5.5e-3 Rvthres 22 8 Rvthresmod 1 Rvtemp 18 19 RvtempMOD 1 S1a 6 12 13 8 S1AMOD S1b 13 12 13 8 S1BMOD S2a 6 15 14 13 S2AMOD S2b 13 15 14 13 S2BMOD Vbat 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*250),2.5))} .MODEL DbodyMOD D (IS=4.5E-12 RS=4.7e-3 TRS1=1.5e-3 TRS2=2e-5 XTI=3 CJO=1.4e-9 TT=3e-08 M=0.55) .MODEL DbreakMOD D (RS=2.5 TRS1=1e-4 TRS2=1e-6) .MODEL DplcapMOD D (CJO=4.6e-10 IS=1e-30 N=10 M=0.5) .MODEL MmedMOD NMOS (VTO=3.35 KP=3 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=1.3 T_ABS=25) .MODEL MstroMOD NMOS (VTO=3.9 KP=60 IS=1e-30 N=10 TOX=1 L=1u W=1u T_ABS=25) .MODEL MweakMOD NMOS (VTO=2.88 kp=0.04 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=13 RS=0.1 T_ABS=25) .MODEL RbreakMOD RES (TC1=1e-3 TC2=-7.5e-7) .MODEL RdrainMOD RES (TC1=4.8e-3 TC2=3e-5) .MODEL RSLCMOD RES (TC1=2.4e-2 TC2=1e-7) .MODEL RsourceMOD RES (TC1=1e-2 TC2=1e-6) .MODEL RvthresMOD RES (TC1=-4.4e-3 TC2=-1.4e-5) .MODEL RvtempMOD RES (TC1=-4e-3 TC2=2e-7) .MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-4.0 VOFF=-2.0) .MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-2.0 VOFF=-4.0) .MODEL S2AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-0.5 VOFF=0) .MODEL S2BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=0 VOFF=-0.5) .ENDS Note: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
(c)2003 Fairchild Semiconductor Corporation FDS3572 Rev. A
+
Ebreak 11 7 17 18 86.6 Eds 14 8 5 8 1 Egs 13 8 6 8 1 Esg 6 10 6 8 1 Evthres 6 21 19 8 1 Evtemp 20 6 18 22 1
DBODY
FDS3572
SABER Electrical Model
REV November 2003 template FDS3572 n2,n1,n3 =m_temp electrical n2,n1,n3 number m_temp=25 { var i iscl dp..model dbodymod = (isl=4.5e-12,rs=4.7e-3,trs1=1.5e-3,trs2=2e-5,xti=3,cjo=1.4e-9,tt=3e-08,m=0.55) dp..model dbreakmod = (rs=2.5,trs1=1e-4,trs2=1e-6) dp..model dplcapmod = (cjo=4.6e-10,isl=10e-30,nl=10,m=0.5) m..model mmedmod = (type=_n,vto=3.35,kp=3,is=1e-30, tox=1) m..model mstrongmod = (type=_n,vto=3.9,kp=60,is=1e-30, tox=1) m..model mweakmod = (type=_n,vto=2.88,kp=0.04,is=1e-30, tox=1,rs=0.1) sw_vcsp..model s1amod = (ron=1e-5,roff=0.1,von=-4.0,voff=-2.0) DPLCAP 5 sw_vcsp..model s1bmod = (ron=1e-5,roff=0.1,von=-2.0,voff=-4.0) 10 sw_vcsp..model s2amod = (ron=1e-5,roff=0.1,von=-0.5,voff=0) sw_vcsp..model s2bmod = (ron=1e-5,roff=0.1,von=0,voff=-0.5) RSLC1 51 c.ca n12 n8 = 7e-10 RSLC2 c.cb n15 n14 = 7e-10 ISCL c.cin n6 n8 = 1.9e-9 dp.dbody n7 n5 = model=dbodymod dp.dbreak n5 n11 = model=dbreakmod dp.dplcap n10 n5 = model=dplcapmod spe.ebreak n11 n7 n17 n18 = 86.6 GATE spe.eds n14 n8 n5 n8 = 1 1 spe.egs n13 n8 n6 n8 = 1 spe.esg n6 n10 n6 n8 = 1 spe.evthres n6 n21 n19 n8 = 1 spe.evtemp n20 n6 n18 n22 = 1 i.it n8 n17 = 1 l.lgate n1 n9 = 1e-9 l.ldrain n2 n5 = 1e-9 l.lsource n3 n7 = 0.1e-9
CA 12 S1B 13 + EGS 6 8 EDS LGATE ESG + EVTEMP RGATE + 18 22 9 20 6 MSTRO CIN 8 6 8 EVTHRES + 19 8 50 RDRAIN 21 16 MWEAK MMED EBREAK + 17 18 DBREAK 11 DBODY
LDRAIN DRAIN 2 RLDRAIN
RLGATE
LSOURCE 7 RLSOURCE SOURCE 3
RSOURCE S1A 13 8 S2A 14 13 S2B CB + 5 8 8 RVTHRES 14 IT VBAT + 22 15 17 RBREAK 18 RVTEMP 19
res.rlgate n1 n9 = 10 res.rldrain n2 n5 = 10 res.rlsource n3 n7 = 1
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u, temp=m_temp m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u, temp=m_temp m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u, temp=m_temp res.rbreak n17 n18 = 1, tc1=1e-3,tc2=-7.5e-7 res.rdrain n50 n16 = 5.5e-3, tc1=4.8e-3,tc2=3e-5 res.rgate n9 n20 = 1.3 res.rslc1 n5 n51 = 1e-6, tc1=2.4e-2,tc2=1e-7 res.rslc2 n5 n50 = 1e3 res.rsource n8 n7 = 5.5e-3, tc1=1e-2,tc2=1e-6 res.rvthres n22 n8 = 1, tc1=-4.4e-3,tc2=-1.4e-5 res.rvtemp n18 n19 = 1, tc1=-4e-3,tc2=2e-7 sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod v.vbat n22 n19 = dc=1 equations { i (n51->n50) +=iscl iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/250))** 2.5)) } }
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
FDS3572
SPICE Thermal Model
REV Nov 2003 FDS3572 Copper Area =1.0 in2 CTHERM1 TH 8 2.0e-3 CTHERM2 8 7 5.0e-3 CTHERM3 7 6 1.0e-2 CTHERM4 6 5 4.0e-2 CTHERM5 5 4 9.0e-2 CTHERM6 4 3 2e-1 CTHERM7 3 2 1 CTHERM8 2 TL 3 RTHERM1 TH 8 1e-1 RTHERM2 8 7 5e-1 RTHERM3 7 6 1 RTHERM4 6 5 5 RTHERM5 5 4 8 RTHERM6 4 3 12 RTHERM7 3 2 18 RTHERM8 2 TL 25
th
JUNCTION
RTHERM1
CTHERM1
8
RTHERM2
CTHERM2
7
RTHERM3
CTHERM3
6
SABER Thermal Model
Copper Area = 1.0 in template thermal_model th tl thermal_c th, tl { ctherm.ctherm1 th 8 =2.0e-3 ctherm.ctherm2 8 7 =5.0e-3 ctherm.ctherm3 7 6 =1.0e-2 ctherm.ctherm4 6 5 =4.0e-2 ctherm.ctherm5 5 4 =9.0e-2 ctherm.ctherm6 4 3 =2e-1 ctherm.ctherm7 3 2 1 ctherm.ctherm8 2 tl 3 rtherm.rtherm1 th 8 =1e-1 rtherm.rtherm2 8 7 =5e-1 rtherm.rtherm3 7 6 =1 rtherm.rtherm4 6 5 =5 rtherm.rtherm5 5 4 =8 rtherm.rtherm6 4 3 =12 rtherm.rtherm7 3 2 =18 rtherm.rtherm8 2 tl =25 }
2
RTHERM4
CTHERM4
5
RTHERM5
CTHERM5
4
RTHERM6
CTHERM6
3
RTHERM7
CTHERM7
2
RTHERM8
CTHERM8
tl
CASE
TABLE 1. THERMAL MODELS COMPONANT CTHERM6 CTHERM7 CTHERM8 RTHERM6 RTHERM7 RTHERM8 0.04 in2 1.2e-1 0.5 1.3 26 39 55 0.28 in2 1.5e-1 1.0 2.8 20 24 38.7 0.52 in2 2.0e-1 1.0 3.0 15 21 31.3 0.76 in2 2.0e-1 1.0 3.0 13 19 29.7 1.0 in2 2.0e-1 1.0 3.0 12 18 25
(c)2003 Fairchild Semiconductor Corporation
FDS3572 Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACT Quiet SeriesTM ActiveArrayTM FAST BottomlessTM FASTrTM CoolFETTM FPSTM CROSSVOLTTM FRFETTM DOMETM GlobalOptoisolatorTM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM FACTTM ImpliedDisconnectTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM
DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC OPTOPLANARTM PACMANTM
POPTM Power247TM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I7


▲Up To Search▲   

 
Price & Availability of FDS3572

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X