Part Number Hot Search : 
36BCP 20022HS SSD3030P B140N PIC18 42827 C124EU LTC38
Product Description
Full Text Search
 

To Download DSEI19-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast Recovery Epitaxial Diode (FRED)
DSEI 19
VRRM = 600 V IFAVM = 20 A trr = 35 ns
VRSM V 600
VRRM V 600
Type
A
C
TO-263 AA
NC A
DSEI 19-06AS
C (TAB)
A = Anode, C = Cathode, NC = No connection, TAB = Cathode Symbol IFRMS IFAVM yyx IFRM IFSM Test Conditions TVJ = TVJM TC = 65C; rectangular, d = 0.5 tP < 10 ms; rep. rating, pulse width limited by TVJM TVJ = 45C; t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine Maximum Ratings 25 20 150 100 110 85 95 50 50 36 37 -40...+150 150 -40...+150 TC = 25C 61 2 A A A A A A A A2s A2s A2s A2s C C C W g
TVJ = 150C; t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine I2t TVJ = 45C t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Features International standard surface mount package JEDEC TO-263 AA Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
q q q q q q q
TVJ = 150C; t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine TVJ TVJM Tstg Ptot Weight
TO-263 AA Outline
Symbol
Test Conditions typ.
Characteristic Values max. 50 25 3 1.5 1.7 1.12 23.2 2 mA mA mA V V V mW K/W ns A
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74 Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029
008
IR
TVJ = 25C TVJ = 25C TVJ = 125C IF = 16 A;
VR = VRRM VR = 0.8 * VRRM VR = 0.8 * VRRM TVJ = 150C TVJ = 25C
VF VT0 rT RthJC trr IRM
For power-loss calculations only TVJ = TVJM
IF = 1 A; -di/dt = 50 A/ms; VR = 30 V; TVJ = 25C VR = 350 V; IF = 12 A; -diF/dt = 100 A/ms L 0.05 mH; TVJ = 100C
35 4
50 4.4
Characteristic curves are located in the data sheet DSEI 12-06
x IFAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5 Data according to IEC 60747 IXYS reserves the right to change limits, test conditions and dimensions
(c) 2000 IXYS All rights reserved
1-1


▲Up To Search▲   

 
Price & Availability of DSEI19-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X