Part Number Hot Search : 
PCA9698 CSDC12V 5KP90 5ZSXI CPC1916Y LTC17 2SC4245 P2301
Product Description
Full Text Search
 

To Download DM74LS283 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74LS283 4-Bit Binary Adder with Fast Carry
August 1986 Revised March 2000
DM74LS283 4-Bit Binary Adder with Fast Carry
General Description
These full adders perform the addition of two 4-bit binary numbers. The sum () outputs are provided for each bit and the resultant carry (C4) is obtained from the fourth bit. These adders feature full internal look ahead across all four bits. This provides the system designer with partial lookahead performance at the economy and reduced package count of a ripple-carry implementation. The adder logic, including the carry, is implemented in its true form meaning that the end-around carry can be accomplished without the need for logic or level inversion.
Features
s Full-carry look-ahead across the four bits s Systems achieve partial look-ahead performance with the economy of ripple carry s Typical add times Two 8-bit words 25 ns Two 16-bit words 45 ns s Typical power dissipation per 4-bit adder 95 mW
Ordering Code:
Order Number DM74LS283M DM74LS283N Package Number M16A N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
(c) 2000 Fairchild Semiconductor Corporation
DS006421
www.fairchildsemi.com
DM74LS283
Function Table
H = HIGH Level, L = LOW Level Input conditions at A1, B1, A2, B2, and C0 are used to determine outputs 1 and 2 and the value of the internal carry C2. The values at C2, A3, B3, A4, and B4 are then used to determine outputs 3, 4, and C4.
Logic Diagram
www.fairchildsemi.com
2
DM74LS283
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 7V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature 0 Parameter Min 4.75 2 0.8 -0.4 8 70 Nom 5 Max 5.25 Units V V V mA mA C
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI VOH VOL Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage II IIH IIL IOS ICC1 ICC2 Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Short Circuit Output Current Supply Current Supply Current Conditions VCC = Min, II = -18 mA VCC = Min, IOH = Max VIL = Max, VIH = Min VCC = Min, IOL = Max VIL = Max, VIH = Min IOL = 4 mA, VCC = Min VCC = Max VI = 7V VCC = Max VI = 2.7V VCC = Max VI = 0.4V VCC = Max VCC = Max (Note 4) VCC = Max (Note 5) A, B C0 A, B C0 A, B C0 -20 19 22 2.7 3.4 0.35 0.25 0.5 0.4 0.2 0.1 40 20 -0.8 -0.4 -100 34 39 mA A mA mA mA mA Min Typ (Note 2) Max -1.5 Units V V
V
Note 2: All typicals are at VCC = 5V, TA = 25C. Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second. Note 4: ICC1 is measured with all outputs OPEN, all B inputs LOW and all other inputs at 4.5V, or all inputs at 4.5V. Note 5: ICC2 is measured with all outputs OPEN and all inputs GROUNDED.
3
www.fairchildsemi.com
DM74LS283
Switching Characteristics
at VCC = 5V and TA = 25C From (Input) Symbol Parameter To (Output) CL = 15 pF Min tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output C0 to 1, 2 C0 to 1, 2 C0 to 3 C0 to 3 C0 to 4 C0 to 4 Ai or Bi to i Ai or Bi to i C0 to C4 C0 to C4 Ai or Bi to C4 Ai or Bi to C4 Max 24 24 24 24 24 24 24 24 17 17 17 17 RL = 2 k CL = 50 pF Min Max 28 30 28 30 28 30 28 30 24 25 24 26 ns ns ns ns ns ns ns ns ns ns ns ns Units
www.fairchildsemi.com
4
DM74LS283
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
5
www.fairchildsemi.com
DM74LS283 4-Bit Binary Adder with Fast Carry
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74LS283

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X