Part Number Hot Search : 
1N4762A FN521 BCR8PM 12CTQ045 74AC74B 32000 AD7224TE SGM8291
Product Description
Full Text Search
 

To Download CMT60N03N252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMT60N03
N-CHANNEL Logic Level Power MOSFET
APPLICATION
Buck Converter High Side Switch Other Applications VDSS 30V RDS(ON) Typ. 10.8m ID 50A
FEATURES
Low ON Resistance Low Gate Charge Peak Current vs Pulse Width Curve Inductive Switching Curves Improved UIS Ruggedness
PIN CONFIGURATION
TO-252 TO-263
SYMBOL
D
Front View
Front View
D
SOURCE
DRAIN
GATE
G
1 2 3
S
G
1 2 3
S
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS
Rating Drain to Source Voltage (Note 1) Drain to Current Continuous Tc = 25J , VGS@10V (Note 2) Continuous Tc = 100J , VGS@10V (Note 2) Pulsed Tc = 25J , VGS@10V (Note 3) Continue Symbol VDSS ID ID IDM VGS PD dv/dt TJ, TSTG EAS TL TPKG IAS Value 30 50 Fig.3 Fig.6 20 52 0.5 3.0 -55 to 150 500 300 260 Fig.8 V W W/J V/ns J mJ J J Unit V A
Gate-to-Source Voltage Total Power Dissipation
Derating Factor above 25J Peak Diode Recovery dv/dt (Note 4) Operating Junction and Storage Temperature Range Single Pulse Avalanche Energy L=1.1mH,ID=30 Amps Maximum Lead Temperature for Soldering Purposes Maximum Package Body for 10 seconds Pulsed Avalanche Rating
THERMAL RESISTANCE
Symbol RJC RJA RJA Parameter Junction-to-case Junction-to-ambient (PCB Mount) Junction-to-ambient Min Typ Max 2.4 50 62 Units J /W J /W J /W Test Conditions Water cooled heatsink, PD adjusted for a peak junction temperature of +150J Minimum pad area, 2-oz copper, FR-4 circuit board, double sided 1 cubic foot chamber, free air
2004/05/24 Preliminary
Champion Microelectronic Corporation
Page 1
CMT60N03
N-CHANNEL Logic Level Power MOSFET
ORDERING INFORMATION
Part Number CMT60N03N252 CMT60N03N263 Package TO-252 TO-263
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25J .
CMT60N03 Characteristic OFF Characteristics Drain-to-Source Breakdown Voltage (VGS = 0 V, ID = 250 g A) Breakdown Voltage Temperature Coefficient, Fig.11 (Reference to 25J , ID = 250 g A) Drain-to-Source Leakage Current (VDS = 24 V, VGS = 0 V, TJ = 25J ) (VDS = 24 V, VGS = 0 V, TJ = 125J ) Gate-to-Source Forward Leakage (VGS = 20 V) Gate-to-Source Reverse Leakage (VGS = -20 V) ON Characteristics Gate Threshold Voltage,Fig.12 (VDS = VGS, ID = 250 g A) Static Drain-to-Source On-Resistance, Fig.9,10 (VGS = 10 V, ID = 15A) (VGS = 4.5 V, ID = 12A) Forward Transconductance (VDS = 15 V, ID = 12A) Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge (VGS = 10 V) Total Gate Charge (VGS = 4.5 V) Gate-to-Source Charge Gate-to-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Continuous Source Current (Body Diode Fig.16) Pulse Source Current (Body Diode) Forward On-Voltage Forward Turn-On Time Reverse Recovery Charge (IS = 12 A, VGS = 0 V) (IF = 12 A, VGS = 0 V, di/dt = 100A/s) Integral pn-diode in MOSFET ISM VSD trr Qrr 25 31 Fig.6 1.0 38 46 A V ns nC (VDS = 15 V, ID = 12 A) (Note 6) Fig.15 (Note 5) Dynamic Characteristics (VDS = 15 V, VGS = 0 V, f = 1.0 MHz) Fig.14 Ciss Coss Crss Qg Qg Qgs Qgd Resistive Switching Characteristics (VDD = 15 V, ID = 12 A, VGS = 10 V, RG = 1.0) (Note 6) (VDD = 15 V, ID = 12 A, VGS = 4.5V, RG = 1.0) (Note 6) td(on) tr td(off) tf td(on) tr td(off) tf IS 10 3.4 36 6.0 16 7.2 34 14 50 ns ns ns ns ns ns ns ns A 1520 314 152 27.9 14 4.9 4.3 35 19 pF pF pF nC nC nC nC gFS (Note 5) RDS(on) 10.8 15.4 28 S 12.5 m VGS(th) 1.0 3.0 V IGSS -100 nA IGSS IDSS 1 10 100 nA A G VDSS/TJ 27 mV/J VDSS 30 V Symbol Min Typ Max Units
Source-Drain Diode Characteristics
2004/05/24 Preliminary
Champion Microelectronic Corporation
Page 2
CMT60N03
N-CHANNEL Logic Level Power MOSFET
Note 1: TJ = +25J to 150J Note 2: Current is calculated based upon maximum allowable junction temperature. Package current limitation is 30A. Note 3: Repetitive rating; pulse width limited by maximum junction temperature. Note 4: ISD = 12.0A, di/dt 100A/s, VDD BVDSS, TJ = +150J Note 5: Pulse width 250s; duty cycle 2% Note 6: Essentially independent of operating temerpature.
2004/05/24 Preliminary
Champion Microelectronic Corporation
Page 3
CMT60N03
N-CHANNEL Logic Level Power MOSFET
Figure 1. Maximum Effective Thermal Impedance, Junction-to-Case
1.00
Duty Cycle 50% 20% 10% PDM
ZJC, Thermal Impedance
0.10
5% 2% 1% single pulse
t1 t2
NOTES: DUTY FACTOR: D=t1/t2 PEAK TJ=PDM x ZJC x RJC+TC
0.01
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
tp, Rectangular Pulse Duration (Seconds)
Figure 2. Maximum Power Dissipation vs Case Temperature
60
35
Figure 3. Maximum Continuous Drain Current vs Case Temperature
PD, Power Dissipation (W)
ID, Drain Current (A)
50 40 30 20 10 0 25 50 75 100 125 150
30 25 20 15 10 5 0 25 50 75 100 125 150
TC, Case Temperature (oC)
TC, Case Temperature (oC)
Figure 4. Typical Output Characteristics
100 90
VGS = 10V
Figure 5. Typical Drain-to-Source ON Resistance vs Gate Voltage and Drain Current
0.10
0.09
ID = 7A ID = 14 A ID = 28 A ID = 55 A
RDS(ON), Drain-to-Source
ID, Drain Current (A)
80 70 60 50 40 30 20 10 0 0 5
PULSE DURATION = 250 S DUTY CYCLE = 0.5% MAX o TC = 25 C
VGS = 4.5V
0.08
ON Resistance ()
0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00
PULSE DURATION = 250 S DUTY CYCLE = 0.5% MAX TC = 25 oC
VGS = 4.0V
VGS = 3.7V
VGS = 3.5V
VGS = 3.3V VGS = 3.0V VGS = 2.7V VGS = 2.5V
10
15
20
2
3
4
5
6
7
8
9
10
VDS, Drain-to-Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
2004/05/24 Preliminary
Champion Microelectronic Corporation
Page 4
CMT60N03
N-CHANNEL Logic Level Power MOSFET
Figure 6. Maximum Peak Current Capability
10000
TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION FOR TEMPERATURES o ABOVE 25 C DERATE PEAK CURRENT AS FOLLOWS: I = I 25 150 - T C ---------------------125
IDM, Peak Current (A)
1000
100 10
VGS = 10V
1 1E-6 10E-6 100E-6 1E-3 10E-3 100E-3 1E+0 10E+0
tp, Pulse Width (Seconds)
Figure 7. Typical Transfer Characteristics
30
Figure 8. Unclamped Inductive Switching Capability
1000
ID, Drain-to-Source Current (A)
25 20 15 10 5 0 1.0
IAS, Avalanche Current (A)
PULSE DURATION = 250 S DUTY CYCLE = 0.5% MAX VDS = 15 V
If R 0: tAV= (L/R) ln[IASxR)/(1.3BVDSS-VDD)+1] If R= 0: tAV= (LxIAS)/(1.3BVDSS-VDD) R equals total Series resistance of Drain circuit
100
STARTING TJ = 25 oC
+150 oC +25 oC -55 oC
10
STARTING TJ = 150 oC
1.5
2.0
2.5
3.0
3.5
4.0
1 1E-6 10E-6 100E-6 1E-3 10E-3 100E-3
VGS, Gate-to-Source Voltage (V)
tAV, Time in Avalanche (Seconds)
Figure 9. Typical Drain-to-Source ON Resistance vs Drain Current
RDS(ON), Drain-to-Source ON Resistance (m)
100
RDS(ON), Drain-to-Source Resistance (Normalized)
PULSE DURATION = 10 S DUTY CYCLE = 0.5% MAX TC=25C
1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7
Figure 10. Typical Drain-to-Source ON Resistance vs Junction Temperature
VGS = 4.5V VGS = 10 V
PULSE DURATION = 250 S DUTY CYCLE = 0.5% MAX VGS = 10V, ID = 15A
10 0 50 100 150 200 250 300 350 400
-75
-50
-25
0
25
50
75
100 125
150
ID, Drain Current (A)
TJ, Junction Temperature (oC)
2004/05/24 Preliminary
Champion Microelectronic Corporation
Page 5
CMT60N03
N-CHANNEL Logic Level Power MOSFET
Figure 11. Typical Breakdown Voltage vs Junction Temperature
BVDSS, Drain-to-Source Breakdown Voltage (Normalized)
1.10
Figure 12. Typical Threshold Voltage vs Junction Temperature
VGS(TH), Threshold Voltage (Normalized)
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -75 -50 -25 0.0 25 50 75 100 125 150 (oC)
VGS = VDS, ID = 250 A
1.05
1.00
0.95 0.90 -75 -50 -25 0.0 25 50 75
VGS = 0V ID = 250 A
100 125
150
TJ, Junction Temperature
(oC)
TJ, Junction Temperature
Figure 13. Maximum Forward Bias Safe Operating Area Area
1000
Figure 14. Typical Capacitance vs Drain-to-Source Voltage
10000
VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD
ID, Drain Current (A)
C, Capacitance (pF)
OPERATION IN THIS AREA MAY BE LIMITED BY R
10
DS(ON)
S
100
1 .0
100 S
10 m
mS
CISS
1000
COSS
CRSS
10
TJ = MAX RATED, TC = 25 oC Single Pulse
DC
S
1 1 10 100
100 0.01 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain Voltage (V)
Figure 15. Typical Gate Charge vs Gate-to-Source Voltage
VGS, Gate-to-Source Voltage (V) IDR, Reverse Drain Current (A)
12 10 8 6 4 2 0 0 24 6 8 10 12 14 16 18 20 22 24 26 28 30
VDS = 15V
ID = 12A
Figure 16. Typical Body Diode Transfer Characteristics
180 160
140 120 100
VGS = 0V
80 60
40 20 0
15
0
o
C
25
o
C
-55
o
C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
QG , Total Gate Charge (nC)
VSD, Source-to-Drain Voltage (V)
2004/05/24 Preliminary
Champion Microelectronic Corporation
Page 6
CMT60N03
N-CHANNEL Logic Level Power MOSFET
PACKAGE DIMENSION
TO-252
B R
C E
PIN 1: GATE PIN 2: DRAIN PIN 3: SOURCE
V
4 1 2 3
K S A U L G J H
D
TO-263
B
C E
V
PIN 1: GATE PIN 2: DRAIN PIN 3: SOURCE
1
23
S
K
G
J D H
2004/05/24 Preliminary
A
Champion Microelectronic Corporation
Page 7
CMT60N03
N-CHANNEL Logic Level Power MOSFET
IMPORTANT NOTICE
Champion Microelectronic Corporation (CMC) reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. CMC integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. customer should provide adequate design and operating safeguards. Use of CMC products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer's applications, the
HsinChu Headquarter
5F-1, No. 11, Park Avenue II, Science-Based Industrial Park, HsinChu City, Taiwan T E L : +886-3-567 9979 F A X : +886-3-567 9909
Sales & Marketing
11F, No. 306-3, SEC. 1, Ta Tung Road, Hsichih, Taipei Hsien 221, Taiwan T E L : +886-2-8692 1591 F A X : +886-2-8692 1596
2004/05/24 Preliminary
Champion Microelectronic Corporation
Page 8


▲Up To Search▲   

 
Price & Availability of CMT60N03N252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X