Part Number Hot Search : 
D78C12A SAA5291A XE250 1N4948G VSC7129 BAR3504 TGD40A SC261
Product Description
Full Text Search
 

To Download CDBA1100GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
CDBA120 Thru CDBA1100GS
Reverse Voltage: 20 - 100 Volts Forward Current: 1.0 Amp
Features
DO-214AC (SMA)
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Built-in strain relief Low forward voltage drop
0.067(1.70) 0.051(1.29) 0.180(4.57) 0.160(4.06)
0.110(2.79) 0.086(2.18)
Mechanical data
0.090(2.29) 0.067(1.70)
0.012(0.31) 0.006(0.15)
Case: JEDEC DO-214AC molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. weight:0.064 gram
0.059(1.50) 0.035(0.89)
0.209(5.31) 0.185(4.70)
0.008(0.20) 0.004(0.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter
Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.0 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) R R Operating Junction Temperature Storage Temperature Tj TSTG
JA JL
Symbol
VRRM VDC VRMS IFSM
CDBA120GS
CDBA140GS CDBA160GS
CDBA180GS CDBA1100GS
Unit
V V V A
20 20 14
40 40 28
60 60 42
80 80 56
100 100 70
35
Io VF IR 10 0.50
1.0 0.70 0.85
A V . mA
0.5 5 88
C/W 20 -50 to +125 -65 to +150
C C
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
MDS0208007C
Page 1
SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CDBA120GS Thru CDBA1100GS)
Fig. 1 - Reverse Characteristics
100 100
Fig.2 - Forward Characteristics
CDBA120-140GS
Reverse Current ( mA )
Forward Current ( A )
10
10
CDBA160GS
CDBA180-1100GS
1
1
Tj=75 C
0.1
0.1
Tj=25 C
0.01 0.01
Tj=25 C Pulse width 300uS 4% duty cycle
0
20
40
60
80
100 120 140 160 180 200
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage (V)
1.9 2.1
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
350 300
Junction Capacitance (pF)
=1MHz and applied 4VDC reverse voltage
Fig. 4 - Current Derating Curve
250 200 150 100 50 0 0.01 0.1 1.0 10 100
Average Forward Current ( A )
1.2
1.0
CD
0.8
0.6
BA
CD BA 12 0-1 40
16 10 0-1 0G S
0.4 0.2
0
20 40 60 80 100
Reverse Voltage (V)
Ambient Temperature ( C)
GS
120
140
160
Fig. 5 - Non repetitive forward surge current
Peak surge Forward Current ( A )
50
8.3mS Single Half Sine Wave JEDEC methode
40 30
Tj=25 C
20
10
0
1 5 10 50 1 00
Number of Cycles at 60Hz
MDS0208007C
Page 2


▲Up To Search▲   

 
Price & Availability of CDBA1100GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X