|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DEUTERIUM LAMP RELATED PRODUCTS POWER SUPPLY C7860/OEM POWER SUPPLY M7628 FEATURES s Compact s High Cost Performance s Designed based on EN/UL standard (M7628) The C7860 designed based on EN standard only. s Constant Current Power Supply Left: C7860, Right: M7628 SPECIFICATION Input Parameter Input Voltage Input Current Output Voltage With Load Without Load C7860 90 to 115 (/Automatic) 250 (ac) 180 to Output Current Current Fluctuation (p-p) Output Current Drift at + 25 C Heater Voltage Output Voltage Heater Current Output Current Warm-up Time Trigger Voltage Operation Ambient Temperature Storage Cooling Dimensions ( W x H x D ) Weight -- 113 x 122 x 220 2.7 Unit V 2 A Max. 80 V dc Typ. 160 V dc Min. 300 15 mA 0.5 % Max. 0.1 %/h Max. See below -- See below -- 25 5 s 600 50 V peak 0 to +40 C -40 to +60 C 20 CFM of Forced Air Cooling -- 100 x 118 x 36.2 mm 0.17 kg M7628 24 2.4 (dc) HEATER VOLTAGE AND CURRENT Type Number C7860/M7628-2510 C7860/M7628-2517A C7860/M7628-3000A C7860/M7628-1035A C7860/M7628-1070 C7860/M7628-1555A Warm-up Voltage Current (V dc) (A dc) 2.5 0.15 4 2.5 0.15 4 3 0.15 5 10 0.5 0.8 10 0.5 1.2 15 0.75 0.5 Operation Voltage Current (V dc) (A dc) 1 0.05 1.8 1.7 0.1 3.3 0 0 3.5 0.2 0.3 7 0.35 1 5.5 0.3 0.3 Applicable Lamps L6565, L7293, L7303, L6999, L7307, L7174 L7297, L7298, L6303, L6304, L7304, L7306 L6566, L6305, L6306 L7291, L7294, L6307, L6308, L7292 L7296, L7295, L6309, L6310 L6311, L6312 NOTE: A C7860 series are manufactured only when the order is placed. Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c) 2000 Hamamatsu Photonics K.K. DEUTERIUM LAMP POWER SUPPLY C7860/M7628 SERIES s Dimensional Outline (Unit: mm) C7860 TOP VIEW 113 FRONT VIEW 200 SIDE VIEW REAR VIEW TLSOA0061EA M7628 118 102 7.7 36.2 MAX. 1.5 6.2 8.1 86.4 INPUT POWER DISABLE (5) +24 VDC 10 % (6) +24 RETURN (GND) (7) +5 VDC (+) (8) +5 RETURN (-) 1.8 k 7 8 OPTO COUPLER DISABLE INPUT CIRCUIT #6-32 SCREW TERMINALS, 8 PLACES 7 100 POSITION (1) ANODE DEUTERIUM (2) APERTURE LAMP (3) HEATER (4) GROUND (GND) 9.5 28.5 MAXIMUM COMPONENT HEIGHT DISABLE FUNCTION DISABLE = +5 V BETWEEN PINS 7 & 8 POLARITY AS INDICATED, LOAD = 2 mA ENABLE = 0 V BETWEEN PINS 7 & 8 OR PINS 7 & 8 OPEN 122 4-M3 TLSOA0057EA Precautions When Using Deuterium Lamps 1. High voltage is used to operate the lamp. Use extreme caution to prevent electric shocks. 2. The guarantee period will be one year after shipment. The area of guarantee is limited to replacement of the faulty lamp. Faults resulting from natural disasters and incorrect usage will also be excluded from guarantee. These product conforms to SAFETY/ EN61010-1 of the European Union. The M7628 is recognized upon UL 1950 (File No.191652). DEUTERIUM LAMP HOUSING E8039 This lamp housing was designed to allow easy operation of deuterium lamps such as L2D2 lamps and provide full lamp performance. It accommodates a lamp with a flange so that no optical alignment is required. The built-in interlock and forced-air cooling functions ensure high safety. Collimating lenses and fiber guide adaptors are also available as easy-to-replace options, which easily attach to the light exit and allow obtaining the desired light beam. FEATURES s Compact Compact case installation. allows easy handling and s No Optical Alignment Required Designed to accommodate an L2D2 lamp with a flange which eliminates arc point shift. Absolutely no optical alignment is required over the life of the lamp or when replacing the lamp. s High Stability Lamp housing design allows the L2D2 lamp to fully achieve its highly stable operation (fluctuation(p-p) within 0.05%). s Easy Replacement of Optional Parts As easy-to-replace options, collimating lenses and fiber guide adaptors that easily attach to the light exit are available, allowing you to obtain the desired light beam. s High Safety, Interlock Function The interlock function turns off the lamp if the cover comes off. The surface temperature of the lamp housing is maintained below +50 C. APPLICATIONS s Light sources in various experiments s Light sources in spectrophotometry SPECIFICATION Parameter Suitable Lamp Lamp Power Consumption Spectral Distribution Anode Current Tube Drop Voltage Material Dimension Optical Axis Height Description/Value L2D2 L6999-51 Approx. 30 185 to 400 80 300 Fused Silica 10 72 (include feet height) Forced Air Cooling (Built-in cooling fan) 0 to +40 +5 to +35 30 to 90 120 x 107 x 140 (exclude projection part) Approx. 2.3 C7860-2510 A Unit -- W nm V dc Typ. mA dc -- mm mm -- C C % mm kg -- Lamp Output Window Cooling Function Operating Ambient Temperature Recommended Operating Temperature Operating Humidity Dimensions ( W x H x D ) Weight Suitable Power Supply Type No. NOTE: A A8087 cable should be necessary for connection between C7860 series and E8039. Optional Parts SMA Fiber Guide Adaptor with Lens (for thin diameter fiber) Collimating Lens (Material: Fused Silica, Dimension: 10 mm, Focal Point: 20 mm, Light output: collimating) Power Supply C7860 series, Connection cable A8087 and Lamp L6999-51 are optional. DEUTERIUM LAMP HOUSING E8039 s Dimensional Outlines (Unit: mm) 120 9.5 107 60 LAMP REPLACEMENT PORT OUTPUT WINDOW 10 140 63 ARC POINT TLSOA0062EA Precautions When Using Deuterium Lamps 1. High voltage is used to operate the lamp. Use extreme caution to prevent electric shocks. 2. The guarantee period will be one year after shipment. The area of guarantee is limited to replacement of the faulty lamp. Faults resulting from natural disasters and incorrect usage will also be excluded from guarantee. HOMEPAGE URL http://www.hamamatsu.com HAMAMATSU PHOTONICS K.K., Electron Tube Center 314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205 U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se TLSO1036E03 Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it 9 OCT. 2000 IP Printed in Japan (1000) |
Price & Availability of C7860 |