Part Number Hot Search : 
M1MA15 BSP280 M1200 AUIRF7 LH1526A IXTA2 LC82102W AUIRF7
Product Description
Full Text Search
 

To Download BTS240A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPFET(R)
BTS 240A
Features
q q q q
N channel Enhancement mode Temperature sensor with thyristor characteristic The drain pin is electrically shorted to the tab
1 2 3
Pin
1 G
2 D
3 S
Type BTS 240A
VDS
50 V
ID
58 A
RDS(on)
0.018
Package TO-218AA
Ordering Code C67078-A5100-A3
Maximum Ratings Parameter Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Continuous drain current, TC = 73 C ISO drain current TC = 85 C, VGS = 10 V, VDS = 0.5 V Pulsed drain current, Short circuit current, Symbol Values 50 50 20 58 21.0 232 147 2200 170 - 55 ... + 150 E 55/150/56 K/W 0.74 45 C - W A Unit V
VDS VDGR VGS ID ID-ISO ID puls ISC PSCmax Ptot Tj, Tstg
- -
TC = 25 C Tj = - 55 ... + 150 C
Short circuit dissipation, Tj = - 55 ... + 150 C Power dissipation Operating and storage temperature range DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal resistance Chip-case Chip-ambient
Rth JC Rth JA
Semiconductor Group
1
04.97
BTS 240A
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static Characteristics Drain-source breakdown voltage VGS = 0, ID = 0.25 mA Gate threshold voltage VGS = VDS, ID = 1 mA Zero gate voltage drain current VGS = 0 V, VDS = 50 V Tj = 25 C Tj = 125 C Gate-source leakage current VGS = 20 V, VDS = 0 Tj = 25 C Tj = 150 C Drain-source on-state resistance VGS = 10 V, ID =47 A Dynamic Characteristics Forward transconductance VDS 2 x ID x RDS(on)max, ID = 47 A Input capacitance VGS = 0, VDS = 25 V, f = 1 MHz Output capacitance VGS = 0, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = 0, VDS = 25 V, f = 1 MHz Values typ. max. Unit
V(BR)DSS
50 - 3.0 - 3.5
V
VGS(th)
2.5
IDSS
- - 0.1 10 1.0 100
A
IGSS
- - 10 2.0 0.012 100 4.0 0.018 nA A -
RDS(on)
gfs
20.0 43.0 2.9 1.4 0.5 50 150 350 250 -
S nF - 4.3 2.1 0.8 75 230 560 330 ns
Ciss Coss
-
Crss
- - - - -
Turn-on time ton, (ton = td(on) + tr) td(on) VCC = 30 V, VGS = 10 V, ID = 3 A, RGS = 50 t
r
Turn-off time toff, (toff = td(off) + tf) td(off) VCC = 30 V, VGS = 10 V, ID = 3 A, RGS = 50 t
f
Semiconductor Group
2
BTS 240A
Electrical Characteristics (cont'd) at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Reverse Diode Continuous source current Pulsed source current Diode forward on-voltage I F = 116 A, VGS = 0 Reverse recovery time I F = I S, diF/dt = 100 A/s, VR = 30 V Reverse recovery charge I F = I S, diF/dt = 100 A/s, VR = 30 V Temperature Sensor Forward voltage I TS(on) = 10 mA, Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Forward current Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Holding current, VTS(off) = 5 V, Switching temperature VTS = 5 V Turn-off time VTS = 5 V, ITS(on) = 2 mA Values typ. max. Unit
IS I SM VSD
- - -
- - 1.6 100 0.3
58 232
A V
2.0 ns - C -
t rr
-
Q rr
-
VTS(on)
0.7 - 1.4 - - - 0.1 0.2 - - 1.5 10
V
ITS(on)
- - 10 600 0.5 0.3
mA
Tj = 25 C Tj = 150 C
IH TTS(on)
0.05 0.05 150
C - s 0.5 2.5
toff
Semiconductor Group
3
BTS 240A
Examples for short-circuit protection at Tj = - 55 ... + 150 C, unless otherwise specified. Parameter Symbol 1 Examples 2 - Unit
Drain-source voltage Gate-source voltage Short-circuit current Short-circuit dissipation Response time Tj = 25 C, before short circuit
VDS VGS ISC PSC tSC(off)
15 6.4 < 147 < 2200 < 25
30 5.1 < 67 < 2000 < 25
- - - - -
V A W ms
Short-circuit protection ISC = f (VDS) Parameter: VGS Diagram to determine ISC for Tj = - 55 ... +150C
Max. gate voltage VGS(SC) = f (VDS) Parameter: Tj = - 55 ... + 150 C
Semiconductor Group
4
BTS 240A
Max. power dissipation Ptot = f (TC)
Typ. drain-source on-state resistance RDS(on) = f (ID) Parameter: VGS
Typical output characteristics ID = f (VDS) Parameter: tp = 80 s
Safe operating area ID = f (VDS) Parameter: D = 0.01, TC = 25 C
Semiconductor Group
5
BTS 240A
Drain-source on-state resistance RDS(on) = f (Tj) Parameter: ID = 47 A, VGS = 10 V (spread)
Gate threshold voltage VGS(th) = f (Tj) Parameter: VDS = VGS, ID = 1 mA
Typ. transfer characteristic ID = f (VGS) Parameter: tp = 80 s, VDS = 25 V
Typ. transconductance gfs = f (ID) Parameter: tp = 80 s, VDS = 25 V
Semiconductor Group
6
BTS 240A
Continuous drain current ID = f (TC) Parameter: VGS 10 V
Forward characteristics of reverse diode IF = f (VSD) Parameter: Tj, tp = 80 s (spread)
Typ. gate-source leakage current IGSS = f (TC) Parameter: VGS = 20 V, VDS = 0
Typ. capacitances C = f (VDS) Parameter: VGS = 0, f = 1 MHz
Semiconductor Group
7
BTS 240A
Transient thermal impedance ZthJC = f (tp) Parameter: D = tp/T
Semiconductor Group
8
BTS 240A Package Outlines
TO-218 AA Standard
Ordering Code C67078-S5100-A3
Semiconductor Group
9


▲Up To Search▲   

 
Price & Availability of BTS240A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X