Part Number Hot Search : 
FM4006 0100CT CWTF2 1344174 B66322 74LCX54 50B60PD 00405
Product Description
Full Text Search
 

To Download BDW83B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BDW83, BDW83A, BDW83B, BDW83C, BDW83D NPN SILICON POWER DARLINGTONS
Copyright (c) 1997, Power Innovations Limited, UK AUGUST 1978 - REVISED MARCH 1997
q
Designed for Complementary Use with BDW84, BDW84A, BDW84B, BDW84C and BDW84D 150 W at 25C Case Temperature 15 A Continuous Collector Current Minimum hFE of 750 at 3 V, 6 A
E B
SOT-93 PACKAGE (TOP VIEW) 1
q q q
C
2
3 Pin 2 is in electrical contact with the mounting base.
MDTRAA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING BDW83 BDW83A Collector-base voltage (IE = 0) BDW83B BDW83C BDW83D BDW83 BDW83A Collector-emitter voltage (IB = 0) (see Note 1) BDW83B BDW83C BDW83D Emitter-base voltage Continuous collector current Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Unclamped inductive load energy (see Note 4) Operating junction temperature range Operating temperature range Operating free-air temperature range NOTES: 1. 2. 3. 4. V EBO IC IB Ptot Ptot 1/2LIC 2 Tj Tstg TA VCEO VCBO SYMBOL VALUE 45 60 80 100 120 45 60 80 100 120 5 15 0.5 150 3.5 100 -65 to +150 -65 to +150 -65 to +150 V A A W W mJ C C C V V UNIT
These values apply when the base-emitter diode is open circuited. Derate linearly to 150C case temperature at the rate of 1.2 W/C. Derate linearly to 150C free air temperature at the rate of 28 mW/C. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 5 mA, R BE = 100 , VBE(off) = 0, RS = 0.1 , VCC = 20 V.
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
BDW83, BDW83A, BDW83B, BDW83C, BDW83D NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER TEST CONDITIONS BDW83 V (BR)CEO Collector-emitter breakdown voltage BDW83A IC = 30 mA IB = 0 (see Note 5) BDW83B BDW83C BDW83D VCE = 30 V ICEO Collector-emitter cut-off current V CE = 30 V V CE = 40 V V CE = 50 V V CE = 60 V VCB = 45 V V CB = 60 V V CB = 80 V V CB = 100 V ICBO Collector cut-off current V CB = 120 V V CB = 45 V V CB = 60 V V CB = 80 V V CB = 100 V V CB = 120 V IEBO hFE VBE(on) VCE(sat) VEC Emitter cut-off current Forward current transfer ratio Base-emitter voltage Collector-emitter saturation voltage Parallel diode forward voltage VEB = VCE = V CE = VCE = IB = 5V 3V 3V 3V 12 mA IB = 0 IB = 0 IB = 0 IB = 0 IB = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IE = 0 IC = 0 IC = 6 A IC = 15 A IC = 6 A IC = 6 A IC = 15 A IB = 0 (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) 750 100 2.5 2.5 4 3.5 V V V TC = 150C TC = 150C TC = 150C TC = 150C TC = 150C BDW83 BDW83A BDW83B BDW83C BDW83D BDW83 BDW83A BDW83B BDW83C BDW83D BDW83 BDW83A BDW83B BDW83C BDW83D MIN 45 60 80 100 120 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 5 5 5 5 5 2 20000 mA mA mA V TYP MAX UNIT
IB = 150 mA IE = 15 A
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 0.83 35.7 UNIT C/W C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton toff
TEST CONDITIONS IC = 10 A V BE(off) = -4.2 V IB(on) = 40 mA RL = 3
MIN IB(off) = -40 mA tp = 20 s, dc 2%
TYP 0.9 7
MAX
UNIT s s
Turn-on time Turn-off time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
PRODUCT
INFORMATION
2
BDW83, BDW83A, BDW83B, BDW83C, BDW83D NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 70000
TCS140AG
COLLECTOR-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
2*0 tp = 300 s, duty cycle < 2% IB = IC / 100 1*5
TCS140AH
hFE - Typical DC Current Gain
TC = -40C TC = 25C TC = 100C 10000
1*0
1000
0*5 TC = -40C TC = 25C TC = 100C 0 0*5 1*0 IC - Collector Current - A 10 20
VCE = 3 V t p = 300 s, duty cycle < 2% 100 0*5 1*0 IC - Collector Current - A 10 20
Figure 1.
Figure 2.
BASE-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
3*0 VBE(sat) - Base-Emitter Saturation Voltage - V TC = -40C TC = 25C 2*5 TC = 100C
TCS140AI
2*0
1*5
1*0
0*5
IB = IC / 100 tp = 300 s, duty cycle < 2% 1*0 IC - Collector Current - A 10 20
0 0*5
Figure 3.
PRODUCT
INFORMATION
3
BDW83, BDW83A, BDW83B, BDW83C, BDW83D NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
100
SAS140AB
IC - Collector Current - A
10
1*0 BDW83 BDW83A BDW83B BDW83C BDW83D 0*1 1*0 10 100 1000
VCE - Collector-Emitter Voltage - V
Figure 4.
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
160 Ptot - Maximum Power Dissipation - W 140 120 100 80 60 40 20 0 0 25 50 75 100 125 150 TC - Case Temperature - C
TIS140AB
Figure 5.
PRODUCT
INFORMATION
4
BDW83, BDW83A, BDW83B, BDW83C, BDW83D NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
MECHANICAL DATA SOT-93 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
SOT-93 4,90 4,70
o
4,1 4,0
15,2 14,7
3,95 4,15
1,37 1,17
16,2 MAX. 12,2 MAX.
31,0 TYP.
18,0 TYP.
1 1,30 1,10
2
3 0,78 0,50 11,1 10,8 2,50 TYP.
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW
PRODUCT
INFORMATION
5
BDW83, BDW83A, BDW83B, BDW83C, BDW83D NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
6


▲Up To Search▲   

 
Price & Availability of BDW83B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X