Part Number Hot Search : 
2SA1834R C1317 05002 BR404 MAX2470 F1621 FP40R12 MMBT5089
Product Description
Full Text Search
 

To Download BB644 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB 644
Silicon Variable Capacitance Diode Preliminary data * For VHF TV-tuners * High capacitance ratio * Low series inductance * Low series resistance * Extremely small plastic SMD package * Excellent uniformity and matching due to "in-line" matching assembly procedure
Type BB 644 BB 644
Marking Ordering Code yellow 4 yellow 4 Q62702-B0905 group matched Q62702-B0907 unmatched
Pin Configuration Package 1=C 2=A SOD-323
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage (R 5k) Forward current Operating temperature range Storage temperature Symbol Value 30 35 20 -55 ...+150 -55 ...+150 mA C Unit V
VR VRM IF T op T stg
Semiconductor Group Semiconductor Group
11
Jul-09-1998 1998-11-01
BB 644
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Reverse current typ. max. 10 100
Unit
IR IR
-
nA
VR = 30 V
Reverse current
VR = 30 V, TA = 85 C
AC characteristics Diode capacitance
CT
39 29.4 2.5 2.4 41.8 31.85 27 2.55 11.8 16.4 0.6 1.8 44.5 34.2 2.85 2.75 12.5 17.5 2 0.75 -
pF
VR = 1 V, f = 1 MHz VR = 2 V, f = 1 MHz VR = 25 V, f = 1 MHz VR = 28 V, f = 1 MHz
Capacitance ratio
CT2/C T25
11
-
VR = 2 V, VR = 25 V, f = 1 MHz
Capacitance ratio
CT1/C T28 15.2
CT/C T -
VR = 1 V, VR = 28 V, f = 1 MHz
Capacitance ratio 1) % nH
VR = 1 V, VR = 28 V, f = 1 MHz
Series resistance
rs Ls
VR = 1 V, f = 1 GHz
Series inductance
1) In-line matching. For details please refer to Application Note 047
Semiconductor Group Semiconductor Group
22
Jul-09-1998 1998-11-01
BB 644
Diode capacitance CT = f (V R) f = 1MHz
70
pF
60
CT
55 50 45 40 35 30 25 20 15 10 5 0 0 5 10 15 20 25
V
35
VR
Semiconductor Group Semiconductor Group
33
Jul-09-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BB644

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X