Part Number Hot Search : 
AD976 TC4020BF TC4020BF TC4020BF BHCS600F 2N541 CMA60125 B1118
Product Description
Full Text Search
 

To Download AT-260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Attenuator, 31 dB, 5-Bit DC - 2 GHz
Features
Attenuation: 1-dB Steps to 31 dB q Temperature Stability: 0.15 dB from -40C to +85C Typical q Ultra Low DC Power Consumption q Low Intermodulation Products: IP = 50 dBm 3 q Low Cost SSOP 20 Plastic Package q Tape and Reel Packaging Available
q
AT-260
V 2.00
SSOP-20
Description
M/A-COM's AT-260 is a 5-bit, 1-dB step GaAs MMIC digital attenuator in a low cost SSOP-20 surface mount plastic package. The AT-260 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required at a low cost. Typical applications include radio and cellular equipment, wireless LANS, GPS equipment and other Gain/Level Control circuits.
Ordering Information
The AT-260 is fabricated with a monolithic GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.
Part No. AT-260 PIN AT-260TR AT-260RTR Package SSOP 20-Lead Forward Tape & Reel* Reverse Tape & Reel*
Electrical Specifications, TA = 25C
Parameter Reference Insertion Loss Test Conditions 1
*
If specific reel size is requIred, consult factory for part number assignment.
Attenuation Accuracy 2 VSWR Trise, Tfall Ton, Toff Transients One dB Compression IP2
DC - 0.1 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 2.0 GHz (any state) 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In Band Input Power 0.05 GHz Input Power 0.5-2.0 GHz Measured Relative 0.05 GHz to Input Power 0.5-2.0 GHz (for two-tone input power up to +5 dBm) Measured Relative 0.05 GHz to Input Power 0.5-2.0 GHz (for two-tone input power up to +5 dBm)
Unit Min. Typ. Max dB 1.6 1.8 dB 1.7 1.9 dB 1.9 2.2 dB 2.2 2.5 (0.20 dB + 3% of Atten. Setting in dB) dB (0.30 dB + 3% of Atten.Setting in dB) dB 1.5:1 nS 8 nS 15 mV 2 dBm 20 dBm 27 dBm dBm dBm dBm 45 60 34 50
IP3
1. All measurements at 1 GHz in a 50 system, unless otherwise specified. 2.Attenuation accuracy specifications apply with negative bias control and low inductance grounding.
V 2.00
Absolute Maximum Ratings1
Parameter Max. Input Power 0.05 GHz 0.5-2.0 GHz Control Voltage Operating Temperature Storage Temperature Absolute Maximum +27 dBm +34 dBm +5V, -8.5V -40C to +85C -65C to +150C
Functional Schematic
1. Operation of this device above any one of these parameters may cause permanent damage.
Typical Performance Pin Configuration
Pin No. 1 2 3 4 5 6 7 8 9 10 Description VC1 VC1 VC2 VC2 VC3 VC3 VC4 VC4 NC VC5 Pin No. 11 12 13 14 15 16 17 18 19 20 Description RF1 GND GND GND GND GND GND GND GND RF2
Truth Table
Control Inputs VC5 VC4 VC4 VC3 VC3 VC2 VC2 VC1 VC1 Attenuation (dB) 1 1 0 1 0 1 0 10 Reference 0 1 1 1 1 0 1 0 1 1 1 0 0 1 0 0 0 1 1 1 0 1 1 0 0 0 1 0 0 1 1 1 1 0 1 0 0 0 0 1 0 1 1 1 1 1 0 0 0 0 0 0 1 1 1 dB 2 dB 4 dB 8 dB 16 dB 31 dB
0 = V IN Low = 0 V = 0 to -0.2 V @ 20 A maximum 1 = VIN High = -5 V @ 20 A typical to -8 V @ 200 A maximum


▲Up To Search▲   

 
Price & Availability of AT-260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X