Part Number Hot Search : 
SHIELD BX3032 BA5417 15881 574MT BAS125 Y14B2 SW260
Product Description
Full Text Search
 

To Download AM1517-025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM1517-025
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
* REFRACTORY/GOLD METALLIZATION * EMITTER SITE BALLASTED * :1 VSWR CAPABILITY * LOW THERMAL RESISTANCE * INPUT/OUTPUT MATCHING * OVERLAY GEOMETRY * METALLIC/CERAMIC HERMETIC PACKAGE * POUT = 25 W MIN. WITH 8.5 dB GAIN
ORDER CODE
AM1517-025
SO42
hermetically sealed
BRANDING
1517-25
PIN CONNECTION DESCRIPTION The AM1517-025 power transistor is designed specifically for Satellite communications applications in the 1.5 - 1.7 frequency range. The device is capable of withstanding any mismatch load condition at any phase angle (VSWR :1) under full rated conditions. The unit is an overlay, emitter site ballasted, geometry utilizing a refractory/Gold metallization system. TM The AM1517-025 is supplied in the AMPAC Hermetic/Ceramic package with internal Input/ Output matching structures.
1
4
3
2
1. Collector 2. Base
3. Emitter 4. Base
ABSOLUTE MAXIMUM RATINGS(TCASE = 25 0C)
Symbol PDISS IC V CC Tj TSTG Parameter Power Dissipation* ( Tc 50 0C) Device Current* Collector-Supply Voltage* Junction Temperature Storage Temperature Value 45 2.5 30 200 -65 to +200 Unit W A V
0C 0C
THERMAL DATA
R th(j-c) May 2000 Junction-Case Thermal Resistance* 3.3
0C/W
* Applies only to rated RF amplifier operation
1/8
AM1517-025
ELECTRICAL SPECIFICATION(TCASE = 25 0C) STATIC
Symbol BVCBO BVEBO ICBO hFE IC = 8 mA IE = 8 mA VCB = 28 V VCE = 5 V IC = 1.6 A Parameter IE = 0 mA IC = 0 mA Min. 45 3.0 --15 Typ. --------Max. ----2 150 Unit V V mA ---
REF. 1015989D
DYNAMIC
Symbol POUT f = 1.5 - 1.7 GHz f = 1.5 - 1.7 GHz f = 1.5 - 1.7 GHz Parameter PIN = 3.5 W PIN = 3.5 W PIN = 3.5 W VCC = 28 V VCC = 28 V VCC = 28 V Min. 25 50 8.5 Typ. -----Max. ------Unit W % dB
D
GP
Note: AM1517 series vary PIN to achieve POUT; performance guaranteed in 50 MHz increments. Alpha-Suffix added to AM1517 P/N desigates band segment. M - 1620 - 1660 MHz S - 1625 - 1675 MHz
2/8
AM1517-025 TYPICAL PERFORMANCE
Output Power & Collector Efficiency vs Input Power Output Power vs Case Temperature
Collector Efficiency vs Case Temperature
Output Power & Collector Efficiency vs Collector Voltage
Gain vs Case Temperature
3/8
AM1517-025
IMPEDANCE DATA
TYPICAL INPUT IMPEDANCE
ZIN
POUT = 25 W VCC = 28 V ZO = 50 OHMS
Frequency MHz 1.5 GHz 1.6 GHz 1.7 GHz
ZIN
ZCL
()
8.5 + j 13.0 8.0 + j 12.5 9.0 + j 12.0
()
12.0 - j 4.0 7.5 - j 4.5 9.0 - j 6.0
TYPICAL COLLECTOR LOAD IMPEDANCE
ZCL
POUT = 25 W VCC = 28 V ZO = 50 OHMS
4/8
AM1517-025
TEST CIRCUIT SCHEMATIC
REV. 1022332D
TEST CIRCUIT COMPONENT PART LIST
C1,C2 C3 C4 C5 L1 L2 BOARD 0.4-2.5pF GIGA TRIM VARIABILE CAPACITOR 100pF SURFACE MOUNT CERAMIC CHIP CAPACITOR 1000pF RESIN SEALED # 8-35 THREADED FEEDTHRU CAPACITOR 0.1F/50v CERAMIC MOLDED RADIAL LEAD CAPACITOR 3 TURN AIR WOUND COIL #26AWG, ID. 0.070 [1.77] BUS BAR WIRE 3 TURN AIR WOUND COIL #26AWG, ID. 0.070 [1.77] BUS BAR WIRE ALUMINA CERAMIC SUBSTRATE, HIGH POLISHED 1.0" SQ [25.40], 0.025" [0.63] THK. 200 MICROINCHES Au, BOTH SIDES
r=9.6,
5/8
AM1517-025
TEST CIRCUIT
TEST CIRCUIT PHOTOMASTER
1 inch
0.773 inches
6/8
0.824 inches
AM1517-025
SO42 (.400 X .400 2/L HERM W/FLG) MECHANICAL DATA
DIM. A B C D E F G H I J K L M N P Q 22.35 16.26 22.61 10.03 0.10 1.32 2.84 9.55 2.79 10.03 4.90 11.43 3.18 16.76 23.11 10.54 0.18 1.83 3.35 5.84 23.37 .880 .640 .890 .395 .004 .052 .112 mm MIN. 0.51 6.35 10.06 3.30 10.34 .376 .110 .395 .193 .450 .125 .660 .910 .415 .006 .072 .132 .230 .920 TYP. MAX 0.76 MIN. .020 .250 .396 .130 .407 Inch TYP. MAX .030
1011416B
7/8
AM1517-025
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. N o license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics, 2000 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of AM1517-025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X