Part Number Hot Search : 
ILC6360 BX24P4L HPR210 A30101 ATF13786 MAA4868K 40006 SAA73
Product Description
Full Text Search
 

To Download AA280-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AA280-25
(Previously AD280-25)*
Features
I Attenuation 0.5 dB Steps to 15.5 dB with High Accuracy I Low DC Power Consumption I Low Cost SOIC-16 Plastic Package
SOIC-16
PIN 16 0.050 (1.27 mm) BSC
PIN 1 INDICATOR
0.244 (6.20 mm) 0.228 (5.80 mm)
Description
The AD280-25 is a 5 bit, GaAs IC FET digital attenuator in a low cost SOIC-16 package. This attenuator has an LSB of 0.5 dB and a total attenuation of 15.5 dB. The AD280-25 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include cellular radio, wireless data, wireless local loop and other gain level control circuits.
PIN 1 0.068 (1.73 mm) MAX.
0.020 (0.51 mm) 0.013 (0.33 mm) 0.049 (1.24 mm) 0.016 (0.41 mm)
0.016 MAX. (0.41 mm) x 45 CHAMFER 8 MAX.
0.394 (10.00 mm) 0.386 (9.80 mm) 0.010 (0.25 mm) 0.004 (0.10 mm) 0.0098 (0.25 mm) 0.0075 (0.19 mm) 0.158 (4.00 mm) 0.150 (3.80 mm)
Electrical Specifications at -40C to +85C (0, -5 V)
Parameter1 Insertion Loss3 Condition Frequency2 DC-0.5 GHz DC-1.0 GHz DC-2.0 GHz DC-1.0 GHz DC-2.0 GHz VSWR (I/O)4 Switching Characteristics5 Rise, Fall (10/90% or 90%/10% RF) On, Off (50% CTL to 90%/10% RF) Video Feedthru 0.5-2.0 GHz 0.05 GHz For Two-tone Input Power +5 dBm VLow = 0 to 0.2 V @ 20 A Max. VHigh = -5 V @ 300 A Max.
4. Input/Output 5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
Min.
Typ. 1.1 1.4 1.7 15.5
Max. 1.3 1.7 2.0
Unit dB dB dB dB dB dB nS nS mV dBm dBm dBm dBm
Attenuation Range Attenuation Accuracy3
(0.2 + 3% of Attenuation Setting in dB) (0.4 + 3% of Attenuation Setting in dB) 1.4:1 15 25 25 +24 +17 +44 +35 +29 +22 +50 +40 1.8:1
DC-2.0 GHz
Input Power for 1 dB Compression Intermodulation Intercept Point (IP3) Control Voltages
0.5-2.0 GHz 0.05 GHz
1. All measurements made in a 50 system, unless otherwise specified. 2. DC = 300 kHz. 3. Attenuation referenced to insertion loss.
*Due to conflict with another company's product numbering system, Alpha's attenuator products starting with the letters "AD" are being changed to "AA".
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 11/00A
1
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AA280-25
Typical Performance Data (0, -5 V)
-0.50 -0.75 -40C 1.5 1.4 +85C -1.25 -1.50 -1.75 -2.00 0 0.5 1.0 1.5 2.0 1.1 1.0 0 0.5 1.0 1.5 2.0 +25C 1.3 1.2 1 dB 0.5 dB Ins. Loss 15.5 dB 8 dB 4 dB 2 dB
Insertion Loss (dB)
-1.00
Frequency (GHz)
VSWR
Frequency (GHz)
Insertion Loss vs. Frequency
58 +25C 56 1.4 +85C -40C 1.5
VSWR vs. Frequency (25C)
15.5 dB
8 dB 4 dB 2 dB
IP3 (dBm)
54 52 50 48 46
VSWR
1.3 1.2 0.5 dB 1.1 1 dB 1.0 Ins. Loss
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0
0.5
1.0
1.5
2.0
Attenuation (dB)
Frequency (GHz)
IP3 vs. Attenuation and Temperature
VSWR vs. Frequency (85C)
1.5 15.5 dB 1.4 8 dB 4 dB
Compression Point vs. Attenuation, Voltage, and Temperature
VSWR
Input Power @ 1 dB Compression Attenuation Control State Voltage (V) +25C (dBm) +85C (dBm) -40C (dBm) Ins. Loss -5 28.30 28.10 29.10 0.5 dB 1.0 dB 2.0 dB 4.0 dB 8.0 dB 15.5 dB -5 -5 -5 -5 -5 -5 28.50 28.70 28.40 32.90 36.80 32.70 28.30 28.70 28.30 32.90 36.80 32.10 29.40 29.60 29.10 33.90 36.80 32.80
1.3 1.2 0.5 dB 1.1 1 dB 1.0 0 0.5 1.0 1.5 Ins. Loss
2 dB
2.0
Frequency (GHz)
VSWR vs. Frequency (-40C)
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 11/00A
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AA280-25
0.5
20
Deviation from Nominal Attenuation (dB)
0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 0.5 1.0 1.5 2.0 15.5 dB 1 dB 0.5 dB 8 dB 4 dB 2 dB
Deviation from Nominal Insertion Phase (Deg.)
0.4
15 15.5 dB 10 5 0 1 dB -5 0 0.5 1.0 1.5 2.0 4 dB 8 dB 2 dB
0.5 dB
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25C)
0.5 20
Attenuation Phase Accuracy vs. Frequency (25C)
Deviation from Nominal Attenuation (dB)
Deviation from Nominal Insertion Phase (Deg.)
0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 0.5 1.0 1.5 2.0 15.5 dB 1 dB 0.5 dB 8 dB 4 dB 2 dB
15 15.5 dB 10 4 dB 5 0 2 dB -5 0 0.5 1.0 1.5 2.0 1 dB 0.5 dB 8 dB
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85C)
0.5 20
Attenuation Phase Accuracy vs. Frequency (85C)
Deviation from Nominal Attenuation (dB)
0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 0.5
Deviation from Nominal Insertion Phase (Deg.)
0.4 8 dB 4 dB 2 dB
15 15.5 dB 10 5 0 -5 4 dB 8 dB
0.5 dB 15.5 dB
1 dB
0.5 dB
1 dB
2 dB
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40C)
Attenuation Phase Accuracy vs. Frequency (-40C)
3
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 11/00A
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AA280-25
Typical Performance Data (0, -3 V)
-0.50 -0.75
0.5
Deviation from Nominal Attenuation (dB)
0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 15.5 dB 0.5 dB 1 dB 8 dB 4 dB 2 dB
Insertion Loss (dB)
-40C -1.00 -1.25 +25C -1.50 -1.75 -2.00 0 0.5 1.0 1.5 2.0 85C
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
Attenuation Accuracy vs. Frequency (25C)
0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 0
1.5 1.4
8 dB 4 dB
Deviation from Nominal Attenuation (dB)
15.5 dB
8 dB
4 dB
2 dB 0.5 dB 1 dB
VSWR
1.3 1.2 0.5 dB 1.1 1 dB 1.0 0 0.5 1.0 1.5 2.0 2 dB Ins. Loss
15.5 dB
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
VSWR vs. Frequency (25C)
Attenuation Accuracy vs. Frequency (85C)
0.5
25
Deviation from Nominal Insertion Phase (Deg.)
20 15 10 1 dB 5 0 -5 0 0.5 1.0 1.5 2.0 4 dB 8 dB 2 dB 0.5 dB 15.5 dB
Deviation from Nominal Attenuation (dB)
0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 0.5 1.0 1.5 2.0 15.5 dB 1 dB 0.5 dB 8 dB 4 dB 2 dB
Frequency (GHz)
Frequency (GHz)
Attenuation Phase Accuracy vs. Frequency (25C)
Attenuation Accuracy vs. Frequency (-40C)
4
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 11/00A
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AA280-25
57 56 55 54 +85C
Compression Point vs. Attenuation, Voltage, and Temperature
Input Power @ 1 dB Compression Attenuation Control State Voltage (V) +25C (dBm) +85C (dBm) -40C (dBm) Ins. Loss -3 22.70 23.30 24.20 0.5 dB 1.0 dB -40C 2.0 dB 4.0 dB 8.0 dB 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 15.5 dB -3 -3 -3 -3 -3 -3 23.50 24.60 22.90 31.60 31.00 25.00 24.20 25.00 23.40 31.80 28.70 24.40 25.10 25.90 24.30 33.10 26.40 25.00
IP3 (dBm)
53 52 51 50 49 48 47 +25C
Attenuation (dB)
IP3 vs. Attenuation and Temperature
Pin Out
J1 GND GND GND GND GND GND
15 14 13 12 11 10
J2
9
Truth Table
V1 0.5 dB Bit -5 0 -5 -5 -5 -5 0 V2 1 dB Bit -5 -5 0 -5 -5 -5 0 V3 V4 V5 V6 V7 V8 2 dB Bit -5 -5 -5 0 -5 -5 0 0 0 0 -5 0 0 -5 4 dB Bit -5 -5 -5 -5 0 -5 0 0 0 0 0 -5 0 -5 8 dB Bit -5 -5 -5 -5 -5 0 0 0 0 0 0 0 -5 -5 Attenuation J1-J2 Reference I.L. 0.5 dB 1 dB 2 dB 4 dB 8 dB 15.5 dB Max. Atten.
16
8 dB
4 dB
2 dB
1 dB 0.5 dB
1
2
3
4
5
6
7
8
V8
V7
V6
V5
V4
V3
V2
V1
Absolute Maximum Ratings
Characteristic RF Input Power Control Voltage Operating Temperature Storage Temperature JC Value 2.0 W > 500 MHz 0/-8 V 0.5 W > 50 MHz 0/-8 V +0.2 V, -8 V -40C to +85C -65C to +150C 85C/W
Note: Exceeding these ratings may cause irreversible damage.
5
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 11/00A


▲Up To Search▲   

 
Price & Availability of AA280-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X