|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin I20203 rev. C 03/04 85HF(R) SERIES STANDARD RECOVERY DIODES Stud Version Features High surge current capability Stud cathode and stud anode version Leaded version available Types up to 1600V VRRM 85 A Typical Applications Battery charges Converters Power supplies Machine tool controls Welding Major Ratings and Characteristics 85HF(R) Parameters IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM TJ range range 100 to 1200 - 65 to 180 10 to 120 85 140 133 1700 1800 14500 13500 140 , 160 85 110 Units A C A A A A2s A2s 1400 , 1600 - 65 to 150 V C case style DO-203AB (DO-5) www.irf.com 1 85HF(R) Series Bulletin I20203 rev. C 03/04 ELECTRICAL SPECIFICATIONS Voltage Ratings Type number Voltage Code VRRM, maximum repetitive peak reverse voltage V 100 200 400 600 800 1000 1200 1400 1600 VRSM, maximum nonrepetitive peak reverse voltage V 200 300 500 700 900 1100 1300 1500 1700 IRRM max. @ TJ = TJ max. mA 9 10 20 40 85HF(R) 60 80 100 120 140 160 4.5 Forward Conduction Parameter I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current 85HF(R) Units Conditions 10 to 120 140 , 160 85 140 133 1700 1800 1450 1500 A 85 110 A C A t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms A2s t = 10ms t = 8.3ms A2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave I 2t Maximum I2t for fusing 14500 13500 10500 9400 I 2 t V F(TO) V F(TO) rf rf V FM Maximum I2t for fusing Value of threshold voltage (up to 1200V) Value of threshold voltage (for 1400V, 1600V) Value of forward slope resistance (up to 1200V) Value of forward slope resistance (up to 1200V) Max. forward voltage drop 1.2 16000 0.68 t = 0.1 to 10ms, no voltage reapplied TJ = TJ max. V 0.69 1.62 m 1.75 1.4 V TJ = TJ max. Ipk= 267A, TJ = 25C, tp = 400s rectangular wave TJ = TJ max. TJ = TJ max. 2 www.irf.com 85HF(R) Series Bulletin I20203 rev. C 03/04 Thermal and Mechanical Specifications Parameter TJ Tstg RthJC RthCS Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Maximum shock Maximum constant vibration Maximum constant acceleration T wt Max. allowed mounting torque 10% Approximate weight Case style (1) Available only for 88HF 85HF(R) 10 to 120 140 to 160 -65 to 180 -65 to 180 -65 to 150 -65 to 150 Units C Conditions 0.35 0.25 1500g 20g 5000g 2.3 - 3.4 20 - 30 17 (0.6) DO-203AB (DO5) Nm lbf * in g (oz) K/W DC operation Mounting surface, smooth, flat and greased see note (1) 50Hz Stud outwards see note (1) see note (1) Not lubricated threads unleaded device See Outline Table RthJC Conduction (The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC) Conduction angle 180 120 90 60 30 Sinusoidal conduction 0.10 0.11 0.13 0.17 0.26 Rectangular conduction Units 0.08 0.11 0.13 0.17 0.26 K/W Conditions TJ = TJ max. Ordering Information Table Device Code 85 1 1 - HF 2 R 3 160 4 M 5 85 = Standard device 86 = Not isolated lead 87 = Isolated lead with silicone sleeve (Red = Reverse polarity) (Blue = Normal polarity) 88 = Type for rotating application 2 3 4 5 - Standard diode None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) None = Stud base DO-203AB (DO-5) 1/4" 28UNF-2A M = Stud base DO-203AB (DO-5) M6 X 1 - (Not available for 88HF) www.irf.com 3 85HF(R) Series Bulletin I20203 rev. C 03/04 Outlines Table 85HF(R) Case Style DO-203AB (DO-5) All dimensions in millimeters (inches) 86HF(R) Case Style DO-203AB (DO-5) All dimensions in millimeters (inches) 4 www.irf.com 85HF(R) Series Bulletin I20203 rev. C 03/04 Outlines Table 88HF(R) Case Style DO-203AB (DO-5) All dimensions in millimeters (inches) Maximum Allowable Case Temperature (C) 85HF(R) Series (100V to 1200V) RthJC (DC) = 0.35 K/W Maximum Allowable Case Temperature (C) 180 170 160 150 180 170 160 150 85HF(R) Series (100V to 1200V) RthJC (DC) = 0.35 K/W Conduction Angle Conduction Period 30 30 140 130 60 90 120 180 140 130 0 20 60 90 120 180 DC 0 10 20 30 40 50 60 70 80 90 100 Average Forward Current (A) Fig. 1 - Current Ratings Characteristics 40 60 80 100 120 140 Average Forward Current (A) Fig. 2 - Current Ratings Characteristics www.irf.com 5 85HF(R) Series Bulletin I20203 rev. C 03/04 Maximum Allowable Case Temperature (C) Maximum Allowable Case Temperature (C) 150 85HF(R) Series (1400V to 1600V) RthJC (DC) = 0.35 K/W 150 85HF(R) Series (1400V to 1600V) RthJC (DC) = 0.35 K/W 140 Conduction Angle 140 130 120 30 Conduction Period 130 120 30 110 60 90 110 100 0 20 60 90 120 180 DC 120 180 100 0 10 20 30 40 50 60 70 80 90 100 Average Forward Current (A) Fig. 3 - Current Ratings Characteristics 40 60 80 100 120 140 Average Forward Current (A) Fig. 4 - Current Ratings Characteristics Maximum Average Forward Power Loss (W) 90 80 70 60 50 40 30 20 10 0 0 180 120 90 60 30 1K 0.7 Rth 1. 2K 3K 5 /W W SA K/W K/ =0 /W .5 K/W -D RMS Limit /W elta R Conduction Angle 85HF(R) Series (100V to 1200V) Tj = 180C 5 K/ W 10 K/W 0 10 20 30 40 50 60 70 80 90 20 40 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient Temperature (C) Fig. 5 - Forward Power Loss Characteristics Maximum Average Forward Power Loss (W) 120 100 80 DC 180 120 90 60 30 0.7 Rt hS 1 K/ W K/ W A= 0.5 1.5 K/ K/W W 2K -D /W elt aR 60 RMS Limit 40 20 0 0 20 40 60 80 Conduction Period 85HF(R) Series (100V to 1200V) Tj = 180C 3K /W 5 K/W 10 K/W 0 100 120 140 20 40 60 80 100 120 140 160 180 Maximum Allowable Ambient Temperature (C) Average Forward Current (A) Fig. 6 - Forward Power Loss Characteristics 6 www.irf.com 85HF(R) Series Bulletin I20203 rev. C 03/04 Maximum Average Forward Power Loss (W) 100 90 80 70 60 50 40 30 20 10 0 0 180 120 90 60 30 0.7 K/ Rt 1 hS K/ W A= W 1.5 0.5 K/ K/W W RMS Limit 2K -D /W elt aR 3K Conduction Angle 85HF(R) Series (1400V, 1600V) Tj = 150C /W 5 K/W 10 K/W 10 20 30 40 50 60 70 80 90 0 Average Forward Current (A) 25 50 75 100 125 150 Maximum Allowable Ambient Temperature (C) Fig. 7 - Forward Power Loss Characteristics Maximum Average Forward Power Loss (W) 140 120 100 80 60 RMS Limit 40 20 0 0 20 40 60 80 100 120 140 0 25 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient Temperature (C) DC 180 120 90 60 30 Rt hS A = 0.7 K/ 1K W 0. 5 K/ /W W -D 1.5 elt 2K K/W /W a R Conduction Period 85HF(R) Series (1400V, 1600V) Tj = 150C 3 K/W 5 K/W 10 K/W Fig. 8 - Forward Power Loss Characteristics 1600 Peak Half Sine Wave Forward Current (A) Peak Half Sine Wave Forward Current (A) 1400 1200 1000 800 600 400 1 At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = Tj Max. @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s 1800 1600 Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial Tj = Tj Max. No Voltage Reapplied 1400 Rated Vrrm Reapplied 1200 1000 800 600 400 85HF(R) Series 85HF(R) Series 10 100 200 0.01 0.1 Pulse Train Duration (s) 1 Number Of Equal Amplitude Half Cycle Current Pulses (N) Fig. 9 - Maximum Non-Repetitive Surge Current Fig. 10 - Maximum Non-Repetitive Surge Current www.irf.com 7 85HF(R) Series Bulletin I20203 rev. C 03/04 10000 Instantaneous Forward Current (A) Instantaneous Forward Current (A) 1000 Tj = 25C Tj = Tj Max. Tj = Tj Max 1000 100 Tj = 25C 100 85HF(R) Series up to 1200V 10 85HF (R) Series 10 0 1 2 3 4 5 6 Instantaneous Forward Voltage (V) Fig. 11 - Forward Voltage Drop Characteristics (up to 1200V) Transient Thermal Impedance Z thJC (K/W) 1 0 0.5 1 1.5 2 2.5 Instantaneous Forward Voltage (V) Fig. 12 - Forward Voltage Drop Characteristics (for 1400V, 1600V) 10 Steady State Value RthJC = 0.35 K/W (DC Operation) 1 0.1 0.01 85HF(R) Series 0.001 0.0001 0.001 0.01 0.1 1 10 Square Wave Pulse Duration (s) Fig. 13 - Thermal Impedance ZthJC Characteristics Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/04 8 www.irf.com |
Price & Availability of 85HFR120 |