Part Number Hot Search : 
SGM8552 D2W101 TK15402M L7405 SI7430D SM5063 SGM8552 05D15
Product Description
Full Text Search
 

To Download 2SD1776 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1776, 2SD1776A
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
s Features
q q
0.70.1
Unit: mm
10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1 1.30.2 0.5 +0.2 -0.1 0.80.1 2.540.25 5.080.5 1 2 3 4.20.2
q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SD1776 2SD1776A 2SD1776 Symbol VCBO VCEO VEBO ICP IC IB Ta=25C PC Tj Tstg
(TC=25C)
Ratings 80 100 60 80 6 4 2 0.5 25 2 150 -55 to +150 Unit V
16.70.3 14.00.5
emitter voltage 2SD1776A Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Junction temperature Storage temperature
V V A A A W C C
Solder Dip
4.0
7.50.2
High foward current transfer ratio hFE Satisfactory linearity of foward current transfer ratio hFE Full-pack package which can be installed to the heat sink with one screw
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current 2SD1776 2SD1776A
(TC=25C)
Symbol ICBO ICEO IEBO Conditions VCB = 80V, IE = 0 VCB = 100V, IE = 0 VCE = 40V, IB = 0 VEB = 6V, IC = 0 IC = 25mA, IB = 0 VCE = 4V, IC = 300mA IC = 1A, IB = 25mA IC = 1A, IB = 25mA VCE = 12V, IC = 200mA, f = 10MHz VCB = 10V, IE = 0, f = 1MHz IC = 1A, IB1 = 25mA, IB2 = -25mA, VCC = 50V 40 30 0.6 2.5 1 60 80 500 1500 1 1.2 V V MHz pF s s s min typ max 100 100 100 100 Unit A A A V
Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SD1776 2SD1776A
VCEO hFE* VCE(sat) VBE(sat) fT Cob ton tstg tf
Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Storage time Fall time
*h FE
Rank classification
Q P hFE 500 to 1000 800 to 1500
Rank
1
Power Transistors
PC -- Ta
40 1.6 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) TC=25C 1.4 IB=3mA 1.2 2mA 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 0 2 4 6 8 10 12
2SD1776, 2SD1776A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10
VCE(sat) -- IC
IC/IB=40
Collector power dissipation PC (W)
35 30 25 20 15 10 5 0 (2) (3) (4) (1)
Collector current IC (A)
3
TC=100C
1
25C
1mA 0.8mA 0.6mA 0.4mA 0.2mA 0.1mA
0.3 -25C 0.1
0.03
0.01 0.01
0.03
0.1
0.3
1
3
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100000
hFE -- IC
1000 VCE=4V 300 100 30 10 3 1 0.3 0.1 0.01 0.03 IC/IB=40
fT -- IC
VCE=12V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
10
Forward current transfer ratio hFE
3
10000 TC=100C 25C -25C 300 100 30 10 0.01 0.03
1
TC=-25C 100C 25C
3000 1000
0.3
0.1
0.03
0.01 0.01
0.03
0.1
0.3
1
3
0.1
0.3
1
3
10
Transition frequency fT (MHz)
30000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
ton, tstg, tf -- IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=40 (IB1=-IB2) VCC=50V TC=25C tstg 3 1 0.3 0.1 0.03 0.01 0 0.5 1.0 1.5 2.0 2.5 tf ton
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C
Switching time ton,tstg,tf (s)
Collector current IC (A)
10
10 ICP 3 IC 1 0.3 0.1 0.03 0.01 1 3 10 30 10ms DC t=1ms
100
2SD1776A
300
2SD1776
1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
2SD1776, 2SD1776A
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD1776

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X