Part Number Hot Search : 
C5000 OP490 ML60171C ZTB196D 10005 10005 ZN448E 03209806
Product Description
Full Text Search
 

To Download 2SB1603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1603, 2SB1603A
Silicon PNP epitaxial planar type
For low-voltage switching
Unit: mm
s Features
q q q
15.00.3 3.00.2
4.60.2 3.20.1 9.90.3 2.90.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SB1603 2SB1603A 2SB1603 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(TC=25C)
Ratings -40 -50 -20 -40 -5 -8 -4 25 2 150 -55 to +150 Unit V
13.7-0.2
+0.5
4.10.2 8.00.2 Solder Dip
Low collector to emitter saturation voltage VCE(sat) High-speed switching Full-pack package with outstanding insulation, which can be installed to the heat sink with one screw
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4
2.60.1 0.70.1
emitter voltage 2SB1603A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V
7 123
V A A W C C
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SB1603 2SB1603A
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2
*
Conditions VCB = -40V, IE = 0 VEB = -5V, IC = 0 IC = -10mA, IB = 0 VCE = -2V, IC = - 0.1A VCE = -2V, IC = -1A IC = -2A, IB = - 0.1A IC = -2A, IB = - 0.1A VCE = -5V, IC = - 0.5A, f = 10MHz IC = -2A, IB1 = - 0.2A, IB2 = 0.2A
min
typ
max -50 -50
Unit A A V
-20 -40 45 90 260 - 0.5 -1.5 150 0.3 0.4 0.1
Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h FE2
VCE(sat) VBE(sat) fT ton tstg tf
V V MHz s s s
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
1
Power Transistors
PC -- Ta
40 -6 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=2.0W)
2SB1603, 2SB1603A
IC -- VCE
IB=-80mA
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 IC/IB=20 -30 -10 -3 -1 TC=25C
Collector power dissipation PC (W)
35 30 25 20 15 10 5 0 0 25
-5
Collector current IC (A)
-4
-50mA -45mA -40mA -35mA -30mA
(1)
-3
-25mA -20mA
TC=100C 25C -25C
-2
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-15mA -10mA
(2) (3)
-1
-5mA
0 50 75 100 125 150 0 -2 -4 -6 -8 -10
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100 -1000 IC/IB=20
hFE -- IC
1000 VCE=-2V TC=100C 25C -25C -30 -10 -3 -1 300 100 30 10 3 1 0.3
fT -- IC
VCE=-2V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
-10 -3 -1 TC=-25C 25C 100C
-100
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
- 0.3 - 0.1 - 0.01 - 0.03 - 0.1 - 0.3
Transition frequency fT (MHz)
-1 -3 -10
-30
-300
-1
-3
-10
0.1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
ton, tstg, tf -- IC
10 Pulsed tw=1ms Duty cycle=1% IC/IB=10 (-IB1=IB2) VCC=-20V TC=25C ton 0.3 tstg tf
Area of safe operation (ASO)
-100 -30 Non repetitive pulse TC=25C
Switching time ton,tstg,tf (s)
3
Collector current IC (A)
-10 -3 -1
ICP 10ms IC 1s t=1ms
1
0.1
- 0.3 - 0.1 - 0.03
0.03
0.01 0 -1 -2 -3 -4 -5 -6 -7 -8
- 0.01 -1
-3
-10
-30
2SB1603A
-100 -300 -1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
2SB1603
Power Transistors
Rth(t) -- t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
2SB1603, 2SB1603A
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB1603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X