|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2KBP005M/3N253 - 2KBP10M/3N259 2KBP005M/3N253 - 2KBP10M/3N259 0.125 X 45O (3.2) Typ 0.600 (15.2) 0.560 (14.3) Features * * Surge overload rating: 60 amperes peak. Reliable low cost construction utilizing molded plastic technique. 0.460 (11.7) 0.420 (10.7) 0.500 (12.7) 0.460 (11.7) KBPM 0.600 Min (15.2) 0.500 Min (12.7) 2.0 Ampere Bridge Rectifiers Absolute Maximum Ratings* Symbol IO if(surge) PD RJA Tstg TJ Average Rectified Current Peak Forward Surge Current Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient,** per leg Storage Temperature Range Operating Junction Temperature TA = 25C unless otherwise noted 0.060 Typ (1.52) 0.160 (4.1) 0.140 (3.6) 0.034 (8.6) 0.028 (7.6) Dimensions are in: inches (mm) Parameter Value 2.0 60 4.7 33 30 -55 to +165 -55 to +165 Units A A W mW/C C/W C C *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on PCB with 0.47 x 0.47" (12 x 12 mm). Electrical Characteristics Parameter TA = 25C unless otherwise noted Device 005M 253 01M 254 100 70 100 02M 255 200 140 200 04M 256 400 280 400 5.0 500 1.1 15 25 06M 257 600 420 600 08M 258 800 560 800 10M 259 1000 700 1000 Units Peak Repetitive Reverse Voltage Maximum RMS Bridge Input Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Leakage, total bridge @ rated VR TA = 25C TA = 125C Maximum Forward Voltage Drop, per bridge @ 3.14 A 2 I t rating for fusing t < 8.35 ms Typical Junction Capacitance, per leg VR = 4.0 V, f = 1.0 MHz 50 35 50 V V V A A V 2 A Sec pF 2000 Fairchild Semiconductor International 2KBP005/3N253-2KBP10/3N259, Rev. B 2KBP005M/3N253 - 2KBP10M/3N259 Bridge Rectifiers (continued) Typical Characteristics Output Current vs. Ambient Temperature 2 Forward Characteristics 5 FORWARD CURRENT (A) TYPICAL DISTRIBUTION OUTPUT CURRENT (A) 1.5 1 1 MEDIAN 0.1 0.5 0 20 40 60 80 100 120 140 AMBIENT TEMPERATURE ( C) 160 0.01 0 0.2 0.4 0.6 0.8 1 FORWARD VOLTAGE (V) 1.2 1.4 Reverse Characteristics 100 FORWARD SURGE CURRENT (A) REVERSE CURRENT ( A) 60 Non-Repetitive Surge Current 48 10 36 1 TA = 25 C 24 12 0.1 0 20 40 60 80 100 120 NORMALIZED REVERSE VOLTAGE (%) 140 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100 2KBP005/3N253-2KBP10/3N259, Rev. B KBPM Package Dimensions KBPM (FS PKG Code R1) 1:1 Scale 1:1 on letter size paper Dimensions shown below are in: inches [millimeters] Part Weight per unit (gram): 1.7 0.125 X 45O (3.2) Typ 0.600 (15.2) 0.560 (14.3) 0.460 (11.7) 0.420 (10.7) 0.500 (12.7) 0.460 (11.7) + ~ ~ _ 0.600 Min (15.2) 0.500 Min (12.7) 0.060 Typ (1.52) 0.160 (4.1) 0.140 (3.6) 0.034 (8.6) 0.028 (7.6) August 1999, Rev. A TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST FASTrTM GTOTM DISCLAIMER HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. E |
Price & Availability of 2KBP005M3N253 |