Part Number Hot Search : 
FR38N8 P800DTL BR5000 NDP6060L SSF3624 CD100 K570ABM FQPF9N90
Product Description
Full Text Search
 

To Download 1N5819-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
1N5817 - 1N5819
1.0A SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring Die Construction for Transient Protection High Current Capability Low Power Loss, High Efficiency High Surge Current Capability For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications
A
B
A
C D
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.34 grams (approx.) Mounting Position: Any Marking: Type Number
DO-41 Dim Min Max A 25.4 -- B 4.06 5.21 C 0.71 0.864 D 2.00 2.72 All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TL = 90C Symbol VRRM VRWM VR VR(RMS) IO IFSM
@TA=25C unless otherwise specified
1N5817 20 14
1N5818 30 21 1.0 25
1N5819 40 28
Unit V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Lead (Note 1) Operating and Storage Temperature Range @IF = 1.0A @IF = 3.0A @TA = 25C @TA = 100C
VFM IRM Cj RJL Tj, TSTG
0.450 0.750
0.550 0.875 1.0 10 110 60 -65 to +150
0.60 0.90
V mA pF K/W C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1N5817 - 1N5819
1 of 3
(c) 2002 Won-Top Electronics
1.0
30
0.8
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
1N5817
10
1N5818
0.6
0.4
1N5819
1.0
0.2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10 40 60 80 100 120 140150 TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
25
1000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
20
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
15
100
10
5
10
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
1N5817 - 1N5819
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
1N5817-T3 1N5817-TB 1N5817 1N5818-T3 1N5818-TB 1N5818 1N5819-T3 1N5819-TB 1N5819
Package Type
DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41
Shipping Quantity
5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. TB suffix refers to Ammo Pack. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
1N5817 - 1N5819
3 of 3


▲Up To Search▲   

 
Price & Availability of 1N5819-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X