Part Number Hot Search : 
EMT1T2R MX7530JN SMV3460A VTP11 40200 22100 LT1381IS SB201
Product Description
Full Text Search
 

To Download 12FR120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I20205 rev. A 09/98
12F(R) SERIES
STANDARD RECOVERY DIODES Stud Version
Features
High surge current capability Avalanche types available Stud cathode and stud anode version Wide current range Types up to 1200V VRRM
12 A
TypicalApplications
Battery charges Converters Power supplies Machine tool controls
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM TJ range range
12F(R)
12 144 19 265 280 351 320 100 to 1200 - 65 to 175
Units
A C A A A A2s A2 s V C
case style DO-203AA (DO-4)
www.irf.com
1
12F(R) Series
Bulletin I20205 rev. A 09/98
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code VRRM, maximum repetitive peak reverse voltage V
100 200 400 600 800 1000 1200
VRSM, maximum nonrepetitive peak reverse voltage V
150 275 500 725 950 1200 1400
VR(BR), minimum avalanche voltage V
--500 750 950 1150 1350
IRRM max.
@ TJ = 175C
(1)
mA
10 20 40 12F(R) 60 80 100 120
12
(1) Avalanche version only available from VRRM 400V to 1200V.
Forward Conduction
Parameter
IF(AV) IF(RMS) PR IFSM Max. average forward current @ Case temperature Max. RMS forward current Maximum non-repetitive peak reverse power Max. peak, one-cycle forward, non-repetitive surge current 265 280 225 235 It
2
12F(R)
12 144 19 7
Units Conditions
A C A K/W 10s square pulse, TJ = T J max. see note (2) t = 10ms t = 8.3ms A t = 10ms t = 8.3ms t = 10ms t = 8.3ms A2 s t = 10ms t = 8.3ms A s
2
180 conduction, half sine wave
No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
Maximum I t for fusing
2
351 320 250 226
I t
2
Maximum I t for fusing
2
3510 0.77
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r
f1
V 0.97 (I > x I F(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 6.20 1.26 V (I > x I F(AV)), TJ = TJ max. Ipk= 38A, TJ = 25C, tp = 400s rectangular wave
Low level value of forward slope resistance
10.70
r
f2
High level value of forward slope resistance
VFM
Max. forward voltage drop
(2) Available only for Avalanche version, all other parameters the same as 12F.
2
www.irf.com
12F(R) Series
Bulletin I20205 rev. A 09/98
Thermal and Mechanical Specifications
Parameter
TJ T
stg
12F(R)
-65 to 175 - 65 to 200 2 0.5 1.2 (1.5)
Units
C
Conditions
Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting torque, 10%
RthJC RthCS T
DC operation K/W Nm Mounting surface, smooth, flat and greased Lubricated threads (Not lubricated threads) g (oz) See Outline Table
wt
Approximate weight Case style
7 (0.25) DO-203AA (DO-4)
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.33 0.41 0.53 0.78 1.28
Rectangular conduction Units
0.26 0.44 0.58 0.81 1.29 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
A
1
12
2
F
3
R
4
120
5
M
6
1
-
A
= Avalanche diode
None = Standard diode 2 3 4 Current rating: Code = IF(AV) F = Standard device
None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
5 6
-
Voltage code: Code x 10 = VRRM (See Voltage Ratings table) None = Stud base DO-203AA (DO-4) 10-32UNF-2A M = Stud base DO-203AA (DO-4) M5 X 0.8 - (Not available for Avalanche diodes)
www.irf.com
3
12F(R) Series
Bulletin I20205 rev. A 09/98
Outlines Table
Case Style DO-203AA (DO-4)
All dimensions in millimeters (inches)
M aximum Allowable Case Temperature (C)
12F(R) Series RthJC (DC) = 2.0 K/W
Maximum Allowable Case Temperature (C)
180
180 12F(R) Series RthJC (DC) = 2.0 K/W 170
170
Conduction Angle
160
Conduction Period
160
150 30 60 140 90 120 180 130 0 4 8 12 16 20 Average Forward Current (A) DC
150 30 140 0 2 4 6 8 60 90
120 180 12 14
10
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
4
www.irf.com
12F(R) Series
Bulletin I20205 rev. A 09/98
Maximum Average Forward Power Loss (W) 14 12 10 8 6
Conduction Angle
180 120 90 60 30 RMS Limit
10 K/W 12 K/W
R
thS A
6
=8
K/ W
K/ W
15 K/W
20 K /W
-D elt a
R
30 K/ W
4 2 0 0 2 4 6 8 10 12 14 0 25 50 75 100 Average Forward Current (A) Maximum Allowable Ambient Temperature (C) 12F(R) Series T = 175C J
Fig. 3 - Forward Power Loss Characteristics
20 DC 180 120 90 60 30
R
8K /W
10 K/W 12 K /W 15 K/W
thS A= 6
M aximum Average Forward Power Loss (W)
16
K/ W
-D elt aR
12
8 RMS Limit
Conduction Period
20 K/W
30 K/W
4
12F(R) Series T = 175C J 0 4 8 12 16 20 0 25 50 75 100
0 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 4 - Forward Power Loss Characteristics
250 225 200 175 150 125 100 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Peak Half Sine W ave Forward Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial TJ = 175C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine W ave Forward Current (A)
275 250 225 200 175 150 125 100 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T = 175C J No Voltage Reapplied Rated VRRM Reapplied
12F(R) Series
12F(R) Series
0.1 Pulse Train Duration (s)
1
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
5
12F(R) Series
Bulletin I20205 rev. A 09/98
1000 Instantaneous Forward Current (A) T = 25C J T = 175C J 100
10 Transient Thermal Impedance Z thJC (K/W ) Steady State Value R thJC = 2.0 K/W (DC Operation)
1
10
12F(R) Series 1 0 1 2 3 4 5 6 Instantaneous Forward Voltage (V)
12F(R) Series 0.1 0.001
0.01
0.1
1
10
Square W ave Pulse Duration (s)
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 12FR120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X