Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
 

To Download UPA1812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA1812
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
DESCRIPTION
The PA1812 is a switching device which can be driven directly by a 4.0-V power source. The PA1812 features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.
8
PACKAGE DRAWING (Unit : mm)
5 1, 5, 8 : Drain 2, 3, 6, 7: Source 4 : Gate
1.2 MAX. 1.00.05 0.25 3 +5 -3 0.10.05 0.5 0.6 +0.15 -0.1
FEATURES *
* Can be driven by a 4.0-V power source * Low on-state resistance RDS(on)1 = 39 m MAX. (VGS = -10 V, ID = -2.5 A) RDS(on)2 = 63 m MAX. (VGS = -4.5 V, ID = -2.5 A) RDS(on)3 = 69 m MAX. (VGS = -4.0 V, ID = -2.5 A)
1 4
0.145 0.055
3.15 0.15 3.0 0.1
6.4 0.2 4.4 0.1 1.0 0.2
ORDERING INFORMATION
PART NUMBER PACKAGE Power TSSOP8
0.65 0.27 +0.03 -0.08 0.8 MAX.
PA1812GR-9JG
0.1
0.10 M
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (pulse)
Note1 Note2
EQUIVALENT CIRCUIT
-30 -20/+5 5.0 20 2.0 150 -55 to +150 V V A A W C C
Gate Protection Diode Source Gate Drain
VDSS VGSS ID(DC) ID(pulse) PT Tch Tstg
Body Diode
Total Power Dissipation Channel Temperature Storage Temperature
Notes 1. PW 10 s, Duty Cycle 1 % 2 2. Mounted on ceramic substrate of 5000 mm x 1.1 mm Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D12967EJ1V0DS00 (1st edition) Date Published October 1999 NS CP(K) Printed in Japan
The mark 5 shows major revised points.
(c)
1997, 1999
PA1812
* ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 RDS(on)3 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Diode Forward Voltage Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) TEST CONDITIONS VDS = -30 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = -10 V, ID = -1 mA VDS = -10 V, ID = -2.5 A VGS = -10 V, ID = -2.5 A VGS = -4.5 V, ID = -2.5 A VGS = -4.0 V, ID = -2.5 A VDS = -10 V VGS = 0 V f = 1 MHz VDD = -10 V ID = -2.5 A VGS(on) = -10 V RG = 10 VDS = -24 V ID = -5.0 A VGS = -10 V IF = 5.0 A, VGS = 0 V -1.0 1 -1.6 8 29 46 52 1500 550 270 30 160 110 80 31 4 8 0.76 39 63 69 MIN. TYP. MAX. -10 10 -2.5 UNIT
A A
V S m m m pF pF pF ns ns ns ns nC nC nC V
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
D.U.T.
D.U.T. RL PG. RG RG = 10 VDD
ID 90 % 90 % ID 0 10 % td(on) ton tr td(off) toff 10 % tf VGS
IG = 2 mA
VGS(on) 90 %
VGS
Wave Form
RL VDD
0
10 %
PG.
50
VGS 0 = 1 s Duty Cycle 1 %
ID
Wave Form
2
Data Sheet D12967EJ1V0DS00
PA1812
* TYPICAL CHARACTERISTICS (TA = 25 C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 80
FORWARD BIAS SAFE OPERATING AREA -100
PW
d ite V) Lim 4.5 n) S(o RD GS = V (@
ID(pulse) ID(DC)
=1
ms
dT - Derating Factor - %
ID - Drain Current - A
-10
10 ms 10 0m s
60
-1
DC
40
-0.1
20
0
30 60 120 90 TA - Ambient Temperature - C
150
-0.01 -0.1
TA = 25C Single Pulse Mounted on Ceramic Substrate of 5000 mm2 x 1.1 mm
-1.0
-10.0
-100.0
VDS - Drain to Source Voltage - V
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE -20 Pulsed VGS = -10 V -100 -10
FORWARD TRANSFER CHARACTERISTICS VDS = -10 V
ID - Drain Current - A
ID - Drain Current - A
-15 -4.5 V -4.0 V
-1 -0.1 -0.01 TA = 125C 75C TA = 25C -25C
-10
-5
-0.001
0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.0001
0
-1.0
-2.0
-3.0
-4.0
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE
VGS(off) - Gate to Source Cut-off Voltage - V
-2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -50
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 100
| yfs | - Forward Transfer Admittance - S
VDS = -10 V ID = -1 mA
VDS = -10 V
10 TA = -25 C 25 C 75 C 125 C 1
0
50
100
150
Tch - Channel Temperature - C
0.1 -0.1
-1
-10
-100
ID - Drain Current - A
Data Sheet D12967EJ1V0DS00
3
PA1812
RDS(on) - Drain to Source On-state Resistance - m
100
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT VGS = -4.0 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 80 VGS = -4.5 V
80 TA = 125C 60 75C 25C 40 -25C
60
TA = 125C 75C 25C
40
-25C
20 -0.1
-1 -10 ID - Drain Current - A
-100
20 -0.1
-1 -10 ID - Drain Current - A
-100
RDS (on) - Drain to Source On-state Resistance - m
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 50 VGS = -10 V TA = 125C 40 75C 30
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE
80
ID = -2.5 A VGS = -4.0 V
60
-4.5 V
40
25C -25C
-10 V
20
20
10 -0.1
-1 -10 ID - Drain Current - A
-100
0 -50
0
50
100
150
Tch - Channel Temperature - C
RDS (on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE
100
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000
Ciss, Coss, Crss - Capacitance - pF
f = 1 MHz VGS = 0 V
ID = -2.5 A
80
Ciss 1000 Coss Crss 100
60
40 20
0
-5
-10
-15
-20
-25
10 -1
-10
VDS - Drain to Source Voltage - V
-100
VGS - Gate to Source Voltage - V
4
Data Sheet D12967EJ1V0DS00
PA1812
SWITCHING CHARACTERISTICS
1000
td(on), tr, td(off), tf - Switchig Time - ns
IF - Source to Drain Current - A
VDD = -10 V VGS(on) = -4 V RG = 10
SOURCE TO DRAIN DIODE FORWARD VOLTAGE 100 10 1 0.1 0.01 0.001
tr tf td(off)
100
td(on)
10 -0.1
-1 ID - Drain Current - A
-10
0.0001 0.4
0.6
0.8
1
VF(S-D) - Source to Drain Voltage - V
-10
DYNAMIC INPUT CHARACTERISTICS ID = -5 A VDD = -24 V
VGS - Gate to Source Voltage - V
-8 -6
-4 -2
0
5
10
15
20
25
30
35
Qg - Gate Charge - nC
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000
rth(ch-A) - Transient Thermal Resistance - C/W
Mounted on ceramic substrate of 50 cm2 x 1.1 mm Single Pulse
100
62.5C/W
10
1
0.1 0.001
0.01
0.1
1 PW - Pulse Width - s
10
100
1000
Data Sheet D12967EJ1V0DS00
5
PA1812
[MEMO]
6
Data Sheet D12967EJ1V0DS00
PA1812
[MEMO]
Data Sheet D12967EJ1V0DS00
7
PA1812
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of UPA1812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X