Part Number Hot Search : 
DL10LG A4503 UPD72042 B7225 29GL512 100034 NTE23 P89LPC
Product Description
Full Text Search
 

To Download SR1030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR1020
THRU
SR1060
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE
20 to 60 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
10.0 Amperes
3.8 +.2 HOLE THRU .248 (6.3)
TO-220
.108 (2.75)
.412 (10.5) MAX.
.180 (4.6)
.050 (1.27)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guranteed * Polarity: As Marked * Mounting position: Any * Weight: 2.24 grams
.051 MAX. (1.3) .040 MAX. (1.0) .100 (2.54) PIN 1 PIN 3 Positive CT Suffix "C"
.595 (15.1) MAX.
.550 (14.0) .158 (4.0) MIN. MAX. .120 (3.05) + CASE PIN 2 PIN 1 PIN 3 Negative CT Suffix "A" CASE PIN 2
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) Typical Thermal Resistance RJC (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SR1020 SR1030
SR1035 SR1040 SR1045
SR1050 SR1060 UNITS
20 14 20
30 21 30
35 24 35
40 28 40 10 150
45 31 45
50 35 50
60 42 60
V V V A A V mA mA pF C/W C C
0.65 10 100 700 3.0 -65 +125 -65 +150 -65
0.75
460 +150
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Case.
36
RATING AND CHARACTERISTIC CURVES (SR1020 THRU SR1060)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A) 12 10
FIG.2-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
02 0~
8
0 SR1 0 SR1
6 4 2 0
10 5.0
SR 1
SR 1
SR1 50~
04
5
SR 1 05 0~ SR 1 06 0
SR1 20~ 045
060
0
20
40
60
80
100
120
140
160
180
200
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
CASE TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
250
0.1
PEAK FORWARD SURGE CURRENT,(A)
200
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
150
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLTAGE,(V)
100
50
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
2800 2400 2000 1600 1200 800 400 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
SR
102
0~S
R1
04 5
Tj=25 C
.1
SR1
05 0~
SR1
0 60
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
37


▲Up To Search▲   

 
Price & Availability of SR1030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X