Part Number Hot Search : 
C2008 5STRR KA78R08C SR6150 AF139 KA78R08C D5885 SP5301
Product Description
Full Text Search
 

To Download SPA08N50C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
VDS @ Tjmax RDS(on) ID 560 0.6 7.6 V A
Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * Ultra low effective capacitances * Improved transconductance
P-TO220-3-31 1 2 3
P-TO220-3-31
P-TO262-3-1
P-TO220-3-1
* P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute)
Type SPP08N50C3 SPI08N50C3 SPA08N50C3
Package P-TO220-3-1 P-TO262-3-1
Ordering Code Q67040-S4567 Q67040-S4568
Marking 08N50C3 08N50C3 08N50C3
P-TO220-3-31 Q67040-S4576
Maximum Ratings Parameter Symbol ID Value SPP_I SPA Unit
Continuous drain current
TC = 25 C TC = 100 C
A 7.6 4.6 7.61) 4.61) 22.8 230 0.5 7.6 20
30
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID=5.5A, VDD=50V
ID puls EAS EAR IAR VGS VGS Ptot
22.8 230 0.5 7.6 20
30
A mJ
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=7.6A, VDD=50V
Avalanche current, repetitive tAR limited by Tjmax
Gate source voltage
A V W
Gate source voltage AC (f >1Hz)
Power dissipation, TC = 25C
83
32
Operating and storage temperature
T j , Tstg
-55...+150
C
Page 1
2003-06-27
Final data Maximum Ratings Parameter
SPP08N50C3, SPI08N50C3 SPA08N50C3
Symbol
Value
Unit
Drain Source voltage slope
VDS = 400 V, ID = 7.6 A, Tj = 125 C
dv/dt
50
V/ns
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK
Soldering temperature, 1.6 mm (0.063 in.) from case for 10s 3)
Electrical Characteristics, at Tj=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA Drain-Source avalanche breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) IDSS
ID=350A, VGS =VDS V DS=500V, V GS=0V, Tj=25C Tj=150C
Symbol min. RthJC RthJC_FP RthJA RthJA FP Tsold -
Values typ. -
Unit max. 1.5 3.9 62 80
260 C
K/W
Values typ. 600 3 0.5 0.5 1.5 1.2 max. 3.9 500 2.1 -
Unit V
V(BR)DS VGS=0V, ID=7.6A
A 1 100 100 0.6 nA
Gate-source leakage current
IGSS
V GS=20V, V DS=0V V GS=10V, I D=4.6A Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Gate input resistance
RG
f=1MHz, open drain
Page 2
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
Electrical Characteristics Parameter
Transconductance Input capacitance Output capacitance Reverse transfer capacitance
Symbol gfs Ciss Coss Crss
Conditions min.
VDS2*ID*R DS(on)max, ID=4.6A VGS=0V, VDS=25V, f=1MHz
Values typ. 6 750 350 12 56 30 6 5 60 7 max. -
Unit S pF
Effective output capacitance,4) Co(er) energy related Effective output capacitance,5) Co(tr) time related
Turn-on delay time Rise time Turn-off delay time Fall time
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
VGS=0V, VDS=400
td(on) tr td(off) tf
VDD=380V, VGS=0/10V, ID=7.6A, RG =12
-
ns
V DD=400V, ID=7.6A
-
3 17 32 5
-
nC
V DD=400V, ID=7.6A, V GS=0 to 10V
V(plateau) VDD=400V, ID=7.6A
V
1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as P =E *f. AR AV 3Soldering temperature for TO-263: 220C, reflow 4C 5C
o(er) o(tr)
is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Page 3
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
Electrical Characteristics Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current
Typical Transient Thermal Characteristics Symbol SPP_B Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.024 0.046 0.085 0.308 0.317 0.112
Tj P tot (t) C th1 C th2 C th,n T am b
Symbol IS ISM VSD trr Qrr Irrm dirr /dt
Conditions min.
TC=25C
Values typ. 1 370 3.6 25 700 max. 7.6 22.8 1.2 -
Unit A
V GS=0V, IF=IS V R=400V, IF=IS , diF/dt=100A/s
-
V ns C A A/s
Tj=25C
Value SPA 0.024 0.046 0.085 0.195 0.45 2.511
R th1
Unit K/W
Symbol Cth1 Cth2 Cth3 Cth4 Cth5 Cth6
R th,n T case
Value SPP_B 0.00012 0.0004578 0.000645 0.001867 0.004795 0.045 SPA 0.00012 0.0004578 0.000645 0.001867 0.007558 0.412
Unit Ws/K
E xternal H eatsink
Page 4
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
1 Power dissipation Ptot = f (TC)
100
SPP08N50C3
2 Power dissipation FullPAK
Ptot = f (TC)
35
W
80 70
W
25
Ptot
60 50 40 30 20
Ptot
20 15 10 5 20 40 60 80 100 120
10 0 0 0 0
C
160
20
40
60
80
100
120
TC
C 150 TC
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC=25C
10
2
4 Safe operating area FullPAK ID = f (VDS) parameter: D = 0, TC = 25C
10 2
A
A
10 1
10 1
ID
10 0
ID
10 0
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
10
1
10 -2 0 10
10
1
10
2
V VDS
10
3
10 -2 0 10
10
2
10 V VDS
3
Page 5
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
5 Transient thermal impedance ZthJC = f (tp) parameter: D = tp/T
10 1
6 Transient thermal impedance FullPAK ZthJC = f (tp) parameter: D = tp/t
10 1
K/W
K/W
10 0
10 0
ZthJC
10 -1
ZthJC
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -1
10 -2
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
s tp
10
-1
10 -3 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10
1 s 10
tp
7 Typ. output characteristic ID = f (VDS); Tj =25C parameter: tp = 10 s, VGS
24
8 Typ. output characteristic ID = f (VDS); Tj =150C parameter: tp = 10 s, VGS
13
A
20V 10V 8V
A
7V
11 10
20V 8V 6.5V
6V
ID
ID
16
6,5V
9 8 7
5.5V
12
6V
6 5
5V
8
5,5V
4 3
4.5V 4V
4
5V 4,5V
2 1 25 0 0 2 4 6 8
0 0
5
10
15
VDS
10 12 14 16 18 20 22 V 25
V
VDS
Page 6
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
9 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS
10
10 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 4.6 A, VGS = 10 V
3.4
SPP08N50C3
8
4V 4.5V
2.8
RDS(on)
5.5V
RDS(on)
7 6 5 4 3 2 1 0 0
5V
2.4 2 1.6 1.2 0.8 0.4 0 -60
98% typ
6V 6.5V 8V 20V
2
4
6
8
10
12
A 15 ID
-20
20
60
100
C
180
Tj
11 Typ. transfer characteristics ID = f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
24
12 Typ. gate charge
VGS = f (QGate) parameter: ID = 7.6 A pulsed
16
SPP08N50C3
A
25C
V
20 18 12
VGS
ID
16 14 12 10
150C
10
0,2 VDS max
0,8 VDS max
8
6 8 6 4 2 2 0 0 2 4 6 4
V
10
0 0
5
10
15
20
25
30
35
40 nC
50
VGS
QGate
Page 7
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
13 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10 2
SPP08N50C3
14 Avalanche SOA IAR = f (tAR) par.: Tj 150 C
8
A
A
6
IAR
10
1
IF
5
T j(START)=25C
4
10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10 -1 0 0.4 0.8 1.2 1.6 2 2.4 V 3
3
T j(START)=125C
2
1
0 -3 10
10
-2
10
-1
10
0
10
1
10
2
VSD
4 s 10 tAR
15 Avalanche energy EAS = f (Tj) par.: ID = 5.5 A, VDD = 50 V
260
16 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
600
SPP08N50C3
mJ
220
V
V(BR)DSS
C
200
570 560 550 540 530 520 510 500 490 480 470 460
EAS
180 160 140 120 100 80 60 40 20 0 20 40 60 80 100 120 160
450 -60
-20
20
60
100
C
180
Tj
Page 8
Tj
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
17 Avalanche power losses PAR = f (f ) parameter: EAR =0.5mJ
500
18 Typ. capacitances C = f (VDS) parameter: VGS =0V, f=1 MHz
10 4
pF W
10 3
Ciss
PAR
300
C
10 2
200
Coss
10 1 100
Crss
04 10
10
5
MHz f
10
6
10 0 0
100
200
300
V
500
VDS
19 Typ. Coss stored energy Eoss=f(VDS)
4
J
3
E oss
2.5
2
1.5
1
0.5
0 0
100
200
300
V
500
VDS
Page 9
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
Definition of diodes switching characteristics
Page 10
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
P-TO-220-3-1
B 10 0.4 3.7 0.2 A 1.270.13 4.44
15.38 0.6
2.8 0.2
C
5.23 0.9
13.5 0.5
3x 0.75 0.1 1.17 0.22 2x 2.54 0.25
M
0.5 0.1 2.510.2
ABC
All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3
9.98 0.48
0.05
Page 11
2003-06-27
Final data
SPP08N50C3, SPI08N50C3 SPA08N50C3
P-TO-262-3-1 (I2-PAK)
10 0.2 0...0.3 8.5
1)
1)
A
B 4.4 1.27
1 0.3
11.6 0.3
2.4
C
4.55 0.2
13.5 0.5
0...0.15 1.05 3 x 0.75 0.1 2 x 2.54
1)
0.5 0.1 2.4
0.25
M
ABC
Typical Metal surface min. X = 7.25, Y = 6.9 All metal surfaces tin plated, except area of cut.
P-TO-220-3-31 (FullPAK)
Please refer to mounting instructions (application note AN-TO220-3-31-01)
9.25 0.2
7.55
0.05
Page 12
2003-06-27
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
SPP08N50C3, SPI08N50C3 SPA08N50C3
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 13
2003-06-27


▲Up To Search▲   

 
Price & Availability of SPA08N50C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X