Part Number Hot Search : 
MAX4632M LM20333 SS2881 AN315 A475K P1916 SMCJ43A GBU20B
Product Description
Full Text Search
 

To Download SM6451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM6451BV
NIPPON PRECISION CIRCUITS INC.
Audio Variable Volume IC
OVERVIEW
The SM6451BV is a 3-wire serial-controlled electronic variable volume IC for audio applications. It provides electronic volume control for a stereo system (left and right channels), and independent channel attenuation and muting, with greatly enhanced digital zip noise suppression. The chip address function allows up to four SM6451BV devices to be connected and individually controlled over the 3-wire control interface from a single CPU. It is available in 16-pin VSOP packages.
FEATURES
s s
PINOUT
(Top View)
s s s
s
s s
Stereo inputs and outputs Attenuation function * 2-channel independent control * 1.0 dB/step over 80 steps * 0 to -80 dB range Mute function 3-wire serial data control (MDT, MCK, MLEN) Chip addressing (up to 4 devices can be connected in parallel) Low noise * 0.003 % THD + noise * 12 Vrms residual noise 2.5 to 3.6 V single power supply Silicon-gate CMOS process
RSTN ADRS1 ADRS2 DVDD LOUT LIN AVDD VRL
1
16
MDT MCK MLEN DVSS ROUT RIN AVSS
6451BV
8
9
VRR
APPLICATIONS
s
Audio equipment
PACKAGE DIMENSIONS
(Unit: mm)
16 pin VSOP
ORDERING INFORMATION
D e vice SM6451BV P ackag e 16-pin V S O P
4.4 0.2 6.4 0.2
0.275TYP
5.1 0.2
0.15 -
+ 0.1 5 0.0
0 10 0.10 0.22 - 0.05
+ 0.10
0.10 0.05 1.15 0.1
0.65
0.12 M
0.5 0.2
NIPPON PRECISION CIRCUITS--1
SM6451BV
BLOCK DIAGRAM
DVDD
DVSS Attenuation Control 1/2VDD
LIN
LOUT
MLEN MCK MDT RSTN Chip Address Decoder ADRS1 ADRS2
VRL Reference Voltage Circuits
Attenuation Decoder Attenuation Control
Interface Control
VRR 1/2VDD
RIN
ROUT
AVDD
AVSS
PIN DESCRIPTION
Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1. Name RSTN ADRS1 ADRS2 DV D D LOUT LIN AV D D VRL VRR AV S S RIN ROUT DV S S MLEN MCK MDT I/O 1 Ip Ip Ip - O I - O O - I O - Ip Ip Ip A/D1 D D D D A A A A A A A A D D D D Description System reset input (LOW -level reset) Chip address set 1 Chip address set 2 Digital supply Left-channel audio output Left-channel audio input Analog supply Left-channel reference voltage (0.5V D D ). Connect a 10 F capacitor between VRL and AV S S . Right-channel reference voltage (0.5V D D ). Connect a 10 F capacitor between VRR and AV S S . Analog ground Right-channel audio input Right-channel audio output Digital ground Microcontroller latch enable input Microcontroller clock input Microcontroller data input
Ip = input pin with pull-up, A = analog, D= digital
NIPPON PRECISION CIRCUITS--2
SM6451BV
SPECIFICATIONS
Absolute Maximum Ratings
DVSS = AVSS = 0 V, DVDD = AVDD = VDD
P arameter Supply voltage Input voltage Pow er dissipation Storage temperature Soldering temperature Soldering time Symbol VDD V IN PD T stg T sld tsld Rating -0.3 to 7.0 V S S - 0.3 to V D D + 0.3 150 -55 to 125 255 10 Unit V V mW C C s
Recommended Operating Conditions
DVSS = AVSS = 0 V, DVDD = AVDD = VDD
P arameter Supply voltage Supply voltage deviation Operating temperature Symbol VDD DV D D - AV D D , DV S S - AV S S T opr Rating 2.5 to 3.6 0.1 -40 to 85 Unit V V C
DC Characteristics
DVDD = AVDD = VDD = 2.5 to 3.6 V, VSS = 0 V, Ta = -40 to 85 C
Rating P arameter Symbol Condition min ID D D 1 ID D D 2 AVDD Current consumption HIGH-level input voltage 1 L O W -level input Input current 1 current 1 voltage 1 ID D A V IH V IL IIL IIH V IN = 0 V V IN = V D D Data transfer stopped, MDT, MCK, MLEN, RSTN, ADRS1, ADRS2 = V D D A D R S 1 = A D R S 2 = 0 V, 0.8 Vr ms analog input, ATT = 0 d B , data transfer active - - - 0.7V D D - - - typ 0.2 0.4 1.9 - - 70 - max 1.0 1.0 5.5 - 0.3V D D 150 1.0 A mA mA V V A A Unit
DVDD Current consumption
Input leakage 1.
M D T, MCK, MLEN, RSTN, ADRS1, ADRS2
NIPPON PRECISION CIRCUITS--3
SM6451BV
AC Digital Characteristics
DVDD = AVDD = VDD = 2.5 to 3.6 V, VSS = 0 V, Ta = -40 to 85 C Serial inputs (MDT, MCK, MLEN)
Rating P arameter M C K , M L E N r ise time MCK, MLEN fall time MDT setup time MDT hold time MLEN setup time MLEN hold time M L E N L OW -level pulsewidth MLEN HIGH-level pulsewidth Symbol min tr tf tM D S tM D H tM C S tM C H tM E W L tM E W H - - 50 50 50 50 50 50 typ - - - - - - - - max 100 100 - - - - - - ns ns ns ns ns ns ns ns Unit
MDT tMDS MCK tMCS MLEN tMEWL tf MCK MLEN
0.9VDD 0.1VDD
0.5VDD tMDH 0.5VDD tMCH 0.5VDD tMEWH tr
0.9VDD 0.1VDD
0.5VDD
Reset input (RSTN)
Rating P arameter R S T N L OW -level pulsewidth Symbol min tR S T N 100 typ - max - ns Unit
NIPPON PRECISION CIRCUITS--4
SM6451BV
AC Analog Characteristics
VDD = 3.0 V, 0.8 Vrms amplitude, 1 kHz input frequency, 100 k output load resistance, Ta = 25 C, AC-coupled inputs Analog inputs (LIN, RIN)
Rating P arameter Reference input amplitude Input resistance Input clipping voltage Symbol V AI R IN VCLP THD + N = 1%, ATT = 0 dB Condition min - 40 - typ 0.8 50 1.1 max - 60 - Vr m s k Vr m s Unit
Analog outputs (LOUT, ROUT)
Rating P arameter Residual noise voltage Signal-to-noise ratio Total harmonic distortion + noise Gain control range Step size Attenuation error (1k to 20kHz) Symbol VNS SNR THD + N RCNT Step ERR1 ERR2 AT 0 AT 2 Absolute attenuation (1 kHz) AT 4 AT 6 AT 8 Mute attenuation (1 kHz) Channel crosstalk Frequency response Quiescent output zip noise voltage (while ATT value adjusting) Minimum driver load resistance Mute CT FR NJ RML 0 to -60 dB -61 to -80 dB ATT = 0 dB ATT = -20 dB ATT = -40 dB ATT = -60 dB ATT = -80 dB ATT = Mute ATT = 0 dB ATT = 0 dB, f = 200 kHz 0 Vr ms input ATT = 0 dB, THD + N = 1% Condition min Input signal: 0 Vr m s , A - weight filter, 0 dBr = 0.8 Vr m s , ATT = 0 dB ATT = 0 dB, 20 kHz lowpass filter - 92 - - 80 0.8 -2 -6 - - - - - - 85.0 - 103 - 10 - - typ 12 96 0.0025 - 1.0 - - - 0.0 - 20.0 - 40.0 - 60.4 - 84.2 - 88.0 - 105 -8 - 8 max 20 - 0.005 0 1.8 1 0 - - - - - - - - 3 12 Vr m s dBr % dB dB dB dB dB dB dB dB dB dB dB dB mV k Unit
Reference voltage (VRL, VRR)
Rating P arameter Reference voltage output Symbol VREF Condition min 0.45V D D typ 0.5V D D max 0.55V D D V Unit
NIPPON PRECISION CIRCUITS--5
SM6451BV
MEASUREMENT CIRCUIT
Chip address: ADRS1 = LOW, ADRS2 = LOW
0.001F
1 RSTN 2 ADRS1 3 ADRS2 4 DVDD
MDT 16 MCK 15 MLEN 14 DVSS 13 ROUT 12 RIN 11 AVSS 10 VRR 9 0.022F + 10F + 1F + 1F 100k
CPU
SM6451
+ 10F
0.022F
5 LOUT 6 LIN 7 AVDD + 10F 8 VRL 0.022F
+ 10F
0.022F +
+ 1F 1F
100k
Generator
Analyzer
Audio Precision System Two SYS - 2322A
NIPPON PRECISION CIRCUITS--6
SM6451BV
MICROCONTROLLER INTERFACE
The SM6451BV uses a 3-wire serial interface comprising MDT (data), MCK (clock) and MLEN (latch enable) to select channels and attenuation levels for the addressed device.
Input Timing
The microcontroller data input timing is shown in figure 1.
MDT
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MCK
MLEN
Figure 1. Microcontroller data input timing Data is shifted into the internal shift register on the rising edge of MCK, and the attenuation value is updated on the rising edge of MLEN. Accordingly, data on MDT should be changed on the falling edge of MCK. The dotted lines for MCK and MLEN also indicate valid timing. Note, however, a minimum of 16 MCK input pulses are required.
Data Format
The format of microcontroller input data is shown in figure 2.
Attenuation Data 7
Attenuation Data 6
Attenuation Data 5
Attenuation Data 4
Attenuation Data 3
Attenuation Data 2
Attenuation Data 1
MDT
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
Figure 2. Microcontroller data format
D15, D14
Don't care.
D13, D12
Chip address bits. D13 corresponds to ADRS1 and D12 corresponds to ADRS2. The device is addressed only when ADRS1:ADRS2 matches D13:D12. Example 1: If D13 = LOW, D12 = HIGH and ADRS1 = LOW, ADRS2 = LOW, then the device is not addressed since ADRS2 and D12 do not match. Example 2: If D13/D12 = LOW and ADRS1/ADRS2 = LOW, then the device is addressed and all input data is read and the attenuation settings updated.
D11, D10
Don't care.
NIPPON PRECISION CIRCUITS--7
Attenuation Data 0
Chip Address 1
Chip Address 2
Channel Select
Channel Select
Don't Care
Don't Care
Don't Care
Don't Care
D0
SM6451BV
D9, D8
Channel select bits. The selected channel(s) are shown in table 1.
Table 1. Channel select
D9 LOW LOW HIGH HIGH D8 LOW HIGH LOW HIGH Selected channel Both left and right channels Left channel Right channel No change
D7 to D0
Attenuation register (ATT) set bits.
Table 2. Attenuation setting1
Attenuation 0 dB -1 dB -2 dB : -15 dB -16 dB -17 dB : -63 dB -64 dB -65 dB : -79 dB -80 dB Mute Mute : Mute Mute 1. AT T H 00 01 02 : 0F 10 11 : 3F 40 41 : 4F 50 51 52 : FE FF D7 LOW LOW LOW : LOW LOW LOW : LOW LOW LOW : LOW LOW LOW LOW : HIGH HIGH D6 LOW LOW LOW : LOW LOW LOW : LOW HIGH HIGH : HIGH HIGH HIGH HIGH : HIGH HIGH D5 LOW LOW LOW : LOW LOW LOW : HIGH LOW LOW : LOW LOW LOW LOW : HIGH HIGH D4 LOW LOW LOW : LOW HIGH HIGH : HIGH LOW LOW : LOW HIGH HIGH HIGH : HIGH HIGH D3 LOW LOW LOW : HIGH LOW LOW : HIGH LOW LOW : HIGH LOW LOW LOW : HIGH HIGH D2 LOW LOW LOW : HIGH LOW LOW : HIGH LOW LOW : HIGH LOW LOW LOW : HIGH HIGH D1 LOW LOW HIGH : HIGH LOW LOW : HIGH LOW LOW : HIGH LOW LOW HIGH : HIGH HIGH D0 LOW HIGH LOW : HIGH LOW HIGH : HIGH LOW HIGH : HIGH LOW HIGH LOW : LOW HIGH
Outputs are muted after system reset. Attenuation error is changed dependent on the supply voltage when attenuation level is under - 60dB. In the case of the supply voltage being under 2.6V, mute level inverses up to the same level of - 80dB setting or more. (see Figure 6)
NIPPON PRECISION CIRCUITS--8
SM6451BV
ANALOG PERFORMANCE CHARACTERISTICS
DVDD = AVDD = 3.0 V, 100 k output load resistance, Ta = 25 C
1
f=1kHz ATT=0dB 20kHz LPF
0.1
ATT=0dB 20kHz LPF
THD+N(%)
VDD=3.3V VDD=3.0V VDD=2.7V
THD+N(%)
0.1
VIN=0.2Vrms
0.01
VIN=0.5Vrms
0.01
VIN=0.8Vrms
0.001 .1
.2
.5
1
1.2
VIN(Vrms)
0.001 20
100
1k
10k
20k
Frequency(Hz)
Figure 3. THD + N vs. input amplitude
Figure 4. THD + N vs. input frequency
2 1 0
VIN=0.8Vrms f=1kHz
-64 -68 -72
Ideal Gain
Error(dB)
-1 -2 -3 -4 -5 0 -10 -20 -30 -40 -50 -60 -70 -80
Gain(dB)
-76 -80 -84 -88 -92 -64 -68 -72 -76 -80 Mute
VDD=3V VDD=2.7V VDD=2.5V
ATT(dB)
ATT(dB)
Figure 5. Attenuation error
Figure 6. Attenuation characteristic (- 64dB to MUTE)
20
+10
VIN=0Vrms A-Weight Filter
+0 -10 -20
ATT=0dB
VIN=0.8Vrms
Residual Noise(Vrms)
16
ATT=-20dB
12
Gain(dB)
-30 -40 -50 -60 -70 -80 -90
ATT=MUTE ATT=-60dB ATT=-40dB
8
4
ATT=-80dB
0
0
-10
-20
-30
-40
-50
-60
-70
-80
-100 20
100
1k
10k
100k 200k
ATT(dB)
Frequency(Hz)
Figure 7. Residual noise vs. ATT
Figure 8. Frequency response
NIPPON PRECISION CIRCUITS--9
SM6451BV
-40
+0
VIN=0.8Vrms ATT=0dB
-60
-20
FFT Spectrum(dBr)
Cross Talk(dB)
VIN=0.8Vrms=0dBr f=1kHz ATT=0dB BH Window
-40 -60 -80 -100 -120
-80
-100
-120
-140 20
100
1k
10k
100k 200k
-140
0
2k
4k
6k
8k
10k
12k
14k
16k
18k
20k
Frequency(Hz)
Frequency(Hz)
Figure 9. Crosstalk frequency response
Figure 10. FFT spectrum
100
6
10
Current Consumption(mA)
VIN=0.8Vrms f=1kHz ATT=0dB 20kHz LPF
5
AVDD+DVDD ADRS1=ADRS2=0V
THD+N(%)
4 3 2 1 0 2.4
1
0.1
0.01
0.001
1
10 Load Resistance(k)
100
2.7
3
3.3
3.6
Power Supply(V)
Figure 11. THD + N vs. load resistance
Figure 12. Current consumption vs. supply voltage
6
Current Consumption(mA)
5
AVDD+DVDD ADRS1=ADRS2=0V
4 3 2
VDD=2.7V VDD=3.3V
VDD=3.0V
1 0 -50
-25
0
25
50
75
100
Operating Temperature(C)
Figure 13. Current consumption vs. operating temperature
NIPPON PRECISION CIRCUITS--10
SM6451BV
TYPICAL APPLICATIONS
Connection Guidelines
Decoupling capacitors of approximately 10 F should be connected from AVDD, VRL, VRR to AVSS, and from DVDD to DVSS. In addition, approximately 0.01 F capacitors should also be connected from AVDD, VRL, VRR to AVSS, and from DVDD to DVSS to suppress digital switch noise. An approximately 0.001 F capacitor connected from RSTN to DVSS will force a system reset when power is applied.
Connection 1 (to DAC)
CPU
MDT MCK MLEN LPF DAC LPF 2.5 to 3.6V RIN ROUT R-ch OUT LIN LOUT L-ch OUT
SM6451
DVDD AVDD ADRS1 DVSS AVSS ADRS2
Connection 2
When there is a possibility that the input peak-to-peak amplitude will exceed the supply voltage, input protection diodes should be connected to prevent device breakdown.
AVDD L-ch Input LIN LOUT L-ch Output
SM6451
R-ch Input RIN ROUT R-ch Output
AVSS
NIPPON PRECISION CIRCUITS--11
SM6451BV
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility fo r the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter, including compliance with expor t controls on the distribution or dissemination of the products. Customers shall not expor t, directly or indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 4-3, Fukuzumi 2-chome Koto-ku, Tokyo 135-8430, Japan Telephone: 03-3642-6661 Facsimile: 03-3642-6698 NC9925AE 2000.02
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS--12


▲Up To Search▲   

 
Price & Availability of SM6451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X