Part Number Hot Search : 
06ILF 2N540 AN1568 LC512 MB88202 LA73B PTC60 UN1219
Product Description
Full Text Search
 

To Download SL74HC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL74HC03
Quad 2-Input NAND Gate with Open-Drain Outputs
High-Performance Silicon-Gate CMOS
The SL74HC03 is identical in pinout to the LS/ALS03. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. The SL74HC03 NAND gate has, as its output, a high-performance MOS N-Channel transistor. This NAND gate can, therefore, with a suitable pullup resistor, be used in wired-AND applications. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION SL74HC03N Plastic SL74HC03D SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM
PIN ASSIGNMENT
FUNCTION TABLE
Inputs A L L H PIN 14 =VCC PIN 7 = GND H B L H L H Output Y Z Z Z L
Z= High Impedance
SLS
System Logic Semiconductor
SL74HC03
MAXIMUM RATINGS *
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, t f Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V ). CC Unused outputs must be left open.
SLS
System Logic Semiconductor
SL74HC03
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.5 1.35 1.8 0.1 0.1 0.1 0.26 0.26 0.1 1.0 85 C 1.5 3.15 4.2 0.5 1.35 1.8 0.1 0.1 0.1 0.33 0.33 1.0 10 125 C 1.5 3.15 4.2 0.5 1.35 1.8 0.1 0.1 0.1 0.4 0.4 1.0 40 A A Unit
VIH
Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Maximum Low-Level Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH IOUT 20 A VIN=VIH IOUT 4.0 mA IOUT 5.2 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOL
V
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Maximum Three-State Leakage Current
VIN=VCC or GND VIN=VCC or GND IOUT=0A Output in High-Impedance State VIN= VIL or VIH IOUT= VCC or GND
IOZ
6.0
0.5
5.0
10
A
SLS
System Logic Semiconductor
SL74HC03
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input t r=t f=6.0 ns)
VCC Symbol tPLZ, t PZL Parameter Maximum Propagation Delay, Input A or B to Output Y (Figures 1 and 2) Maximum Output Transition Time, Any Output (Figures 1 and 2) Maximum Input Capacitance Maximum Three-State Output Capacitance (Output in High-Impedance State) Power Dissipation Capacitance (Per Gate) CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC V 2.0 4.5 6.0 2.0 4.5 6.0 Guaranteed Limit 25 C to -55C 120 24 20 75 15 13 10 10 85C 150 30 26 95 19 16 10 10 125C 180 36 31 110 22 19 10 10 Unit ns
tTHL
ns
CIN COUT
pF pF
Typical @25C,VCC=5.0 V 8.0 pF
.Figure 1. Switching Waveforms
Figure 2. Test Circuit
EXPANDED LOGIC DIAGRAM (1/4 of the Device)
SLS
System Logic Semiconductor
SL74HC03
*
Denotes open-drain outputs
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL74HC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X