Part Number Hot Search : 
00A12 C4696 8ALCB FE5020 TS1035 11N60C 2HHXX EL6836CL
Product Description
Full Text Search
 

To Download SK33B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SK32B THRU SK310B
3 Amp Schottky Rectifier 20 to 100 Volts
DO-214AA (SMBJ) (Round Lead)
H Cathode Band
* * * * *
For Surface Mount Applications Extremely Low Thermal Resistance Easy Pick And Place High Temp Soldering: 250C for 10 Seconds At Terminals High Current Capability With Low Forward Voltage
* * *
Maximum Ratings
MCC Catalog Number SK32B SK33B SK34B SK35B SK36B SK38B SK310B Device Marking
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 10C/W Junction To Lead
Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V
J
SK32B SK33B SK34B SK35B SK36B SK38B SK310B
A
C
E F G
D
B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current
Maximum Instantaneous Forward Voltage SK32B-34B SK35B-36B SK38B-310B
DIMENSIONS INCHES MIN .078 .075 .002 ----.035 .065 .205 .160 .130 MM MIN 1.98 1.90 .05 ----.90 1.65 5.21 4.06 3.30
IF(AV) IFSM
3.0A 100A
TJ = 120C 8.3ms, half sine
DIM A B C D E F G H J
MAX .116 .089 .008 .02 .055 .091 .224 .180 .155
MAX 2.95 2.25 .20 .51 1.40 2.32 5.69 4.57 3.94
NOTE
VF
.50V .75V .85V
IFM = 3.0A; TJ = 25C*
SUGGESTED SOLDER PAD LAYOUT
0.090"
Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance
IR
.5mA 20mA 45pF
TJ = 25C TJ = 100C Measured at 1.0MHz, VR=4.0V
0.085"
CJ
*Pulse test: Pulse width 200 sec, Duty cycle 2%
0.070"
www.mccsemi.com
SK32B thru SK310B
Figure 1 Typical Forward Characteristics 100 60 40 20 SK32B-SK34B 10 6 4 2 Amps 1 .5 .6 .4 .2 25C .1 .06 .04 .02 .01 .2 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Junction Capacitance 1000 SK35B-SK310B 600 400 SK32B-34B 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 1.0 1.2 1.4 0 1.5 Amps 1.0 SK35B-SK38B 2.0 2.5 3.0 Figure 2 Forward Derating Curve
MCC
Single Phase, Half Wave 60Hz Resistive or Inductive Load 40 60 80 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 120 140 160
400
1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
SK32B thru SK310B
Figure 4 Typical Reverse Characteristics 10 6 4 2 1 .6 75 .4 .2 25C Amps .1 0 .06 .04 .02 .01 .006 .004 .002 .001 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 SK32B-34B SK35B-310B 1 2 4 6 25 Amps 50
MCC
Figure 5 Peak Forward Surge Current 150 125 100
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SK33B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X