Part Number Hot Search : 
RFP450 CJ110 2SD12 TK40J60U 2SB766 55NF03 85230 MHW932
Product Description
Full Text Search
 

To Download SI4490DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4490DY
Vishay Siliconix
N-Channel 200-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
200
rDS(on) (W)
0.080 @ VGS = 10 V 0.090 @ VGS = 6.0 V
ID (A)
4.0 3.8
D
SO-8
S S S G 1 2 3 4 Top View Ordering Information: SI4490DY SI4490DY-T1 (with Tape and Reel) 8 7 6 5 D D D D G
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Avalanch Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C L = 0.1 mH TA = 25_C TA = 70_C
Symbol
VDS VGS
10 secs
200 "20 4.0
Steady State
Unit
V
2.85 2.3 40 15 A
ID IDM IAS IS PD TJ, Tstg
3.2
2.6 3.1 2.0 -55 to 150
1.3 1.56 1.0 W _C
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71341 S-03951--Rev. B, 26-May-03 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
33 65 17
Maximum
40 80 21
Unit
_C/W C/W
1
SI4490DY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 160 V, VGS = 0 V VDS = 160 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 4.0 A rDS( ) DS(on) VGS = 6.0 V, ID = 4.0 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 15 V, ID = 5 A IS = 2.8 A, VGS = 0 V 40 0.065 0.070 19 0.75 1.2 0.080 0.090 W S V 2.0 "100 1 5 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Drain-Source On-State Drain Source On State Resistancea
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 2.8 A, di/dt = 100 A/ms VDD = 100 V, RL = 25 W ID ^ 4.0 A, VGEN = 10 V, RG = 6 W 0.2 VDS = 100 V, VGS = 10 V, ID = 4.0 A 34 7.5 12.0 0.85 14 20 32 25 70 1.3 20 30 50 35 100 ns W 42 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
40 VGS = 10 thru 6 V 32 30 I D - Drain Current (A) I D - Drain Current (A) 24 25 20 15 10 5 4V 0 0 2 4 6 8 10 0 0 1 40 35
Transfer Characteristics
16
TC = 125_C 25_C -55_ C 2 3 4 5 6 VGS - Gate-to-Source Voltage (V) Document Number: 71341 S-03951--Rev. B, 26-May-03
8
5V
VDS - Drain-to-Source Voltage (V) www.vishay.com
2
SI4490DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.20 r DS(on) - On-Resistance ( W ) 2500
Capacitance
0.15
C - Capacitance (pF)
2000 Ciss 1500
0.10
VGS = 6 V
1000
VGS = 10 V 0.05
500
Crss Coss
0.00 0 8 16 24 32 40
0 0 40 80 120 160 200
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
20 V GS - Gate-to-Source Voltage (V) VDS = 100 V ID = 4.0 A 16 2.5
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 4.0 A 2.0
12
r DS(on) - On-Resistance ( W) (Normalized) 30 45 60
1.5
8
1.0
4
0.5
0 0 15 Qg - Total Gate Charge (nC)
0.0 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
50 0.25
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
0.20 ID = 4.0 A 0.15
I S - Source Current (A)
TJ = 150_C 10
0.10
TJ = 25_C
0.05
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71341 S-03951--Rev. B, 26-May-03
www.vishay.com
3
SI4490DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
1.0 60 50 0.5 V GS(th) Variance (V) ID = 250 mA 40 0.0 Power (W)
Single Pulse Power
30 20
-0.5
-1.0
10
-1.5 -50
-25
0
25
50
75
100
125
150
0 0.01
0.1
1 Time (sec)
10
100
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65_C/W
t1 t2
Single Pulse 0.01 10 - 4 10 - 3 10 - 2 10 - 1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 - 4 10 - 3 10 - 2 10 - 1 1 Square Wave Pulse Duration (sec) 10 100 1000
www.vishay.com
4
Document Number: 71341 S-03951--Rev. B, 26-May-03


▲Up To Search▲   

 
Price & Availability of SI4490DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X