Part Number Hot Search : 
BR356W CDRH5D GP2A18F SDR0603 CXG1040T GT125 V48A24E DPT743H
Product Description
Full Text Search
 

To Download SI4403DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4403DY
New Product
Vishay Siliconix
P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.017 @ VGS = -4.5 V -20 0.023 @ VGS = -2.5 V 0.032 @ VGS = -1.8 V
FEATURES
ID (A)
-9 -7 -6
D TrenchFETr Power MOSFETS
APPLICATIONS
D Load Switch - Game Stations - Notebooks - Desktops
S
SO-8
S S S G 1 2 3 4 Top View D P-Channel MOSFET 8 7 6 5 D G D D D
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a _ Pulsed Drain Current continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C PD TJ, Tstg TA = 25_C ID TA = 70_C IDM IS -2.1 2.5 1.6 -55 to 150 -7 -30 -1.3 1.35 0.87 W _C -5.0 A
Symbol
VDS VGS
10 secs
Steady State
-20 "8
Unit
V
-9
-6.5
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes a Surface Mounted on 1" x 1" FR4 Board. Document Number: 71683 S-04393--Rev. A, 13-Aug-01 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
38 71 19
Maximum
50 92 25
Unit
_C/W C/W
1
SI4403DY
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "8 V VDS = -16 V, VGS = 0 V VDS = -16 V, VGS = 0 V, TJ = 70_C VDS -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -7.4 A Drain-Source On-State Resistancea rDS(on) VGS = -2.5 V, ID = -6.3 A VGS = -1.8 V, ID = -5.5 A Forward Transconductancea gfs VSD VDS = -15 V, ID = -7.4 A IS = -1.3 A, VGS = 0 V 20 0.014 0.018 0.024 28 -0.64 -1.1 0.017 0.023 0.032 W W S V -0.45 "100 -1 -10 V nA mA m A
Symbol
Test Condition
Min
Typ
Max
Unit
Diode Forward Voltagea
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = -1.3 A, di/dt = 100 A/ms VDD = -10 V, RL = 15 W ID ^ -1 A, VGEN = -4.5 V, RG = 6 W VDS = -10 V, VGS = -5 V, ID = -7.4 A 30.5 5.3 3.8 30 30 110 65 45 50 50 200 110 80 ns 50 nC
Notes a Pulse test; pulse width v 300 ms, duty cycle v 2%. b Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 5 thru 2 V 24 I D - Drain Current (A) I D - Drain Current (A) 24 30
Transfer Characteristics
18 1.5 V 12
18
12 TC = 125_C 25_C 0 0.0 -55_C 1.0 1.5 2.0
6 0-1V 0 0 2 4 6 8
6
0.5
VDS - Drain-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 71683 S-04393--Rev. A, 13-Aug-01
2
SI4403DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.075 r DS(on) - On-Resistance ( W ) 5000
Vishay Siliconix
Capacitance
C - Capacitance (pF)
0.060
4000
Ciss
0.045
3000
0.030
VGS = 1.8 V VGS = 2.5 V
2000 Coss
0.015 VGS = 4.5 V 0.000 0 6 12 18 24 30
1000 Crss 0 4
0
8
12
16
20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 7.4 A 4 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 7.4 A 1.4
3
r DS(on) - On-Resistance (W) (Normalized) 14 21 28 35
1.2
2
1.0
1
0.8
0 0 7 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.075
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
TJ = 150_C 10
r DS(on) - On-Resistance ( W )
0.060
0.045
ID = 7.4 A
0.030
TJ = 25_C
0.015
1 0.0
0.000 0.2 0.4 0.6 0.8 1.0 1.2 0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71683 S-04393--Rev. A, 13-Aug-01
www.vishay.com
3
SI4403DY
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 40
Single Pulse Power, Junction-to-Ambient
32 0.2 V GS(th) Variance (V) Power (W) ID = 250 mA 0.0 24
16
-0.2
8
-0.4 -50
-25
0
25
50
75
100
125
150
0 10-2
10-1
1 Time (sec)
10
100
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 71_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
4
Document Number: 71683 S-04393--Rev. A, 13-Aug-01


▲Up To Search▲   

 
Price & Availability of SI4403DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X