Part Number Hot Search : 
BA6296FP UBA2032 1N663E3 NTE315 BDR2G GRM32 AD8614 B15E1
Product Description
Full Text Search
 

To Download SI2307DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI2307DS
Vishay Siliconix
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
-30
rDS(on) (W)
0.080 @ VGS = -10 V 0.140 @ VGS = -4.5 V
ID (A)
-3 -2
TO-236 (SOT-23)
G
1 3 D
S
2
Top View SI2307DS (A7)* *Marking Code
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLSS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a, b Pulsed Drain Current Continuous Source Current (Diode Conduction)a, b Power Dissipationa, b Operating Junction and Storage Temperature Range TA= 25_C TA= 70_C TA= 25_C TA= 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
Limit
-30 "20 -3 -2.5 -12 -1.25 1.25
Unit
V
A
W 0.8 -55 to 150 _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambienta t v 5 sec Steady State Notes a. Surface mounted on FR4 board. b. t v 5 sec. Document Number: 70843 S-60570--Rev. A, 16-Nov-98 www.vishay.com S FaxBack 408-970-5600
Symbol
RthJA
Typical
Maximum
100
Unit
_C/W
130
2-1
SI2307DS
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-Resistance Drain Source On Resistancea Forward Transconductancea Diode Forward Voltage V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS( ) DS(on) gfs VSD VGS = 0 V, ID = -10 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -24 V, VGS = 0 V TJ = 55_C VDS v -5 V, VGS = -10 V VGS = -10 V, ID = -3 A VGS = -4.5 V, ID = -2.5 A VDS = -10V, ID = -3 A IS = -1.25 A, VGS = 0 V -6 0.064 0.103 4.5 -1.2 0.080 W 0.140 S V -30 V -1.0 "100 -1 -10 mA A nA
Symbol
Test Conditions
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Qg Qgs Qgd Ciss Coss Crss VDS = -15 V, VGS = 0, f = 1 MHz 15 V 0 MH VDS = -15 V, VGS = -10 V 15 V 10 ID ^ -3 A 3 10 1.9 2 565 126 75 pF F 15 nC C
Switchingb
Turn-On Time td(on) tr Turn-Off Time td(off) tf Notes a. Pulse test: PW v300 ms duty cycle v2%. b. For DESIGN AID ONLY, not subject to production testing. c. Switching time is essentially independent of operating temperature. VDD = -15 V, RL = 15 W 15 V ID ^ -1.0 A, VGEN = -10 V RG = 6 W 10 9 27 7 20 20 ns 50 16
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70843 S-60570--Rev. A, 16-Nov-98
SI2307DS
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
12
Output Characteristics
VGS = 10 thru 5 V
12
Transfer Characteristics
TC = -55_C
10 I D - Drain Current (A) I D - Drain Current (A) 4V 8
10
25_C
8 125_C 6
6
4 3V 2
4
2
0 0 2 4 6 8 10
0 0 1 2 3 4 5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.6 800 700 Ciss r DS(on) - On-Resistance ( W ) 0.4 C - Capacitance (pF) 600 500 400 300 200 100 VGS = 10 V 0 0 2 4 6 8 10 0 0 6 Crss
Capacitance
0.2 VGS = 4.5 V
Coss
12
18
24
30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
10 VDS = 15 V ID = 3 A V GS - Gate-to-Source Voltage (V) 8
Gate Charge
1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 3 A
1.4 r DS(on) - On-Resistance (Normalized) 0 2 4 6 8 10
6
1.2
4
1.0
2
0.8
0
0.6 -50
0
50
100
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 70843 S-60570--Rev. A, 16-Nov-98
www.vishay.com S FaxBack 408-970-5600
2-3
SI2307DS
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
1.0 10.0 r DS(on) - On-Resistance ( W ) 0.8
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
TJ = 150_C 1.0 TJ = 25_C
0.6 ID = -3 A 0.4
0.2
0.1 0.0
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0.6
Threshold Voltage
12 10
Single Pulse Power
0.4 V GS(th) Variance (V)
8 ID = 250 mA 0.0 Power (W) 0.2 6 TA = 25_C Single Pulse
4 -0.2
2
-0.4 -50
0 -25 0 25 50 75 100 125 150 0.01 0.1 1 10 Time (sec) 100 500
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1.00 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.10 0.05 0.02
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 130_C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
500
Square Wave Pulse Duration (sec)
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 70843 S-60570--Rev. A, 16-Nov-98


▲Up To Search▲   

 
Price & Availability of SI2307DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X