Part Number Hot Search : 
A1780 MJD32C AT93C86A TJC125A 6022001 C2506 SK333 EM78P813
Product Description
Full Text Search
 

To Download SI2302DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI2302DS
N-channel enhancement mode field-effect transistor
Rev. 02 -- 20 November 2001
M3D088
Product data
1. Description
N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOSTM1 technology. Product availability: SI2302DS in SOT23.
2. Features
s s s s TrenchMOSTM technology Very fast switching Logic level compatible Subminiature surface mount package.
3. Applications
s Battery management s High speed switch s Low power DC to DC converter.
4. Pinning information
Table 1: Pin 1 2 3 Pinning - SOT23, simplified outline and symbol Description gate (g)
3
Simplified outline
Symbol
source (s) drain (d)
g 1 Top view 2
MSB003 MBB076
d
s
SOT23
1.
TrenchMOS is a trademark of Koninklijke Philips Electronics N.V.
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
5. Quick reference data
Table 2: VDS ID Ptot Tj RDSon Quick reference data Conditions Tj = 25 to 150 C Tsp = 25 C; VGS = 4.5 V Tsp = 25 C VGS = 4.5 V; ID = 3.6 A VGS = 2.5 V; ID = 3.1 A Typ - - - - 56 77 Max 20 2.5 0.83 150 85 115 Unit V A W C m m drain-source voltage (DC) drain current (DC) total power dissipation junction temperature drain-source on-state resistance Symbol Parameter
6. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VGS ID IDM Ptot Tstg Tj IS drain-source voltage (DC) gate-source voltage (DC) drain current (DC) peak drain current total power dissipation storage temperature operating junction temperature source (diode forward) current (DC) Tsp = 25 C Tsp = 25 C; VGS = 4.5 V; Figure 2 and 3 Tsp = 70 C; VGS = 4.5 V; Figure 2 Tsp = 25 C; pulsed; tp 10 s; Figure 3 Tsp = 25 C; Figure 1 Conditions Tj = 25 to 150 C Min - - - - - - -65 -65 - Max 20 8 2.5 2 10 0.83 +150 +150 0.7 Unit V V A A A W C C A
Source-drain diode
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
2 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
03aa17
120 Pder (%) 80
03aa25
120 Ider (%) 80
40
40
0 0 50 100 150 Tsp ( C)
o
0 200 0 50 100 150 Tsp ( C)
o
200
P tot P der = ---------------------- x 100% P
tot ( 25 C )
ID I der = ------------------ x 100% I
D ( 25 C )
Fig 1. Normalized total power dissipation as a function of solder point temperature.
Fig 2. Normalized continuous drain current as a function of solder point temperature.
102 ID (A) 10 RDSon = VDS / ID
03ae92
tp = 10 s 1 1 ms
10 ms 10-1 DC 100 ms
10-2 10-1 1 10 VDS (V) 102
Tsp = 25 C; IDM is single pulse.
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
3 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
7. Thermal characteristics
Table 4: Rth(j-sp) Thermal characteristics Conditions Value Unit 150 K/W thermal resistance from junction to solder point mounted on a metal clad substrate; Figure 4 Symbol Parameter
7.1 Transient thermal impedance
103 Zth(j-sp) (K/W)
03ae91
102
= 0.5
0.2 0.1 10 0.05 0.02 single pulse
tp T t P
=
tp T
1 10-4 10-3 10-2 10-1 1 tp (s) 10
Tsp = 25 C
Fig 4. Transient thermal impedance from junction to solder point as a function of pulse duration.
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
4 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
8. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified Symbol Parameter Static characteristics V(BR)DSS drain-source breakdown voltage VGS(th) IDSS gate-source threshold voltage drain-source leakage current ID = 10 A; VGS = 0 V ID = 1 mA; VDS = VGS; Figure 9 VDS = 20 V; VGS = 0 V Tj = 25 C Tj = 55 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 8 V; VDS = 0 V VGS = 4.5 V; ID = 3.6 A; Figure 7 and 8 VGS = 2.5 V; ID = 3.1 A; Figure 7 and 8 Dynamic characteristics gfs Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VSD forward transconductance total gate charge gate-source charge gate-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain (diode forward) voltage IS = 1.6 A; VGS = 0 V; Figure 12 VDD = 10 V; RL = 5.5 ; VGS = 4.5 V; RG = 6 VGS = 0 V; VDS = 10 V; f = 1 MHz; Figure 11 VDS = 5 V; ID = 3.6 A VDD = 10 V; VGS = 4.5 V; ID = 3.6 A; Figure 13 - - - - - - - - - - - - 8 5.4 0.65 1.6 230 125 80 12 23 50 34 0.8 - 10 - - - - - 20 35 100 50 1.2 S nC nC nC pF pF pF ns ns ns ns V - - - - - 0.01 - 10 56 77 1.0 10 100 85 115 A A nA m m 20 0.65 - - - - V V Conditions Min Typ Max Unit
Source-drain diode
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
5 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
10 ID (A) 8 4.5 V 3 V 2.5 V
03ae93
10 ID (A) 8 VDS > ID x RDSon
03ae95
2V 6
6
4
4
2
VGS = 1.5V
2 Tj = 150 C 25 C
0 0 0.5 1 VDS (V) 1.5
0 0 1 2 VGS (V) 3
Tj = 25 C
Tj = 25 C and 150 C; VDS > ID x RDSon
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values.
Fig 6. Transfer characteristics: drain current as a function of gate-source voltage; typical values.
0.1 RDSon () 0.09
03ae94
2 a 1.6
03ad57
Tj = 25 C
VGS = 2.5 V
0.08 3V 0.07
1.2
0.8
0.06
4.5 V
0.4
0.05 0 2 4 6 8 I (A) 10 D
0 -60 0 60 120 Tj (C) 180
Tj = 25 C
R DSon a = --------------------------R
DSon ( 25 C )
Fig 7. Drain-source on-state resistance as a function of drain current; typical values.
Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature.
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
6 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
03ag05
1.2 VGS(th) (V) 0.8 min typ
10-1 ID (A) 10-2
03ah78
10-3 min 10-4 typ
0.4
10-5
0 -60 0 60 120 Tj (C) 180
10-6 0 0.4 0.8 VGS (V) 1.2
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = 5 V
Fig 9. Gate-source threshold voltage as a function of junction temperature.
Fig 10. Sub-threshold drain current as a function of gate-source voltage.
103
03ae98
C (pF) Ciss 102 Coss Crss
10 10-1 1 10 VDS (V) 102
VGS = 0 V; f = 1 MHz
Fig 11. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
7 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
10 IS (A) 8 VGS = 0 V
03ae97
5 VGS (V) 4 ID = 3.6 A Tj = 25 C VDD = 10 V
03ae99
6
3
4
2
2
150 C
1 Tj = 25 C 0
0 0 0.4 0.8 VSD (V) 1.2
0
1
2
3
4
5 QG (nC)
6
Tj = 25 C and 150 C; VGS = 0 V
ID = 3.6 A; VDD = 10 V
Fig 12. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
Fig 13. Gate-source voltage as a function of gate charge; typical values.
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
8 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
9. Package outline
Plastic surface mounted package; 3 leads SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
Fig 14. SOT23.
9397 750 09107 (c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
9 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
10. Revision history
Table 6: 02 Revision history CPCN Description Includes product data; second version; supersedes initial version 03 september 2001.
Rev Date 20011120
* * *
01 20010903 -
Table 5 "Characteristics" Correction to VGS(th) conditions. Figure 9 Correction to curves. Figure 10 Correction to curves.
Product specification; initial version.
9397 750 09107
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
10 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
11. Data sheet status
Data sheet status[1] Objective data Preliminary data Product status[2] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] [2]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 09107
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 02 -- 20 November 2001
11 of 12
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
Contents
1 2 3 4 5 6 7 7.1 8 9 10 11 12 13 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
(c) Koninklijke Philips Electronics N.V. 2001. Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 20 November 2001 Document order number: 9397 750 09107


▲Up To Search▲   

 
Price & Availability of SI2302DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X