|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION SF161A THRU SF166A GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes FEATURES * * * * * * * Low switching noise Low forward voltage drop Low thermal resistance High current capability Super fast switching speed High reliability Good for switching mode circuit .108 (2.75) .413 (10.5) .374 (9.5) .153 (3.9) .146 (3.7) .270 (6.9) .230 (5.8) .610 (15.5) .583 (14.8) TO-220 .187 (4.7) .148 (3.8) .053 (1.3) .047 (1.2) MECHANICAL DATA * * * * * Case: TO-220A molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.24 grams .157 (4.0) .051 (1.3) .043 (1.1) .035 (0.9) .102 (2.6) .091 (2.3) .583 (14.8) .531 (13.5) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. .022 (0.56) .014 (0.36) .126 (3.2) Dimensions in inches and (millimeters) MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 125 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJC CJ TJ, TSTG 50 -65 to + 150 SF161A 50 35 50 SF162A 100 70 100 SF163A 150 105 150 16.0 150 3 30 SF164A 200 140 200 SF165A 300 210 300 SF166A 400 280 400 UNITS Volts Volts Volts Amps Amps 0 C/ W pF 0 C ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC @TC = 25 o C Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Suffix "C" =Common Cathode. @TC = 100 oC SYMBOL VF IR trr 35 SF161A SF162A SF163A 1.0 10 500 50 SF164A SF165A SF166A UNITS Volts uAmps nSec 2001-5 1.35 RATING AND CHARACTERISTIC CURVES ( SF161A THRU SF166A ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 20 INSTANTANEOUS REVERSE CURRENT, (uA) FIG. 2 - TYPICAL REVERSE CHARACTERISTICS AVERAGE FORWARD CURRENT, (A) 1000 16 12 8 4 0 0 50 100 CASE TEMPERATURE, ( 150 ) Single Phase Half Wave 60Hz Inductive or Resistive Load TC = 100 100 10 TC = 25 FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 1.0 PEAK FORWARD SURGE CURRENT, (A) 150 125 100 8.3ms Single Half Sine-Wave (JEDEC Method) 0.1 0 20 40 60 80 100 120 140 75 50 25 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) INSTANTANEOUS FORWARD CURRENT, (A) FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 5 - TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE, (pF) 40 20 10 4 2 1.0 .4 .2 .1 .6 .7 .8 .9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE, (V) TJ=25 Pulse Width = 300uS 1% Duty Cycle SF 16 1A F ~S 16 4A 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V ) TJ = 25 SF1 SF1 61A ~SF SF 16 5A F ~S 16 6A 164 A 65A ~SF 166 A RECTRON |
Price & Availability of SF163A |