Part Number Hot Search : 
MRF9085 NJM2732M 104M1 78L06A 215200P UERP16D TK73249 PR102W
Product Description
Full Text Search
 

To Download SDS511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDS511
Switching Diode
Features
* * * * Ultra high speed switching application Low forward voltage Fast reverse recovery time Small total capacitance
Ordering Information
Type No. SDS511 Marking S1 Package Code SOD-323
Outline Dimensions
unit : mm
0.3~0.35
2.50.1 1.70.1
1.250.1
2
1
2
0.150.04
CATHODE MARK
1
0.90.1
0~0.1
0.2 Min.
PIN Connections 1. Anode 2. Cathode
KSD-C001-000
1
SDS511
Absolute maximum ratings
Characteristic
Maximum(peak) reverse voltage Reverse voltage Maximum(peak) forward current Average forward current Surge current(10ms) Power dissipation Junction temperature Storage temperature
Ta=25C
Symbol
VRM VR IFM IO IFSM PD Tj Tstg
Ratings
85 80 300 100 2 150 150 -55 ~ 150
Unit
V V mA mA A mW C C
Electrical Characteristics
Characteristic
Forward voltage
Ta=25C
Symbol
VF(1) VF(2) VF(3) IR CT IF=1mA
Test Condition
IF=10mA IF=100mA VR=80V VR=0, f=1MHz IF=10mA
Min. Typ. Max.
0.6 0.7 0.9 2.2 1.6 1.2 0.5 4.0 4.0
Unit
V
Reverse current Total capacitance Reverse recovery time
A pF
trr
ns
KSD-C001-000
2
SDS511
Electrical Characteristic Curves
Fig. 1 IF-VF Fig. 2 IR-VR
Fig. 3 CT-VR
Fig. 4 trr-IF
Fig. 5 Reverse recovery time(trr) test circuit
KSD-C001-000
3


▲Up To Search▲   

 
Price & Availability of SDS511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X