Part Number Hot Search : 
NJM2249M HSC226 1N777 C2012X7R LAS8500P KK34119N 3N130 WR200
Product Description
Full Text Search
 

To Download SD103ASDM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103ASDM
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY Features
NEW PRODUCT
* * * *
Low Forward Voltage Drop Guard Ring Construction for Transient Protection Fast Switching Low Reverse Capacitance
A
SOT-26 Dim A Min 0.35 1.50 2.70 3/4 3/4 2.90 1.00 0.35 0.10 0 Max 0.50 1.70 3.00 3/4 3/4 3.10 1.30 0.55 0.20 8 Typ 0.38 1.60 2.80 0.95 0.55 3.00 0.05 1.10 0.40 0.15 3/4
TOP VIEW
BC
B C D
Mechanical Data
* * * * * * *
H
Case: SOT-26, Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Polarity: See Diagram Leads: Solderable per MIL-STD-202, Method 208 Marking: KSU (See Page 2) Weight: 0.016 grams (approx.)
F
K M
H J K L M a
0.013 0.10
J
D
F
L
All Dimensions in mm
TOP VIEW
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t 1.0s IFSM Pd RqJA Tj, TSTG Value 40 28 350 1.5 225 444 -65 to +125 Unit V V mA A mW C/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Drop (Note 2) Reverse Current (Note 2) Total Capacitance Reverse Recovery Time
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 40 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 50 10 Max 3/4 0.37 0.50 0.60 5.0 3/4 3/4 Unit V V mA pF ns Test Condition IR = 100mA IF = 20mA IF = 100mA IF = 200mA VR = 30V VR = 0V, f = 1.0MHz IF = IR = 200mA, Irr = 0.1 x IR, RL = 100W
Notes: 1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30294 Rev. 2 - 2
1 of 2 www.diodes.com
SD103ASDM
1000
100
f = 1MHz
NEW PRODUCT
IF, FORWARD CURRENT (mA)
100
CT, CAPACITANCE (pF)
0 0.5 VF, FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 1.0
10
10
1.0
1.0
0.10
0.01
0.1 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 2 Typical Total Capacitance vs Reverse Voltage
Ordering Information
Device SD103ASDM-7 Notes:
(Note 3) Packaging SOT-26 Shipping 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KSU YM
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3
YM KSU
2004 R Apr 4 May 5
KSU = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30294 Rev. 2 - 2
2 of 2 www.diodes.com
SD103ASDM


▲Up To Search▲   

 
Price & Availability of SD103ASDM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X