Part Number Hot Search : 
10ETS12 ADM1170 AJT006 AJT006 1216C 683ML MBRA120 683ML
Product Description
Full Text Search
 

To Download SA158 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA 154 ... SA 160 Fast Switching Surface Mount Si-Rectifiers Schnelle Si-Gleichrichter fur die Oberflachenmontage
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MELF Kunststoffgehause MELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 50...1000 V DO-213AB 0.12 g
Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
see page 18 siehe Seite 18
Maximum ratings Type Typ SA 154 SA 155 SA 156 SA 157 SA 158 SA 159 SA 160 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms
TT = 100/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFRM IFSM i2t
1A 10 A 1) 35 A 6 A2s
1
98
) Max. temperature of the terminals TT = 100/C - Max. Temperatur der Anschlusse TT = 100/C 28.02.2002
SA 154 ... SA 160 Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+175/C - 50...+175/C
Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Reverse recovery time Sperrverzug Tj = 25/C Tj = 25/C Tj = 100/C IF = 1 A VR = VRRM VR = VRRM VF IR IR trr RthA RthT
Kennwerte < 1.3 V < 5 :A < 100 :A < 300 ns < 45 K/W 1) < 15 K/W
IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25A
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Kontaktflache
1
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 28.02.2002
99


▲Up To Search▲   

 
Price & Availability of SA158

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X