Part Number Hot Search : 
FJX4013R AM252 HCT57 MBR3060 81A55 TA0942A 2300S VICES
Product Description
Full Text Search
 

To Download S5930-256S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMAGE SENSOR
NMOS multichannel detector head
C5964 series
Incorporates a thermoelectrically-cooled NMOS linear image sensor
C5964 series is a family of multichannel detectors developed for spectrophotometry in the UV to near infrared range (up to 1000 nm). C5964 series device incorporates a thermoelectrically-cooled NMOS linear image sensor (S5930/S5931/S8382/S8383 series), low noise driver/amplifier circuit and highly stable temperature control circuit. It also operates from simple external signal inputs. The image sensor is cooled to a preset temperature (Ts=0 C) as soon as the power is turned on. Should the cooler fail and the device overheat, the built-in protection circuit automatically shut off the power. The housing is designed for compactness, yet offers good heart dissipation. Furthermore, mounting holes are provided on the front panel of the housing, permitting easy connection to a monochromator or other instruments
Features
Applications
l Designed for use with a thermoelectrically-cooled NMOS l Multichannel spectrophotometry linear image sensor (S5930 series, etc.) l Spectrophotometer, colorimeter l Built-in driver/amplifier and temperature control circuits l Optical spectrum analyzer l Highly stable temperature control ensures a constant l Time-resolved photometry cooling temperature of Ts=0 0.05 C (at Ta=10 to 30 C) l Operates from simple signal inputs l High sensitivity and wide dynamic range l Various models are available according to image sensor type
s Selection guide
C5964 series consists of the following models depending on the NMOS linear image sensor used. NMOS linear image sensor NMOS multichannel Pixel size Effective active area Type No. Number of pixels detector head [m (H) x m (V)] [mm (H) x mm (V)] C5964-0800 S5930-256S 256 12.8 x 2.5 50 x 2500 C5964-0900 S5930-512S 512 25.6 x 2.5 C5964-0910 S5931-512S 512 12.8 x 2.5 25 x 2500 C5964-1010 S5931-1024S 1024 25.6 x 2.5 C5964-0801 S8382-256S 256 12.8 x 2.5 50 x 2500 C5964-0901 S8382-512S 512 25.6 x 2.5 C5964-0911 S8383-512S 512 12.8 x 2.5 25 x 2500 C5964-1011 S8383-1024S 1024 25.6 x 2.5
Remark
Standard type
IR-enhanced type
NMOS multichannel detector head
s Absolute maximum ratings
C5964 series
Unit V V V C C
Parameter Supply voltage (for digital circuitry) Supply voltage (for analog circuitry) Digital input voltage Operating temperature Storage temperature Parameter
Symbol +VD VA Topr Tstg
Value -0.5 to +7 18 VD +10 to +30 0 to +50
s Electrical characteristics (Ta=25 C, VD=+5 V, VA=15 V, unless otherwise noted)
High level Low level
Symbol Min. Typ. Max. Unit VIH +2.0 +VD V Digital input VIL -0.5 +0.8 V Master clock (CLK) pulse frequency fCLK 375 kHz Video signal readout frequency fv fCLK/6 Hz Master start (start) pulse width tst 1/fCLK s High level (Io= -6 mA) VIH +2.0 V Digital output +0.8 V Low level (Io=+6 mA) VIL Digital +VD +4.75 +5.0 +5.25 V Power supply conditions: Rated voltage Analog VA 14.5 15.0 15.5 V +5 Vdc *1 +2.0 A Power supply conditions: +15 Vdc +100 mA Current consumption -15 Vdc -100 mA *1: Including the current consumption of the Peltier element incorporated in the NMOS linear image sensor (S5930 series, etc.)
s Electrical and optical characteristics (Ta=25 C, Ts=0 C, V,=+5 V, V)=15 V, unless otherwise noted)
Parameter Spectral response range Built in sensors Symbol p S5930/S5931 series S8382/S8383 series S5930 series S5931 series S8382 series S8383 series S5930 series S5931 series S8382 series S8383 series Min. Typ. 200 to 1000 600 750 50 25 50 25 0.009 0.004 0.009 0.004 0.2 0.4 0.2 0.4
Peak sensitivity wavelength
Saturation output charge
Qsat
Dark current Photo response non-uniformity *2
ID
PRNU S5930 series S5931 series Conversion gain Gc S8382 series S8383 series *2: Use for A light source. 50 % of saturation, excluding first and last pixels.
Max. 0.03 0.01 0.03 0.01 3 -
Unit nm nm
pC
pA/pixel % V/pC
NMOS multichannel detector head
C5964 series
s Temperature controller specifications (Ta=25 C, VD=+5 V, VA=15 V, unless otherwise noted)
Parameter *3 Symbol Min. Typ. Max. Unit Cooling temperature Ts -1 0 +1 C Temperature control range -0.05 +0.05 C Ts Power dissipation of Peltier element Pp 7 W Cool down time to preset temperature to 5 minute Setting temperature for overheart protection To +40 C *3: Other functions include error display, automatic power off, and detection of electrical opens and shorts by the thermosensor.
s Spectral response
(Measurement example, Ta=25 C) 0.5
IR-ENHANCED TYPES
PHOTO SENSITIVITY (A/W)
0.4
0.3
0.2
0.1 STANDARD TYPES 0 200
300
400
500
600
700
800
900 1000 1100 1200
WAVELENGTH (nm)
KMPDB0159EA
s Block diagram of NMOS linear image sensor (S5930 series, etc.)
START CLOCK CLOCK
st 1 2 DIGITAL SHIFT REGISTER (MOS SHIFT REGISTER) END OF SCAN
ACTIVE PHOTODIODE
ACTIVE VIDEO
Vss SATURATION CONTROL GATE SATURATION CONTROL DRAIN DUMMY DIODES
DUMMY VIDEO
KMPDC0020EA
NMOS multichannel detector head
s Block diagram (C5964 series)
C5964 series
P+ PTH. C *1 TEMPERATURE CONTOROLLER
+5 V, VDD (D) +15 V -15 V
+5 V D. GND +15 V A. GND -15 V
THEMOELECTRIC COOLWER START CLK1 CLK2
LED TH. H *2 TIMING SIGNAL CLK CONTROLLER START TRIGGER EOS
BUFFER +5 V
END VDD (D) GND (D) GND (A) +15 V BURRER VIDEO NMOS LINEAR IMAGE SENSOR S5930 SERIES, etc.
DATA VIDEO +15 V INTEGRATION AMPLIFIER GAIN AMPLIFIER LOWPASS FILTER
*1: Thermistor incorporated in the image sensor. Used for temperature monitoring of the image sensor. *2: Thermistor mounted on the heatsink fins. Used for temperature monitoring of the heat radiating side.
KACCC0067EA
s Pulse timing chart
CLK START
ST CLK1/RESET CLK2 RESET CLK2/CLAMP TRIGGER
DATA VIDEO EOS
KACCC0068EA
NMOS multichannel detector head
s Pin connection
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
C5964 series
Symbol NC Data video VA1+ (+15 V) VA1- (-15 V) VD (+5 V, P+) Start CLK EOS A. GND A. GND NC D. GND (P-) D. GND D. GND Trigger
Description No connection. Analog video output signal. Positive polarity. Power supply for analog circuitry. Power supply for analog circuitry. Power supply for digital circuitry. For the thermoelectric cooler in the NMOS linear image sensor. Digital input signal to initialize the circuit. HCMOS compatible. Positive logic. The start pulse interval determines the signal storage time of the sensor. Digital input signal to specify the circuit operation. HCMOS compatible. Operates at the rising edge. Digital output signal to indicate the end of scan of the NMOS linear image sensor. HCMOS compatible. Negative logic. Analog ground. Analog ground. No connection. Digital ground. Power supply return of the thermoelectric cooler mounted in the NMOS linear image sensor. Digital ground. Digital ground. Digital output signal for A/D conversion. HCMOS compatible. Positive logic.
8
7
6
5
4
3
2
1
15
14
13
12
11
10
9
KACCC0069EA
15-pin D-sub connector (socket type)
s Dimensional outline (unit: mm)
49.0 40.0 (4 x) M3 DEPTH 9 115
80.0
94.0
FOCAL LENGTH 7.0 0.5
KACCA0053EA
NMOS multichannel detector head
s Peripheral equipment for multichannel detectors
C5964 series
Hamamatsu provides a variety of peripheral equipment for NMOS multichannel detectors to facilitate high-precision measurement using computers. They include a data processing unit, and various interconnection cables. The figure below shows an example of connections to perihperal equipment, using a PC/AT compatible machine.
OSCILLOSCOPE
SIGNAL CABLE A3020 (1.5 m, 2 CABLES) (WITH CONNECTORS AT BOTH ENDS) POWER CABLE (WITH CONNECTORS AT BOTH ENDS) A3018 (1.5 m)
HAMAMATSU
POWER SUPPLY (+5 V, 15 V) C2892
CABLE FOR IMAGE SENSOR (WITH CONNECTORS AT BOTH ENDS) A3017 (0.5 m)
A7094 (5 m) A7094-01(2.5 m)
DATA PROCESSING UNIT C6536 C5964 SERIES INTERFACE BOARD FOR IMAGE SENSOR M7089 PC/AT COMPATIBLE MACHINE
KACCC0070EA
q Data processing unit C6536
C6536 data processing unit converts video signals from an NMOS linear image sensor into 12 bit digital signals. C6536 consists of a driving an image sensor. The signals from the NMOS linear image sensor are converted into digital signals at high-speed and buffered in the internal memory. By hand shaking between the internal controller and the external computer, data can be transferred in parallel according to the computer's speed.
q Interface board M7089
M7089 interface board is an I/O board designed for IBM PC/AT compatible computers with an ISA bus slot. By inserting M7089 into the internal ISA slot of an IBM PC/AT compatible computer, data can be transferred between C6536 data processing unit and the PC. This allows analyzing the output signal from an NMOS linear image sensor on the PC or controlling the signal integration time of the NMOS linear image sensor from the PC.
q Power supply
This power supply provides an NMOS linear image sensor and a C6536 data processiong unit with the necessary power of +5 V and 15 V.
q Interconnection cables
Various interconnection cables are provided for connecting a multichannel detector to peripheral units.
s Handling precautions
C5964 series is a precision device, so use sufficient caution when handling it. q Never disassemble or modify the device as this may cause an operating failure. q Protect the device from shocks such as drops or impacts as these may cause breakage. q Avoid storing the device in high temperature and high humidity locations for long periods of time. q Never block the air vents provided on the top and side panels of this unit during operation. Blocking the air vents may cause overheating. q When connecting to other equipment, check that the electrical specifications are matched. q Never exceed the maximum ratings during operation. Observe the following precautions to obtain the fullest performance of device. q Provide a proper shield to protect the device against external electromagnetic effects. Use of a shield cable is recommended. q Use a power supply with minimum ripple and noise. q Pay attention to prevent extraneous light from entering the device for accurate measurements.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Cat. No. KACC1018E02 Feb. 2001 DN


▲Up To Search▲   

 
Price & Availability of S5930-256S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X