Part Number Hot Search : 
Z27VC 5KP24A GL602USB EZ1086CT PE30L0F 30252 TC9256F 351104
Product Description
Full Text Search
 

To Download RGL41M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYM11-50 THRU BYM11-1000 RGL41A THRU RGL41M
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Reverse Voltage - 50 to 1000 Volts
* E D
DO-213AB
Forward Current - 1.0 Ampere
FEATURES
T
2nd BAND
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Capable of meeting environmental standards of MIL-S-19500 For surface mount applications High temperature metallurgically bonded construction Glass passivated cavity-free junction Fast switching for high efficiency High temperature soldering guaranteed: 450C/5 seconds at terminals. Complete device submersible temperature of 260C for 10 seconds in solder bath
P
A
T
E
N
2nd band denotes voltage type
MECHANICAL DATA
Case: JEDEC DO-213AB molded plastic over glass body Terminals: Plated terminals, solderable per MIL-STD-750, Method 2026 Polarity: Two bands indicate cathode end -1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating Mounting Position: Any Weight: 0.0046 ounce, 0.116 gram
*Glass-plastic encapsulation is covered by
Patent No. 3,996,602 and brazed-lead assembly to Patent No. 3,930,306
(R)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
BYM11 -50
RGL 41A Gray
BYM11 -100
RGL 41B Red
BYM11 -200
RGL 41D Orange
BYM11 -400
RGL 41G Yellow
BYM11 -600
RGL 41J Green
BYM11 BYM11 -800 -1000 UNITS
RGL 41K Blue RGL 41M Violet
Fast switching time device: 1st band is Red Polarity color bands (2nd Band) Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TT=55C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage Maximum full load reverse current, full cycle average at TA=55C Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Maximum thermal resistance (NOTE 3)
(NOTE 4)
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) trr CJ RJA RJT TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30.0 1.3 5.0 50.0 50.0
600 420 600
800 560 800
1000 Volts 700 Volts Amp Amps Volts A A 1000 Volts
TA=25C TA=125C
150 15.0 75.0 30.0 -65 to +175
250
500
ns pF C/W C
Operating junction and storage temperature range
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal (4) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal
10/98
RATINGS AND CHARACTERISTIC CURVES BYM11-50 THRU BYM11-1000 / RGL41A THRU RGL41M
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.25
PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
30
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
1.0
25
0.75
20
0.5
15
0.25
10
0 25
50
75
100
125
150
175
0
1
10
NUMBER OF CYCLES AT 60 HZ
100
TERMINAL TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=25C
1
TJ=100C
1
PULSE WIDTH=300s 1% DUTY CYCLE
0.1
0.1
TJ=25C
0.01
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE (C/W) FIG. 5 - TYPICAL JUNCTION CAPACITANCE
100
MOUNTED ON 0.20 x 0.27" (5 x 7mm) COPPER PAD AREAS
100
TJ=25C f=1.0 MHZ Vsig=50mVp-p
10
CAPACITANCE, pF
10
1
0.1 0.01
0.1
1
t, PULSE DURATION, sec
10
100
1
1
10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of RGL41M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X