Part Number Hot Search : 
BA7605N FZT649TC T32AP E000464 MMBT3906 SOT23 SCA31X0 M27C32
Product Description
Full Text Search
 

To Download Q62702-F1582 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF 569W
PNP Silicon RF Transistor kein Status * For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner
Type BF 569W
Marking Ordering Code LHs Q62702-F1582
Pin Configuration 1=B 2=E 3=C
Package SOT-323
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation Symbol Values 35 40 3 30 5 mW 280 150 - 65 ... + 150 C mA Unit V
VCEO VCBO VEBO IC IB Ptot Tj Tstg
TS 93 C
Junction temperature Storage temperature Thermal Resistance Junction - soldering point
RthJS
205
K/W
Semiconductor Group
1
Nov-28-1996
BF 569W
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
35 50 -
V nA 100 20 -
IC = 1 mA, IB = 0
Collector-base cutoff current
ICBO hFE
VCB = 20 , IE = 0
DC current gain
IC = 3 mA, VCE = 10 V
AC Characteristics Transition frequency
fT
950 0.32 0.15 -
MHz pF dB 4.5 -
IC = 30 mA, VCE = 10 V, f = 100 MHz
Collector-base capacitance
Ccb Cce
-
VCB = 10 V, VBE = vbe = 0 , f = 1 MHz
Collector-emitter capacitance
VCE = 10 V, VBE = vbe = 0 , f = 1 MHz
Noise figure
F
IC = 3 mA, VCE = 10 V, f = 800 MHz ZS = 60
Cannon-base power gain
Gp
14.8 -
IC = 3 mA, VCB = 10 V, f = 800 MHz RL = 500
Semiconductor Group
2
Nov-28-1996
BF 569W
Total power dissipation Ptot = f (TA*, TS)
* Package mounted on epoxy
300
mW
Ptot
200
TS
150
TA
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax/PtotDC = f (tp)
10 3
10 2
K/W
RthJS
10 2
Ptotmax/PtotDC D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 \undefined &SYMBOL.TP
-1
0
Semiconductor Group
3
Nov-28-1996
BF 569W
Transition frequency fT = f (IC) f = 100MHz
VCE = 10V
Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz
Semiconductor Group
4
Nov-28-1996


▲Up To Search▲   

 
Price & Availability of Q62702-F1582

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X