Part Number Hot Search : 
70246 43025 HCT00 B1010 A1209 MB914 HHS40ZE NF03L
Product Description
Full Text Search
 

To Download PT2323-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
6-Ch Audio Selector
PT2323
DESCRIPTION
PT2323 is a 6-Channel Audio Selector utilizing CMOS Technology specially designed for Home Theater System. It provides a built-in 2-Channel to 6-Channel Translator, which can directly mix traditional stereo channel to simulate a 6-Channel audio output. Single power supply (9V), I2C Bus Interface as well as very low Total Harmonic Distortion (THD < 0.005%) and other features are incorporated into a single chip thereby providing very high performance. Pin assignments and application circuit are optimized for easy PCB layout and cost saving advantages.
FEATURES
Supply Voltage: 9V 4 Stereo Inputs One 6-Channel Input Maximum Input Voltage: 3.75Vrms (1kHz, THD<1%) Low Total Harmonic Distortion, THD<0.005% (1kHz, 0.2Vrms) Low Noise: No<4Vrms I2C Bus Interface Available in 28 Pins, DIP or SOP Package
APPLICATIONS
AV System Mini Compo Car Stereo Multi-Media Audio Systems
PT2323 v1.1
-1-
July, 2003
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
6-Ch Audio Selector
PT2323
PIN CONFIGURATION
L1 L2 L3 L4 FLI FRI CTI SUBI SLI SRI MIXO VCC REF GND PT2323
R1 R2 R3 R4 LPF_I LPF_O FLO FRO CTO SUBO SLO SRO SCL SDA
PT2323 v1.1
-2-
July, 2003
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
6-Ch Audio Selector
PT2323
APPLICATION CIRCUIT
10f 100K + Rch1 + Rch2 Rch3 Rch4
100K 10f Lch1 Lch2 Lch3 Lch4
1 2 3 4 5 6 7
L1 L2 L3 L4 FLI FRI CTI SUB I SLI SRI M IX O V CC REF GND
R1 R2 R3 R4 L PF_I L PF_O FLO FRO CTO SUB O SLO SRO SCL SDA
28 27
+
26
+
25 24 23 22 21 20 19 18 17 16 15
C2 C1 10 270(N OTE ) + f 270(N OTE ) + 270(N OTE ) + 270(N OTE ) + 270(N OTE ) + 270(N OTE ) +
From MIX O <<
100K
6C H IN
8 9 10 11 12 13
6C H OUT
<< 9V
47f
0.1
10f
14
PT2323 28Pin
Note:
I2C BUS
* = An external resistor (R=270) must be connected in series to each of the output pins
(FLO, FRO, CTO, SUBO, SLO, SRO) and must be as close as possible to the PT2323 chip.
PT2323 v1.1 -3July, 2003
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
6-Ch Audio Selector
PT2323
ORDER INFORMATION
Valid Part Number PT2323 PT2323-S Package Type 28 PINS, DI Package (600 mil) 28 PINS, SO Package (330 mil) Top Code PT2323 PT2323-S
PT2323 v1.1
-4-
July, 2003


▲Up To Search▲   

 
Price & Availability of PT2323-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X