|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET FEATURES * 'Trench' technology * Very low on-state resistance * Fast switching * Low thermal resistance * Logic level compatible PHP69N03LT, PHB69N03LT PHD69N03LT QUICK REFERENCE DATA d SYMBOL VDSS = 25 V ID = 69 A RDS(ON) 12 m (VGS = 10 V) RDS(ON) 14 m (VGS = 5 V) g s GENERAL DESCRIPTION N-channel enhancement mode logic level field-effect power transistor in a plastic envelope using 'trench' technology. Applications:* High frequency computer motherboard d.c. to d.c. converters * High current switching The PHP69N03LT is supplied in the SOT78 (TO220AB) conventional leaded package. The PHB69N03LT is supplied in the SOT404 (D2PAK) surface mounting package. The PHD69N03LT is supplied in the SOT428 (DPAK)surface mounting package. PINNING PIN 1 2 3 tab DESCRIPTION gate drain 1 source SOT78 (TO220AB) tab SOT404 (D2PAK) tab SOT428 (DPAK) tab 2 1 23 2 1 3 1 3 drain LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER VDSS VDGR VGS VGSM ID IDM Ptot Tj, Tstg Drain-source voltage Drain-gate voltage Gate-source voltage (DC) Gate-source voltage (pulse peak value) Drain current (DC) Drain current (pulse peak value) Total power dissipation Operating junction and storage temperature CONDITIONS Tj = 25 C to 175C Tj = 25 C to 175C; RGS = 20 k Tj 150C Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 25 25 15 20 69 48 240 125 175 UNIT V V V V A A A W C 1 It is not possible to make connection to pin:2 of the SOT404 or SOT428 packages. October 1999 1 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET THERMAL RESISTANCES SYMBOL PARAMETER Rth j-mb Rth j-a Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS PHP69N03LT, PHB69N03LTT PHD69N03LT MIN. - TYP. MAX. UNIT 60 50 1.2 K/W K/W K/W SOT78 package, in free air SOT404 and SOT428 packages, pcb mounted, minimum footprint - AVALANCHE LIMITING VALUE SYMBOL PARAMETER WDSS CONDITIONS MIN. MAX. 60 UNIT mJ Drain-source non-repetitive ID = 25 A; VDD 15 V; unclamped inductive turn-off VGS = 5 V; RGS = 50 ; Tmb = 25 C energy ELECTRICAL CHARACTERISTICS Tj= 25C unless otherwise specified SYMBOL PARAMETER V(BR)DSS VGS(TO) RDS(ON) gfs IGSS IDSS Qg(tot) Qgs Qgd td on tr td off tf Ld Ld Ls Ciss Coss Crss Drain-source breakdown voltage Gate threshold voltage Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C VGS = 10 V; ID = 25 A VGS = 5 V; ID = 25 A VGS = 5 V; ID = 25 A; Tj = 175C Forward transconductance VDS = 25 V; ID = 25 A Gate source leakage current VGS = 5 V; VDS = 0 V Zero gate voltage drain VDS = 25 V; VGS = 0 V; current Tj = 175C Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance Input capacitance Output capacitance Feedback capacitance ID = 69 A; VDD = 15 V; VGS = 5 V MIN. 25 22 1 0.5 12 TYP. MAX. UNIT 1.5 8.5 11 40 10 0.05 26 7.6 11 7 50 82 59 3.5 4.5 7.5 1700 475 300 2 2.3 12 14 26 100 10 500 15 75 120 75 V V V V V m m m S nA A A nC nC nC ns ns ns ns nH nH nH pF pF pF VDD = 15 V; ID = 25 A; VGS = 10 V; RG = 5 Resistive load Measured tab to centre of die Measured from drain lead to centre of die (SOT78 package only) Measured from source lead to source bond pad VGS = 0 V; VDS = 20 V; f = 1 MHz October 1999 2 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET PHP69N03LT, PHB69N03LTT PHD69N03LT REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS Tj = 25C unless otherwise specified SYMBOL PARAMETER IS ISM VSD trr Qrr Continuous source current (body diode) Pulsed source current (body diode) Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 69 A; VGS = 0 V IF = 20 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 25 V TYP. MAX. UNIT 0.9 1.0 83 0.1 69 240 1.2 A A V ns C Normalised Power Derating, PD (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175 1000 Peak Pulsed Drain Current, IDM (A) RDS(on) = VDS/ ID 100 tp = 10 us 100 us 1 ms 10 D.C. 10 ms 100 ms 1 1 10 Drain-Source Voltage, VDS (V) 100 Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb) Fig.3. Safe operating area ID & IDM = f(VDS); IDM single pulse; parameter tp Transient thermal impedance, Zth j-mb (K/W) Normalised Current Derating, ID (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175 10 1 D = 0.5 0.2 0.1 0.1 0.05 0.02 P D tp D = tp/T single pulse 0.01 1E-06 1E-05 1E-04 1E-03 Pulse width, tp (s) 1E-02 T 1E-01 1E+00 Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); VGS 5 V Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T October 1999 3 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET PHP69N03LT, PHB69N03LTT PHD69N03LT 50 45 Drain Current, ID (A) VGS = 10 V 5V 4.5 V Tj = 25 C 3V 50 45 40 35 Transconductance, gfs (S) VDS > ID X RDS(ON) Tj = 25 C 40 35 30 25 2.6 V 20 15 10 2.2 V 5 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 Drain-Source Voltage, VDS (V) 1.6 1.8 2 2V 2.4 V 2.8 V 175 C 30 25 20 15 10 5 0 0 5 10 15 20 25 Drain current, ID (A) 30 35 40 Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID) Normalised On-state Resistance Drain-Source On Resistance, RDS(on) (Ohms) 0.1 2.2 V 0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 10V 0 0 5 10 15 20 25 30 Drain Current, ID (A) 35 40 45 50 5V VGS =4.5 V 3V 2.8V 2.4 V 2.6 V Tj = 25 C 2 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -60 -40 -20 0 20 40 60 80 100 Junction temperature, Tj (C) 120 140 160 180 Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj) Threshold Voltage, VGS(TO) (V) 2.25 2 1.75 1.5 typical 1.25 1 minimum maximum Drain current, ID (A) 50 45 40 35 30 25 20 15 10 5 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Gate-source voltage, VGS (V) 175 C Tj = 25 C VDS > ID X RDS(ON) 0.75 0.5 0.25 0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 Junction Temperature, Tj (C) Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS October 1999 4 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET PHP69N03LT, PHB69N03LTT PHD69N03LT 1.0E-01 Drain current, ID (A) VDS = 5 V Gate-source voltage, VGS (V) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 2.5 3 ID = 69 A Tj = 25 C VDD = 15 V 1.0E-02 1.0E-03 minimum 1.0E-04 typical maximum 1.0E-05 1.0E-06 0 0.5 1 1.5 2 Gate-source voltage, VGS (V) 5 10 15 20 25 30 Gate charge, QG (nC) 35 40 45 50 Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); parameter VDS Source-Drain Diode Current, IF (A) Capacitances, Ciss, Coss, Crss (pF) 10000 50 VGS = 0 V 45 40 35 Ciss 1000 30 25 20 Coss Crss 15 10 5 0 100 0.1 1 10 Drain-Source Voltage, VDS (V) 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 Source-Drain Voltage, VSDS (V) Tj = 25 C 175 C Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj October 1999 5 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET MECHANICAL DATA PHP69N03LT, PHB69N03LTT PHD69N03LT Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220 SOT78 E P A A1 q D1 D L2(1) L1 Q L b1 1 2 3 b c e e 0 5 scale 10 mm DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.7 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1 3.30 2.79 L2 max. 3.0 (1) P 3.8 3.6 q 3.0 2.7 Q 2.6 2.2 Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC TO-220 EIAJ EUROPEAN PROJECTION ISSUE DATE 97-06-11 Fig.15. SOT78 (TO220AB); pin 2 connected to mounting base (Net mass:2g) Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to mounting instructions for SOT78 (TO220AB) package. 3. Epoxy meets UL94 V0 at 1/8". October 1999 6 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET MECHANICAL DATA PHP69N03LT, PHB69N03LTT PHD69N03LT Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads (one lead cropped) SOT404 A E A1 mounting base D1 D HD 2 Lp 1 3 b c Q e e 0 2.5 scale 5 mm DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.40 14.80 Q 2.60 2.20 OUTLINE VERSION SOT404 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-12-14 99-06-25 Fig.16. SOT404 surface mounting package. Centre pin connected to mounting base. Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8". October 1999 7 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET MOUNTING INSTRUCTIONS Dimensions in mm 11.5 PHP69N03LT, PHB69N03LTT PHD69N03LT 9.0 17.5 2.0 3.8 5.08 Fig.17. SOT404 : soldering pattern for surface mounting. October 1999 8 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET MECHANICAL DATA PHP69N03LT, PHB69N03LTT PHD69N03LT Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads (one lead cropped) SOT428 seating plane y A E b2 A A1 mounting base A2 D1 E1 D HE L2 2 L L1 1 b1 e e1 b 3 wM A c 0 10 scale 20 mm DIMENSIONS (mm are the original dimensions) A UNIT max. mm 2.38 2.22 A1(1) 0.65 0.45 A2 0.89 0.71 b 0.89 0.71 b1 max. 1.1 0.9 b2 5.36 5.26 c 0.4 0.2 D1 E D max. max. max. 6.22 5.98 4.81 4.45 6.73 6.47 E1 min. 4.0 e e1 HE max. 10.4 9.6 L 2.95 2.55 L1 min. 0.5 L2 0.7 0.5 w 0.2 y max. 0.2 2.285 4.57 Note 1. Measured from heatsink back to lead. OUTLINE VERSION SOT428 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-04-07 Fig.18. SOT428 surface mounting package. Centre pin connected to mounting base. Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8". October 1999 9 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET MOUNTING INSTRUCTIONS Dimensions in mm PHP69N03LT, PHB69N03LTT PHD69N03LT 7.0 7.0 2.15 2.5 1.5 4.57 Fig.19. SOT428 : soldering pattern for surface mounting. October 1999 10 Rev 1.600 Philips Semiconductors Product specification N-channel TrenchMOSTM transistor Logic level FET DEFINITIONS Data sheet status Objective specification Product specification Limiting values PHP69N03LT, PHB69N03LTT PHD69N03LT This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. October 1999 11 Rev 1.600 |
Price & Availability of PHD69N03LT |