Part Number Hot Search : 
AZ10E142 NTE30111 RB153 E13009F S9S08L 2SC1060 01580 CE66P2
Product Description
Full Text Search
 

To Download PC2002-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC 2002-L
OUTLINE DIMENSION & BLOCK DIAGRAM
146.0 + 0.5 139.0 2.5 18.0 1.8 1 1.5 33.8 23.0 18.97 7.0 K A P2.54 x 13=33.02 14- 1.0 14 1.5 16.0 36.0 43.0 0.5 H1 4- 3.5 H2
3.5
20.5
3.6
73.0
DB7 DB0 E R/W RS Vss Vdd Vo A K LCD CONTROLLER LSI
COM 16
3.5
6- 1.0
118.84 123.0 134.0
12.5
1.6
LCD PANEL 0.92
6.0 4.84
SEG 60
SEG 40
0.06
SEGMENT DRIVER
BACKLIGHT
The tolerance unless classified
0.3mm
MECHANICAL SPECIFICATION
Overall Size View Area Dot Size Dot Pitch 146.0 x 43.0 123.0 x 23.0 0.92 x 1.10 0.98 x 1.16 Module W /O B/L EL B/L LED B/L H2 / H1 5.1 / 9.7 5.1 / 9.7 9.1 / 13.7
PIN ASSIGNMENT
Pin no.
1 2 3 4 5 6 7 8 9 10 11 12 13 14
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
9.75 9.22 1.1 0.06
CONTROL SIGNALS 4
Symbol
Vss Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7
Function
Power supply(GND) Power supply(+) Contrast Adjust Register select signal Data read / write Enable signal Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line
Min. -0.3 -0.3 -0.3
Max. Units V 7 13 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC 2.7 5.5 V Top N WNW NW V -20oC 7.1 7.5 7.9 V LCD operation voltage Vop V V 50oC 4.5 3.9 4.2 V 70oC 6.3 V 5.7 6 3 2 Vdd=5V mA VB/L=4.2V mA VB/L=4.2V mA 270
4.6 4.9 5.2 25oC 4.2 6.1 4.5 6.4 4.8 6.7 0oC
LCM current consumption (No B/L)
Idd
LED/edge LED/array
Backlight current consumption
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PC2002-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X