Part Number Hot Search : 
12150 AD588JN SRM2064 DW1T1 SNC12060 SMV3417 L0705 AP230113
Product Description
Full Text Search
 

To Download PC2002-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC 2002-B
OUTLINE DIMENSION & BLOCK DIAGRAM
116.0 0.5 108.0 2.54 16 37.0 0.5 29.0 (P2.54 x 7) 17.78 10.88 16- 1.0 PAD 16- 1.8 4- 1.0 1.5
4.0 2.5
H1 H2
15 11.5 15.0 18.5 4- 3.5 32.2 18.5 73.5 85.0 92.2 58.0 A K
21
5.25 3.6 12.4
4.0
1.6
DB7 DB0 E R/W RS Vss Vdd Vo A K LCD CONTROLLER LSI
COM 16
LCD PANEL 0.6
3.7 3.2
SEG 40
SEG 60
0.05
5.95 5.55
SEGMENT DRIVER
BACKLIGHT
The tolerance unless classified
0.3mm
MECHANICAL SPECIFICATION
Overall Size View Area Dot Size Dot Pitch 116.0 x 37.0 85.0 x 18.5 0.60 x 0.65 0.65 x 0.70 Module W /O B/L EL B/L LED B/L H2 / H1 5.1 / 9.7 5.1 / 9.7 8.7 / 13.3
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol Vss Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 A K Function Power supply(GND) Power supply(+) Contrast Adjust Register select signal Data read / write Enable signal Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Power supply for LED B/L (+) Power supply for LED B/L ( )
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
0.65 0.05
CONTROL SIGNALS 4
Min. -0.3 -0.3 -0.3
Max. Units V 7 13 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units 5.5 2.7 Power supply voltage Vdd-Vss 25oC V Top N WNW NW V 7.9 V -20oC 7.1 7.5 LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
4.3 3.3 5.7
4.7 3.6 6 2 210
5.0
3.7 6.1 4.1 6.4 4.4 6.7
Idd
Vdd=5V
Backlight current consumption
LED/edge VB/L=4.2V LED/array VB/L=4.2V
V V 4.0 V 6.3 V 3 mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PC2002-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X