Part Number Hot Search : 
M3H21FAD MURS210 ZX79C 100325PC 74LVC1 00005 AOTF2N60 BDY23
Product Description
Full Text Search
 

To Download OMR1033SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OMR1033SR
OMR1033ST OMR1033NM
20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
Three Terminal, Adjustable Voltage, 3.0 Amp Precision Negative Regulators In Hermetic JEDEC TO-257AA Package
FEATURES
* * * * * * Available in Three Hermetic Package Styles Radiation Tolerant up to 30 k Rad (Si) Reference Voltage Set Internally to 2% Built-In Thermal Overload Protection Short Circuit Current Limiting Product Is Available Screened To Class B and Class S, MIL-STD-883
DESCRIPTION
These three terminal negative regulators are supplied in high density hermetically sealed packages and available Hi-Rel Screened. All protective features are designed into the circuit, including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 3.0 amps of output current. These units feature 2% initial voltage tolerance, with 1.0% load regulation and .015% line regulation. These devices are ideally suited for Space applications where small size, high reliability, and radiation tolerance is required. The high level of Radiation Tolerance of these devices makes them a desirable choice for LEO and many MEO and GEO communication satellites. Radiation testing is performed on a single wafer by wafer basis. Random die samples per wafer are selected, packaged and radiation tested to qualify each individual semiconductor wafer-by-wafer.
ABSOLUTE MAXIMUM RATINGS
@ 25C
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction to Case TO-257 (Isolated), D2 Pac (Isolated) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2C/W SMD-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5C/W Power Dissipation: TO-257/SMD/D2 Pac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20W
0 04 R1 Supersedes 0 01 R0
OMR1033SR, OMR1033ST, OMR1033NM
ELECTRICAL CHARACTERISTICS
Parameter Reference Voltage Symbol VREF VOUT VIN VOUT IOUT
-55C TA +125C (unless otherwise specified)
Min. -1.238 Max. -1.262 V -1.215 -1.285 0.015 %/V 0.04 50 mV 75 1.0 % 1.5 0.02 56 %/W dB 53 70 dB 60 100 2.0 A 5.0 5.0 mA 3.0 3.0 6.0 A 3.0 0.5 2.5 A 0.5 1.5 % A Unit
Test Conditions AVIN - VOUT I = 5 V, IOUT = 5 mA, TA = 25 C 3 V AVIN - VOUT I 35 V
* * * *
Line Regulation (Note 1) Load Regulation (Note 1)
3 V AVIN - VOUT I 35 V AVOUT I 5 V, TA = 25 C 10 mA IOUT IMAX. AVOUT I 5.0 V 10 mA IOUT IMAX.
Thermal Regulation Ripple Rejection (Note 2)
VIN VREF
30 ms pulse, TA = 25 C AVOUT I= -10 V, f = 120 Hz, CAdj = 0
* * * * * * * * * *
AVOUT I= -10 V, f = 120 Hz, CAdj = 10 F Adjust Pin Current Adjust Pin Current Change IAdj IAdj VDIFF = 35 V, IL = 10 mA 10 mA IOUT IMAX. 3 V AVIN - VOUT I 35 V Minimum Load Current IMin AVIN - VOUT I 35 V AVIN - VOUT I 10 V Current Limit ILim AVIN - VOUT I 10 V
AVIN - VOUT I = 35 V Temperature Stability (Note 2) Long Term Stability (Note 2) VOUT T VOUT T -55 C TJ +125 C
TA = +125 C, t = 1000 hrs
1.0
%
Notes: 1. Line and Load Regulation are measured at a constant junction temperature using a low duty cycle pulse technique. Although power dissipation is internally limited, regulation is guaranteed up to the maximum power dissipation of 30 W. Power dissipation is determined by the input/output differential voltage and the output current. Guaranteed maximum power dissipation will not be available over the full input/output voltage range. 2. Guaranteed by design, characterization or correlation to other tested parameters. 3. The * denotes the specifications which apply over the full operating temperature range. 4. Refer to curves for typical characteristics versus total dose radiation levels.
RADIATION TEST PROGRAM
The following chart is a summary of the test data collected on Radiation Tolerant OMR1033 at various dose rates. The chart depicts the Total Radiation Dose that each device was exposed to prior to failure. Failure is defined as any electrical test that does not meet the limits of the device per the published data sheet specifications after radiation testing.
Omnirel P/N
OMR1033SR
5K 10K
20K 30K
50K
60K
70K
80K
100K
150K
200K
Test Points
X
X
OMR1033SR, OMR1033ST, OMR1033NM
OMNIREL'S RADIATION TEST PROCEDURE
Note: Sample die from each wafer were tested at each kRAD increment shown above.
* * * *
Radiation Testing is performed on a single wafer by wafer basis. Each wafer is identified and a random sample of 5 die per wafer is selected. The die are then individually assembled in a hermetic package, data logged, electrically tested, hi-rel screened and then submitted to radiation testing. The packaged die are submitted to Steady State Total Dose radiation per Method 1019, Condition A at a dose rate of 50 RAD/sec biased at maximum supply voltage. Final electrical test is performed within two hours of Total Dose Radiation level from a Cobalt 60 source and 168 hr, 100C annealing process. Read and record data including two non-radiated control samples. The wafer is then qualified only if samples from wafers meet full electrical specifications after 150% of total dose rating as specified in each product data sheet. Omnirel's controlling specifications are as follows: For Voltage Regulators the controlling specification is MIL-PRF-38534/MIL-STD-883.
*
* *
AVAILABLE PRODUCT SCREENING
Standard Class Level Screening MIL-PRF-38535
Screen Test Method
Wafer Lot Acceptance Non-destructive Bond Pull Pre-Cap Visual Inspection Temperature Cycle Constant Acceleration Visual Inspection PIND Test Serialization Pre-Burn-In Electrical Burn-In Interim Electrical PDA Calculations Final Electrical Fine & Gross Seal Radiographic **Conformance Inspection Final Visual Inspection --------2010 1010 2001 ------------Data Sheet 1015/160 hrs. ----5% Functional Data Sheet 1014 ----GR A 2009
Level B* Required
--------100% 100% 100% 100% --------100% 100% ----Lot 100% 100% ----100% Sample
Level S* Test Method
5007 ----2010 1010 2001 ----2020 ----Data Sheet 1015/240hrs. Data Sheet 5% Functional Data Sheet 1014 2012/Two Views GR A 2009
Required
100% ----100% 100% 100% 100% 100% 100% 100% 100% 100% Lot 100% 100% 100% 100% Sample
* For "B" Level Screening add "M" to part number, for "S" Level Screening add "S" to part number, see part number designator. **Additional conformance inspection testing, i.e. Group B, C, & D optional.
OMR1033SR, OMR1033ST, OMR1033NM
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage Input-Output Differential (V) Reference Voltage (V) 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.270
TJ = -55C TJ = -25C
Temperature Stability 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
Minimum Load Current
1.250 1.240 1.230 -75 -50 -25 0 25 50 75 100125150 Temperature (C)
Current (mA)
1.260
TJ = -55C
TJ = 150C
TJ = 25C
TJ = -150C
0.5 1.0 1.5 2.0 2.5 3.0 Output Current (A)
0 10 20 30 40 Input-Output Differential (V)
Ripple Rejection 100 Ripple Rejection (dB) 80 60 40
VIN - VOUT = 5 V CADJ = 0
Ripple Rejection 100 Ripple Rejection (dB) Ripple Rejection (dB) 80 60 40 20 0 10
CADJ = 0 VIN = -15 V VOUT = -10 V IL = 500mA, TJ = 25C CADJ = 10F
Ripple Rejection 100
CADJ = 10F
CADJ = 10F
80 60
CADJ = 0
40
VIN = -15 V
20 0 0
IL = 500 mA f = 120Hz, TJ = 25C
20
VOUT = -10 V f = 120Hz, TJ = 25C
-10 -20 -30 Output Voltage (V) Output Impedance
-40
100 1k 10k 100k 1M Frequency (Hz)
0 0.01
0.1 1 Output Current (A)
10
Line Transient Response 0.8 0.6 0.4 0.2 0 -0.2 -0.4 0 -0.5 -1.0
CADJ = 0
Load Transient Response 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 0 -0.5 -1.0 -1.5 Output Voltage Deviation (V)
CADJ = 0
Output Impedance ()
VIN = -15V VOUT = -10V IL = 500mA TJ = 25C CL = 1F
CADJ = 0
100 10-1 10-2
Input Voltage Output Voltage Change(V) Deviation (V)
101
CADJ = 10F VIN = -15V VOUT = -10V IL = 50mA TJ = 25C CL = 1F
CADJ = 10F
CL = 1F
10-3 10 100 1k 10k 100k 1M Frequency (Hz)
0
10 20 30 Time (S)
40
Load Current (A)
VOUT = -10V IL = 50mA TJ = 25C
CADJ = 10F
0
10 20 30 Time (S)
40
Load Regulation* 0.8 0.4 0 -0.4 -0.8 0 0.8 1.6 2.4 3.2 Output Current (A) 4.0 Output Current (A)
Guaranteed Minimum Output Current 5 Adjustment Current (A) 4 3 2 1 0 0 5 10 15 20 25 30 35 Input-Output Differential (V)
Adjustment Current 80 75 70 65 60 55 50 -75 -50 -25 0 25 50 75 100 125 150 Temperature (C)
Output Voltage Deviation (%)
OMR1033SR, OMR1033ST, OMR1033NM
OMR1033STM conditions: -1.240
Voltage Output
Iload = 5ma to 3A 0.600
OMR1033STM conditions:
Line Regulation
Vin = -4.25v to -
-1.242 0.500 -1.244
-1.246 0.400 -1.248
Lin e Reg (m
10 100
Vout (V
-1.250
0.300
-1.252
0.200 -1.254
-1.256 0.100 -1.258
-1.260 1
0.000 1 10 100
Total Dose Level (krads)
Total Dose Level (krads)
OMR1033STM conditions: -9.000
Load Regulation
Vin = -4.25v Iload = 10ma to 3A -66.000
OMR1033STM conditions:
Load Regualtion
Vin = -15v Iload = 10ma to 3A
-9.100
-66.500
-67.000 -9.200 -67.500
Load Reg (mv
Load Reg (mv
-9.300
-68.000
-9.400
-68.500
-9.500
-69.000 -9.600 -69.500
-9.700
-70.000
-9.800 1
10
100
-70.500 1
10
100
Total dose Level (krads)
Total Dose Level (krads)
OMR1033STM conditions: 0.000
Bias Current
Vin = -36.25v Iload = 10ma
-0.020
-0.040
Ibias (ma
-0.060
-0.080
-0.100
-0.120
-0.140 1 10 100
Total Dose Level (krads)
C1 + 10F + C2 5F Adj VIN VOUT OMR1033 OM7611
R2 IADJ VREF + R1
Multiple Tracking Regulators
C3 2F
+ 2F + C3 10F R2 + C1 2F Solid Tantalum -VOUT1
-VIN
-VOUT
- VIN VIN
Adj
R1
VOUT
IN4002
OMR1033 OM7611
VOUT = VREF
(
1+ R2 R1
)
+IADJ (R2)
+ 2F + 2F Solid Tantalum -VOUT2
High Stability Regulator
VIN
Adj
R2
VOUT
IN4002
7V LM329B + 5F R3 1.5k 1%
R2* + R1 1k 1% 2F Solid Tantalum -VOUT
+ 2F
OMR1033 OM7611
Adj VIN
R#N
-VIN
Adj VIN VOUT OMR1033 OM7611 *R2 =
VOUT
OMR1033 OM7611
+ 2F Solid Tantalum -VOUT3
VOUT 9.08 X 10-3
OMR1033SR, OMR1033ST, OMR1033NM
MECHANICAL OUTLINES "T" P/N DESIGNATOR
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527
.150 .140
123
.430 .410 .038 MAX.
.750 .500
.005
.035 .025
.100 TYP.
.120 TYP.
TO-257AA OMR1033ST Isolated/Front View
Pin 1 Pin 2 Pin 3 Tab Adjust Input Output Isolated Add "T" to part number for TO-257 Package
"R" P/N DESIGNATOR
"M" P/N DESIGNATOR
.140 .450 .015 .050 .157 .140 .140 .050
1
2
.030 MIN.
123
.625 .415
3
.037
.375
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Hermetic D2 Pac OMR1033SR Isolated
Front View Pin 1 - Adjust Pin 2 - Input Pin 3 - Output Tab - Isolated Add "R" to part number for D2 Pac Package
OMR1033NM SMD-1
Pin 1 - Adjust Pin 2 - Output Pin 3 - Input Add "M" to part number for SMD (Surface Mount Package)
PART NUMBER DESIGNATOR
(Example OMR1033STM)
OMR
Omnirel Rad-Tolerant
1033
Device Type
S
Isolated Package
T
Package Style
M
Hi-Rel Level
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com


▲Up To Search▲   

 
Price & Availability of OMR1033SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X