Part Number Hot Search : 
10TQ035S LM239MX RB461F STA328 SL120 100C0347 AK4309 CM150
Product Description
Full Text Search
 

To Download NKA0512S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NKA SERIES
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
SELECTION GUIDE
Nominal Input Voltage Output Voltage Output Current Input Current at Rated Load Efficiency Isolation Capacitance MTTF1
OrderCode
NKA0303S NKA0305S NKA0312S NKA0315S NKA0503S NKA0505S
(V) 3.3 3.3 3.3 3.3 5 5 5 5 5 5 12 12 12 12
(V) 3.3 5 12 15 3.3 5 5 9 12 15 5 9 12 15
(mA) 163 100 42 33 163 100 100 55 42 33 100 55 42 33
(mA) 407 383 390 384 259 285 249 263 255 253 112 106 104 102
(%) 74 79 78 79 77 70 80 76 78 79 74 79 81 82
(pF) 20 22 31 32 20 21 26 25 28 29 33 48 55 60
kHrs 195 1121 375 206 205 1697 1557 682 343 188 559 375 243 154
NKA0505SE
FEATURES s New Sub-Miniature SIP & DIP Package Styles s 3kVDC Isolation s Efficiency up to 82% s Wide Temperature performance at full 1 Watt load, -40C to 85C s Increased Power Density to 1.35W/cm3 s UL 94V-0 Package Material s Reduced Footprint at 0.98cm 2 s Dual Output from a Single Input Rail s Industry Standard Pinout s Power Sharing on Output s 3.3V, 5V & 12V Input s 3.3V, 5V, 9V, 12V and 15V Output s No Heatsink Required s Internal SMD Construction s Fully Encapsulated with Toroidal Magnetics s No External Components Required s MTTF up to 1.6 Million hours s No Electrolytic or Tantalum Capacitors DESCRIPTION
The NKA sub-miniature series of industrial temperature range DC-DC converters are the standard building blocks for on-boar d distributed power systems. The series offers smaller package size, improved efficiency, lower output ripple and 3kVDC isolation capability through the use of state of the art packaging and technology. Ideally suited for providing dual rail supplies on primarily digital boards with the added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1watt.
NKA0509S NKA0512S NKA0515S NKA1205S NKA1209S NKA1212S NKA1215S
For DIP package style replace suffix S with D, eg NKA0312D. When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the additional external capacitance for reliable start up.
INPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Continuous operation, 3.3V input types 2.97 Voltage Range Continuous operation, 5V input types 4.5 Continuous operation, 12V input types 10.8 3.3V input types Reflected Ripple Current All other types
3.3 5 12 30 20
3.63 V 5.5 13.2 60 mA p-p 35
OUTPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Rated Power2 Voltage Set Point Accuracy Line regulation
TA = -40C to 120C See tolerance envelope 1.0 8 10 10 6.5 6 6 25 40 50 40 40 40
1
W
High VIN to low V IN 10% load to rated load, 0312 & 0315 10% load to rated load, 3.3V output types 10% load to rated load, 5V output types 3 Load Regulation 10% load to rated load, 9V output types 10% load to rated load, 12V output types 10% load to rated load, 15V output types BW=DC to 20MHz, 0312 & 0315 BW=DC to 20MHz, 3.3V output types BW=DC to 20MHz, 5V output types Ripple and Noise BW=DC to 20MHz, 9V output types BW=DC to 20MHz, 12V output types BW=DC to 20MHz, 15V output types
1.2 14 15 12 8 8.5 7 60 80 75 65 60 60
%/%
%
mV p-p
ABSOLUTE MAXIMUM RATINGS
Short circuit duration 4 Internal power dissipation Lead temperature 1.5mm from case for 10 seconds Input voltage V IN , NKA03 types Input voltage V IN , NKA05 types Input voltage V IN , NKA12 types
1 2 3 4 Calculated using MIL-HDBK-217F with nominal input voltage at full load. See derating curve. 12V input types have typically 3% less load regulation change. Supply voltage must be discontinued at the end of the short circuit duration.
1 second 550mW 300C 5.5V 7V 15V
www.dc-dc.com
All specifications typical at TA =25C, nominal input voltage and rated output current unless otherwise specified.
NKA SERIES
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
ISOLATION CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
TEMPERATURE CHARACTERISTICS
3000 10 VDC G Temperature Derating Graph NKA0303D/S, 0305D/S, 0505DE/SE types only 2.0
Isolation Test Voltage Resistance
Flash tested for 1 second Viso=1000VDC
GENERAL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
1.5 1.0 0.5 85C
Switching Frequency
3.3V input types All other types
95 120
kHz
TEMPERATURE CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Safe Operating Area 120C
Specification Storage Case Temperature above ambient Cooling
All output types 5V output types All other output types Free air convection
-40 -50 30 21
85 130
C C C
+9%
0
-40 0 50 100 150
Ambient Temperature (C) Tolerance Envelope
PIN CONNECTIONS - 14 PIN DIP
1 7 8 9 11 14
PIN CONNECTIONS - 6 PIN SIP
1 2 4 5 6
+1% VNOM -7%
+1% -7% -15%
GND
NC
0V
+V
-V
VIN
VIN
GND
-V
0V
+V
MECHANICAL DIMENSIONS
14 Pin DIP Package Style
19.50
6 Pin SIP Package Style
10
5.95
25
Output Load Current (%)
50
75
100
NKA0505D
9.80
XYYWW
16.55
Temperature Derating Graph All other types 2.0 1.5
7.55
1.0
5.40
85C
0.5
4.60 3.60 0.500.05
Safe Operating Area 120C
1
4.60 3.60
2
2.54
4
5
6
0.60 0.50
0
-40 0 50 100 150
Ambient Temperature (C)
0.55 0.45
15.24
1.6750.50
Tolerance Envelope
+10%
+5% VNOM +2.5% -2.5% -7.5%
1
1 .09 0.30 0.20
7
7.62
14
2.13
11
9
8
2.54
1.25 12.70
0.30 0.20
All dimensions in mm XX.XX 0.25mm. All pins on a 2.54mm pitch and within 0.25mm of true position.
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2002 NDC NKA.6 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.dc-dc.com
Weight: 1.4g (SIP) 1.9g (DIP)
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax:+44 (0)1908 617545 email: info@cdtechno-ncl.com www: http://www.dc-dc.com
10
25
Output Load Current (%)
50
75
100
C&D Technologies Inc. 3400 E Britannia Drive, Tucson, Arizona 85706, USA Tel: +1 (800) 547-2537 Fax: +1 (520) 741-4598 email: sales@cdtechno.com


▲Up To Search▲   

 
Price & Availability of NKA0512S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X