Part Number Hot Search : 
BB809 SC261M SMCJ6 SHD11 J128G DG406DW LC5523F R3040
Product Description
Full Text Search
 

To Download MX23L3211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX23L3211
32M-BIT MASK ROM (8/16-BIT OUTPUT)
FEATURES
* Bit organization - 4M x 8 (byte mode) - 2M x 16 (word mode) * Fast access time - Random access: 100ns (max.) - Page access: 30ns (max.) * Page Size - 8 words per page * Current - Operating:40mA - Standby:5uA * Supply voltage - 100ns @3.0V ~ 3.6V - 120ns @2.7V ~ 3.6V * Package - 44 pin SOP (500mil) - 48 pin TSOP (12mm x 20mm)
ORDER INFORMATION
Part No. Access Time MX23L3211MC-10 100ns MX23L3211MC-12 120ns MX23L3211TC-10 100ns MX23L3211TC-12 120ns MX23L3211RC-10 100ns MX23L3211RC-12 120ns Page Access Time 30ns 50ns 30ns 50ns 30ns 50ns 44 pin SOP 44 pin SOP 48 pin TSOP 48 pin TSOP 48 pin TSOP (Reverse type) 48 pin TSOP (Reverse type) Package
PIN CONFIGURATION
44 SOP
NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A20 A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC
PIN DESCRIPTION
Symbol A0~A20 D0~D14 D15/A-1 CE OE Byte VCC VSS NC Pin Function Address Inputs Data Outputs D15 (Word Mode)/ LSB Address (Byte Mode) Chip Enable Input Output Enable Input Word/ Byte Mode Selection Power Supply Pin Ground Pin No Connection
MODE SELECTION
CE H L L L OE X H L L Byte X X H L D15/A-1 X X Output Input D0~D7 High Z High Z D0~D7 D0~D7 D8~D15 High Z High Z D8~D15 High Z Mode Word Byte Power Stand-by Active Active Active
P/N:PM0411
MX23L3211
REV. 2.1, JUL. 17, 2001
1
MX23L3211
48 TSOP (Normal Type)
BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 A19 VSS A20 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
MX23L3211 (Normal Type)
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
VSS VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS
48 TSOP (Reverse Type)
VSS VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
MX23L3211 (Reverse Tpye)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 A19 VSS A20 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE
P/N:PM0411
REV. 2.1, JUL. 17, 2001
2
MX23L3211
BLOCK DIAGRAM
A0/(A-1) A2 A3 A20 CE BYTE OE Address Buffer Memory Array Page Buffer Page Decoder Word/ Byte Output Buffer D0 D15/(D7)
ABSOLUTE MAXIMUM RATINGS
Item Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VIN Topr Tstg Ratings -1.3V to VCC+2.0V (Note) 0 to 70 C C -65 to 125 C C
Note: Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to -1.3V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions, input may overshoot VCC to VCC+2.0V for periods of up to 20ns.
DC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 3.0V~3.6V)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Standby Current (TTL) Standby Current (CMOS) Input Capacitance Output Capacitance Symbol VOH VOL VIH VIL ILI ILO ICC1 ISTB1 ISTB2 CIN COUT MIN. 2.4V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 5uA 5uA 40mA 1mA 5uA 10pF 10pF Conditions IOH = -400uA IOL = 1.6mA
0V, VCC 0V, VCC tRC = 100ns, all output open CE = VIH CE>VCC-0.2V Ta = 25 f = 1MHZ C, Ta = 25 f = 1MHZ C,
P/N:PM0411
REV. 2.1, JUL. 17, 2001
3
MX23L3211
AC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 3V10%)
Item Read Cycle Time Address Access Time Chip Enable Access Time Page Mode Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tPA tOE tOH tHZ 23L3211-10 MIN. MAX. 100ns 100ns 100ns 30ns 30ns 0ns 20ns 23L3211-12 MIN. MAX. 120ns 120ns 120ns 50ns 50ns 0ns 20ns
Note:Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~ 2.6V 10ns 1.4V 1.4V See Figure
IOH (load)=-0.4mA DOUT IOL (load)=1.6mA
C<100pF
Note: No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance.
P/N:PM0411
REV. 2.1, JUL. 17, 2001
4
MX23L3211
TIMING DIAGRAM
RANDOM READ
ADD
ADD
tACE
ADD
tRC
ADD
CE
tOE
OE
tAA tOH tHZ
DATA
VALID
VALID
VALID
PAGE READ
A3-A20
VALID ADD
(A-1),A0,A1,A2
1'st ADD tAA
2'nd ADD tPA VALID VALID
3'rd ADD
DATA
VALID
Note: CE, OE are enable. Page size is 8 double words in 32-bit mode, 16 words in 16-bit mode.
P/N:PM0411
REV. 2.1, JUL. 17, 2001
5
MX23L3211
PACKAGE INFORMATION
44-PIN PLASTIC SOP
P/N:PM0411
REV. 2.1, JUL. 17, 2001
6
MX23L3211
48-PIN PLASTIC TSOP
P/N:PM0411
REV. 2.1, JUL. 17, 2001
7
MX23L3211
REVISION HISTORY
REVISION 2.0 2.1 DESCRIPTION Output hold after address (tOH) spec is revised as 0ns(min.) 120ns speed grade's voltage range is revised as 2.7V~3.6V Modify Package Information PAGE P4 P1 P6~7 DATE JAN/22/1999 JUL/17/2001
P/N:PM0411
REV. 2.1, JUL. 17, 2001
8
MX23L3211
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-348-8385 FAX:+65-348-8096
TAIPEI OFFICE:
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.
9


▲Up To Search▲   

 
Price & Availability of MX23L3211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X