Part Number Hot Search : 
M74AL R856G CMHZ4702 BUW131H UZ4709 HD404618 12L03I R16VUBS
Product Description
Full Text Search
 

To Download MRFIC0913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRFIC0913/D
The MRFIC Line
900 MHz GaAs Integrated Power Amplifier
This integrated circuit is intended for GSM class IV handsets. The device is specified for 2.8 watts output power and 48% minimum power added efficiency under GSM signal conditions at 4.8 Volt supply voltage. To achieve this superior performance, Motorola's planar GaAs MESFET process is employed. The device is packaged in the PFP-16 Power Flat Package which gives excellent thermal performance through a solderable backside contact. * Usable Frequency Range 800 to 1000 MHz * Typical Output Power: 36.0 dBm @ 5.8 Volts 35.0 dBm @ 4.8 Volts 31.5 dBm @ 3.6 Volts * 48% Minimum Power Added Efficiency * Low Parasitic, High Thermal Dissipation Package * Order MRFIC0913R2 for Tape and Reel Option. R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel. * Device Marking = M0913
MRFIC0913
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
CASE 978-02 (PFP-16)
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Supply Voltage RF Input Power Gate Voltage Ambient Operating Temperature Storage Temperature Thermal Resistance, Junction to Case Symbol VD1, VD2 Pin VSS TA Tstg RJC Value 9 15 -6 -40 to + 85 - 65 to +150 10 Unit Vdc dBm Vdc C C C/W
GND 9 VD1 10 GND 11 VG2 12 VG1 13 GND 14 RF IN 15 N/C 16
8 7 6 5 4 3 2 1
N/C VD2 GND RF OUT RF OUT GND VSS GND
Pin Connections and Functional Block Diagram
REV 1
(c) Motorola, Inc. 1996
MOTOROLA RF DEVICE DATA
MRFIC0913 1
RECOMMENDED OPERATING RANGES
Parameter Supply Voltage Gate Voltage RF Frequency Range RF Input Power Symbol VD1, VD2 VSS fRF PRF Value 2.7 to 7.5 -5 to -3 800 to 1000 6 to 13 Unit Vdc Vdc MHz dBm
ELECTRICAL CHARACTERISTICS (VD1, VD2 = 4.8 V, VSS = -4 V, Pin = 10 dBm, Peak Measurement at 12.5% Duty Cycle, 4.6 ms
Period, TA = 25C unless otherwise noted. Measured in Reference Circuit Shown in Figure 1.) Characteristic Frequency Range Output Power Power Added Efficiency Input VSWR Harmonic Output 2nd 3rd Output Power at Low voltage (VD1, VD2 = 4.0 V) Output Power, Isolation (VD1, VD2 = 0 V) Noise Power in 100 kHz, 925 to 960 MHz Stability - Spurious Output (Pin = 10 to 13 dBm, Pout = 5 to 35 dBm, Load VSWR = 6:1 at any Phase Angle, Source VSWR = 3:1, at any Phase Angle, VD1, VD2 adjusted for Specified Pout) Load Mismatch stress (Pin = 10 to 13 dBm, Pout = 5 to 35 dBm, Load VSWR = 10:1 at any Phase Angle, VD1, VD2 Adjusted for Specified Pout) 3 dB VDD Bandwidth (VD1, VD2 = 0 to 6 V) Negative Supply Current VD1 9 C9 C10 10 11 12 R4 R3 L1 RF IN C8 16 1 15 2 C6 R1 VSS 13 14 4 3 8 L2 7 C1 6 5 T1 C5 C3 RF OUT C2 Min 880 34.5 48 -- -- -- 33.3 -- -- -- Typ -- 35 -- 2:1 -- -- 33.5 -20 -- -- Max 915 -- -- -- -30 -35 -- -15 -90 -60 dBm dBm dBm dBc Unit MHz dBm % VSWR dBc
No Degradation in Output Power after Returning to Standard Conditions 1 -- VD2 -- -- -- 1.25 MHz mA
C1, C3, C10 47 pF, ATC C2, C9 47 nF, Vitramon C5 10 pF, ATC C6 22 nF, Vitramon C8 6.8 pF, ATC
L1 L2 R1
8.2 nH, 0805 Toko 10 Turn MicroSpring, Coilcraft 1606-10 330
R3 1.8 k R4 2.7 k T1 5 mm 30 Microstrip Line BOARD MATERIAL Glass/Epoxy, r = 4.45
Figure 1. 900 MHz Reference Circuit
MRFIC0913 2
MOTOROLA RF DEVICE DATA
5D 4.8 V BATTERY 3V VRAMP 3V STANDBY 14 13 C14 3 4 CR1 5 C16 6 7 U2 RF IN C8 16 U1 R2 10 9 8 L1 R4 R3 13 14 15 12 C9 C10 11 C15 9 10 11 12 R5 Q1 6D 7D 8D
G4 S3 S2 1
0V 0V C13 1 2 C12
8 7 6 5 4 3 2 1
L2 C1 C2 C3 C4 RF OUT C6 R1
T1 C5
C7 R2 100 R3 1.8 k R4 2.7 k R5 470 T1 5 mm 30 Microstrip Line U1 MRFIC0913 U2 MC33169 (-4 V Version) BOARD MATERIAL Glass/Epoxy, r = 4.45
C1 33 pF, 0603 NPO/COG C2, C9 33 nF C3 47 pF, 0603 NPO/COG C4, C5, C8 6.8 pF, 0603 NPO/COG C6 33 nF C7 220 nF C10 33 pF, 0603 NPO/COG C12 - C16 1 F
CR1 L1 L2
Q1 R1
MMBD701LT1 8.2 nH, 0805 Toko 10 Turn MicroSpring, Coilcraft 1606-10 (for improved harmonic rejection only) MMSF4N01HD 330
Note: Use of a Schottky diode such as MMBD701LT1 for CR1 is mandatory below 3.6 V. A general purpose silicon diode can be used above 3.6 V. Figure 2. GSM Application Circuit Configuration with Drain Switch and MC33169 GaAs Power Amplifier Support IC
MOTOROLA RF DEVICE DATA
MRFIC0913 3
TYPICAL CHARACTERISTICS
34.0 PAE, POWER ADDED EFFICIENCY (%) P out , OUTPUT POWER (dBm) 58 56 54 52 85C 50 48 46 880 Pin = 10 dBm VD1 = VD2 = 4.8 V VSS = - 4 V 885 890 895 900 905 f, FREQUENCY (MHz) 910 915
33.8
TA = - 40C
TA = - 40C 25C
25C
33.6 85C
33.4
33.2
Pin = 10 dBm VD1 = VD2 = 4 V VSS = - 4 V 885 890 895 900 905 f, FREQUENCY (MHz) 910 915
33.0 880
Figure 3. Output Power versus Frequency
Figure 4. Power Added Efficiency versus Frequency
56
35.6 35.4 35.2 35.0 85C 34.8 34.6 34.4 880 Pin = 10 dBm VD1 = VD2 = 4.8 V VSS = - 4 V 885 890 895 900 905 f, FREQUENCY (MHz) 910 915 TA = - 40C PAE, POWER ADDED EFFICIENCY (%)
P out , OUTPUT POWER (dBm)
55 54 53 52 VD1 = VD2 = 5.6 V 51 50 880
4V
25C
4.8 V 4V
Pin = 10 dBm TA = 25C VSS = - 4 V 910 915
885
890
895 900 905 f, FREQUENCY (MHz)
Figure 5. Output Power versus Frequency
Figure 6. Power Added Efficiency versus Frequency
40
36.8 36.6 P out , OUTPUT POWER (dBm) 36.4 36.2 36.0 35.8 35.6 35.4 35.2 880 Pin = 10 dBm VD1 = VD2 = 5.6 V VSS = - 4 V 885 890 895 900 905 f, FREQUENCY (MHz) 910 915 25C 85C TA = - 40C
85C 35 RL, RETURN LOSS (dB) 25C 30 TA = - 40C 25 Pin = 10 dBm VD1 = VD2 = 4.8 V VSS = - 4 V 885 890 895 900 905 f, FREQNENCY (MHz) 910 915
20
15 880
Figure 7. Output Power versus Frequency
Figure 8. Input Return Loss versus Frequency
MRFIC0913 4
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
40 P out , OUTPUT POWER (dBm) 30 20 10 - 40C 0 -10 - 20 - 30 0 1 TA = 85 and 25C f = 900 MHz Pin = 10 dBm VSS = - 4 V 2 3 4 VD1, VD2, DRAIN VOLTAGE (VOLTS) 5 6 PAE, POWER ADDED EFFICIENCY (%) 60 TA = - 40C 50 25C 40 30 20 10 0 0 1 2 3 4 VD1, VD2, DRAIN VOLTAGE (VOLTS) 5 6 f = 900 MHz Pin = 10 dBm VSS = - 4 V 85C
Figure 9. Output Power versus Drain Voltage
Figure 10. Power Added Efficiency versus Drain Voltage
60 PAE, POWER ADDED EFFICIENCY (%)
36 34 P out , OUTPUT POWER (dBm) TA = - 40C 32 85C 30 28 26 24 22 20 -7 -5 -3 25C f = 900 MHz VD1 = VD2 = 4.8 V VSS = - 4 V 3 5 7 -1 1 Pin, INPUT POWER (dBm) 9 11 13
50 40 TA = - 40C 30 20 25C 10 0 -7 f = 900 MHz VD1 = VD2 = 4.8 V VSS = - 4 V 9 11 13 85C
-5
-3
1 3 5 7 -1 Pin, INPUT POWER (WATTS)
Figure 11. Output Power versus Input Power
Figure 12. Power Added Efficiency versus Input Power
f (MHz) 880 885 890 895 900 905 910 915 R 13.65 13.64 13.65 13.64 13.64 13.65 13.66 13.66
Zin Ohms jX -44.05 -44.74 -45.44 -46.14 -46.84 -47.55 -48.27 -49.00 R 3.15 3.13 3.10 3.08 3.06 3.04 3.02 3.00
ZOL* Ohms jX 5.06 4.97 4.89 4.80 4.71 4.63 4.54 4.45
Table 1. Device Impedances Derived from Circuit Characterization
MOTOROLA RF DEVICE DATA
MRFIC0913 5
APPLICATIONS INFORMATION
Design Philosophy The MRFIC0913 is a two-stage Integrated Power Amplifier designed for use in cellular phones, especially for those used in GSM Class IV, 4.8 V operation. With matching circuit modifications, it is also applicable for use in GSM Class IV 6 V and Class V 3.6 V equipment. Due to the fact that the input, output and some of the interstage matching is accomplished off chip, the device can be tuned to operate anywhere within the 800 to 1000 MHz frequency range. Typical performance at different battery voltages is: S 36.0 dBm @ 5.8 V S 35.0 dBm @ 4.8 V S 31.5 dBm @ 3.6 V This capability makes the MRFIC0913 suitable for portable cellular applications such as: S 6 and 4.8 V GSM Class IV S 3.6 V GSM Class V S 3.6 V, 1.2 W Analog Cellular RF Circuit Considerations The MRFIC0913 can be tuned by changing the values and/ or positions of the appropriate external components. Refer to Figure 2, a typical GSM Class IV applications circuit. The input match is a shunt-C, series-L, low-pass structure and can be retuned as desired with the only limitation being the on-chip 12 pF blocking capacitor. For saturated applications such as GSM and analog cellular, the input match should be optimized at the rated RF input power. Interstage matching can be optimized by changing the value and/or position of the decoupling capacitor on the VD1 supply line. Moving the capacitor closer to the device or reducing the value increases the frequency of resonance with the inductance of the device's wirebonds and leadframe pin. Output matching is accomplished with a one-stage low- pass network as a compromise between bandwidth and harmonic rejection. Implementation is through chip capacitors mounted along a 30 or 50 microstrip transmission line. Values and positions are chosen to present a 3 loadline to the device while conjugating the device output parasitics. The network must also properly terminate the second and third harmonics to optimize efficiency and reduce harmonic output. When low-Q commercial chip capacitors are used for the shunt capacitors, loss can be reduced by mounting two capacitors in parallel, as shown in Figure 2, to achieve the total value needed. Loss in circuit traces must also be considered. The output transmission line and the bias supply lines should be at least 0.6 mm in width to accommodate the peak circulating currents which can be as high as 2 amperes. The bias supply line which supplies the output should include an RF choke of at least 8 nH, surface mount solenoid inductors or equivalent length of microstrip lines. Discrete inductors will usually give better efficiency and conserve board space. The DC blocking capacitor required at the output of the device is best mounted at the 50 impedance point in the circuit where the RF current is at a minimum and the capacitor loss will have less effect. Biasing Considerations Gate bias is supplied to each stage separately through resistive division of the VSS voltage. The top of each divider is brought out through pins 12 and 13 (VG2 and VG1 respectively) allowing MRFIC0913 6 gate biasing through use of external resistors or positive voltages. This allows setting the quiescent current of each stage separately. For applications where the amplifier is operated close to saturation, such as GSM and analog cellular, the gate bias can be set with resistors. Variations in process and temperature will not affect amplifier performance significantly in these applications. The values shown in the Figure 1 will set quiescent currents of 80 to 160 mA for the first stage and 400 to 800 mA for the second stage. For linear modes of operation which are required for PDC, DAMPS and CDMA, the quiescent current must be more carefully controlled. For these applications, the VG pins can be referenced to some tunable voltage which is set at the time of radio manufacturing. Less than 1.25 mA is required in the divider network so a DAC can be used as the voltage source. Typical settings for 6 V linear operation are 100 mA 5% for the first stage, and 500 mA 5% for the second stage. Power Control Using the MC33169 The MC33169 is a dedicated GaAs power amplifier support IC which provides the -4 V required for VSS, an N-MOS drain switch interface and driver and power supply sequencing. The MC33169 can be used for power control in applications where the amplifier is operated in saturation since the output power in non-linear operation is proportional to VD2. This provides a very linear and repeatable power control transfer function. This technique can be used open-loop to achieve 20-25 dB dynamic range over process and temperature variation. With careful design and selection of calibration points, this technique can be used for GSM phase II control where 29 dB dynamic range is required, eliminating the need for the complexity and cost of closed-loop control. The transmit waveform ramping function required for systems such as GSM can be implemented with a simple Sallen and Key filter on the MC33169 control loop. The amplifier is then ramped on as the VRAMP pin is taken from 0 V to 3 V. To implement the different power steps required for GSM, the VRAMP pin is ramped between 0 V and the appropriate voltage between 0 V and 3 V for the desired output power. For closed-loop configurations using the MC33169, MMSF4N01HD N-MOS switch and the MRFIC0913 provide a typical 1 MHz 3 dB loop bandwidth. The STANDBY pin must be enabled (3 V) at least 300 s before the VRAMP pin goes high and disabled (0 V) at least 20 s before the VRAMP pin goes low. This STANDBY function allows for the enabling of the MC33169 one burst before the active burst thus reducing power consumption. Conclusion The MRFIC0913 offers the flexibility in matching circuitry and gate biasing required for portable cellular applications. Together with the MC33169 support IC, the device offers an efficient system solution for TDMA applications such as GSM where saturated amplifier operation is used. Evaluation Boards Evaluation boards are available for RF Monolithic Integrated Circuits by adding a "TF" suffix to the device type. For a complete list of currently available boards and ones in development for newly introduced product, please contact your local Motorola Distributor or Sales Office.
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
h X 45 _ A E2
1 16 NOTES: 1. CONTROLLING DIMENSION: MILLIMETER. 2. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE. 4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.250 PER SIDE. DIMENSIONS D AND E1 DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE -H-. 5. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION IS 0.127 TOTAL IN EXCESS OF THE b DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H-. MILLIMETERS MIN MAX 2.000 2.350 0.025 0.152 1.950 2.100 6.950 7.100 4.372 5.180 8.850 9.150 6.950 7.100 4.372 5.180 0.466 0.720 0.250 BSC 0.300 0.432 0.300 0.375 0.180 0.279 0.180 0.230 0.800 BSC --- 0.600 0_ 7_ 0.200 0.200 0.100
14 x e
D e/2
D1
8
9
E1
8X
B
BOTTOM VIEW
E CB
S DATUM PLANE
bbb
M
c A A2
DETAIL Y
C
SEATING PLANE
SECT W-W
L1
ccc C
q
W W L 1.000 0.039 DETAIL Y A1
GAUGE PLANE
CASE 978-02 ISSUE A
MOTOROLA RF DEVICE DATA
CCC EE CCC EE
b aaa
M
H
b1 c1
CA
S
DIM A A1 A2 D D1 E E1 E2 L L1 b b1 c c1 e h
q
aaa bbb ccc
MRFIC0913 7
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MRFIC0913 8
MOTOROLA RF DEVICE DATA
MRFIC0913/D


▲Up To Search▲   

 
Price & Availability of MRFIC0913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X