Part Number Hot Search : 
PT5112 NTXV1 SP56F LM78D05B 26875A AD622AN S3C7565 1N5536C
Product Description
Full Text Search
 

To Download MMBD6100LT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD6100LT1 Monolithic Dual Switching Diode
http://onsemi.com
MAXIMUM RATINGS (EACH DIODE)
Symbol VR IF IFM(surge) Reverse Voltage Forward Current Peak Forward Surge Current Rating Value 70 200 500 Unit Vdc mAdc mAdc PLASTIC SOT-23S CASE 318
1 2 3
THERMAL CHARACTERISTICS
Symbol PD Characteristic Total Device Dissipation, FR-5 Board TA = 25C Derate above 25C
(1)
Max 225 1.8 556 300 2.4 417 -55 to +150
Unit mW mW/C C/W mW mW/C C/W C
RqJA PD
Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Range
DEVICE MARKING
5BM
RqJA TJ, Tstg
(1) FR- 5 = 1.0 0.75 (2) Alumina = 0.4 0.3
0.062 in. 0.024 in. 99.5% alumina.
3 CATHODE
ANODE 1 2 ANODE
ORDERING INFORMATION
Device MMBD6100LT1 MMBD6100LT3 Package SOT-23S SOT-23S Shipping 3000/Tape & Reel 10,000/Tape & Reel
(c) Semiconductor Components Industries, LLC, 2000
1
April, 2000 - Rev. 1
Publication Order Number: MMBD6100LT1/D
MMBD6100LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I(BR) = 100 Adc) Reverse Voltage Leakage Current (VR = 50 Vdc) Forward Voltage (IF = 1.0 mAdc) (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1) Capacitance (VR = 0 V) V(BR) IR VF 0.55 0.8 trr C -- -- 0.7 1.1 4.0 2.5 ns pF 70 -- -- 0.1 Vdc Adc Vdc
820 +10 V 2.0 k 100 H 0.1 F DUT 50 OUTPUT PULSE GENERATOR 50 INPUT SAMPLING OSCILLOSCOPE VR INPUT SIGNAL 90% IR iR(REC) = 1.0 mA OUTPUT PULSE (IF = IR = 10 mA; MEASURED at iR(REC) = 1.0 mA) IF 0.1 F tr 10% tp t IF trr t
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
http://onsemi.com
2
MMBD6100LT1
CURVES APPLICABLE TO EACH CATHODE
100 I F, FORWARD CURRENT (mA) TA = 85C 10
10 TA = 150C I R , REVERSE CURRENT (m A) TA = -40C 1.0 TA = 125C
TA = 25C 1.0
0.1
TA = 85C
TA = 55C 0.01 TA = 25C
0.1 0.2 0.4 0.6 0.8 1.0 1.2 VF, FORWARD VOLTAGE (VOLTS)
0.001
0
10
20
30
40
50
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
1.0 CD, DIODE CAPACITANCE (pF)
0.9
0.8
0.7
0.6
0
2
4
6
8
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
http://onsemi.com
3
MMBD6100LT1 INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection
0.037 0.95
interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
SOT-23 SOT-23 POWER DISSIPATION The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA. Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows:
PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 225 milliwatts.
PD = 150C - 25C 556C/W = 225 milliwatts
The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
http://onsemi.com
4
MMBD6100LT1
PACKAGE DIMENSIONS
SOT-23S PLASTIC PACKAGE CASE 318-08 ISSUE AF
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIUMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL.
A L
3
BS
1 2
V
G C D H K J
DIM A B C D G H J K L S V
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
STYLE 9: PIN 1. ANODE 2. ANODE 3. CATHODE
http://onsemi.com
5
MMBD6100LT1
Notes
http://onsemi.com
6
MMBD6100LT1
Notes
http://onsemi.com
7
MMBD6100LT1
Thermal Clad is a trademark of the Bergquist Company
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MMBD6100LT1/D


▲Up To Search▲   

 
Price & Availability of MMBD6100LT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X