Part Number Hot Search : 
CLM4040 TL072AC 50243 28F016S3 EPM7192 24128 RF3378 11000
Product Description
Full Text Search
 

To Download MM74HC423A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC423A Dual Retriggerable Monostable Multivibrator
September 1983 Revised February 1999
MM74HC423A Dual Retriggerable Monostable Multivibrator
General Description
The 74HC423A high speed monostable multivibrators (one shots) utilize advanced silicon-gate CMOS technology. They feature speeds comparable to low power Schottky TTL circuitry while retaining the low power and high noise immunity characteristic of CMOS circuits. Each multivibrator features both a negative, A, and a positive, B, transition triggered input, either of which can be used as an inhibit input. Also included is a clear input that when taken LOW resets the one shot. The MM74HC423A cannot be triggered from clear. The MM74HC423A is retriggerable. That is, it may be triggered repeatedly while its outputs are generating a pulse and the pulse will be extended. Pulse width stability over a wide range of temperature and supply is achieved using linear CMOS techniques. The output pulse equation is simply: PW = (REXT) (CEXT); where PW is in seconds, R is in ohms, and C is in farads. All inputs are protected from damage due to static discharge by diodes to VCC and ground.
Features
s Typical propagation delay: 40 ns s Wide power supply range: 2V-6V s Low quiescent current: 80 A maximum (74HC Series) s Low input current: 1 A maximum s Fanout of 10 LS-TTL loads s Simple pulse width formula T = RC s Wide pulse range: 400 ns to (typ) s Part to part variation: 5% (typ) s Schmitt Trigger A & B inputs allow infinite rise and fall times on these inputs
Ordering Code:
Order Number MM74HC423AM MM74HC423ASJ MM74HC423AMTC MM74HC423AN Package Number M16A M16D MTC16 N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC, SOP and TSSOP Timing Component
Note: Pin 6 and Pin 14 must be hard-wired to GND.
Top View
(c) 1999 Fairchild Semiconductor Corporation
DS005338.prf
www.fairchildsemi.com
MM74HC423A
Truth Table
Inputs Clear L X X H H
H L HIGH Level LOW Level Transition from LOW-to-High Transition from HIGH-to-LOW = One HIGH Level Pulse = One LOW Level Pulse X = Irrelevant = = = =
Outputs B X X L H Q L L Q H H
A X H X L

L

H

Logic Diagram
www.fairchildsemi.com
2
MM74HC423A
Theory of Operation
FIGURE 1. TRIGGER OPERATION As shown in Figure 1 and the Logic Diagram before an input trigger occurs, the one-shot is in the quiescent state with the Q output LOW, and the timing capacitor CEXT completely charged to VCC. When the trigger input A goes from VCC to GND (while inputs B and clear are held to VCC) a valid trigger is recognized, which turns on comparator C1 and N-Channel transistor N11. At the same time the output latch is set. With transistor N1 on, the capacitor CEXT rapidly discharges toward GND until VREF1 is reached. At this point the output of comparator C1 changes state and transistor N1 turns OFF. Comparator C1 then turns OFF while at the same time comparator C2 turns on. With transistor N1 OFF, the capacitor CEXT begins to charge through the timing resistor, REXT, toward VCC. When the voltage across CEXTequals VREF2, comparator C2 changes state causing the output latch to reset (Q goes LOW) while at the same time disabling comparator C2. This ends the timing cycle with the one-shot in the quiescent state, waiting for the next trigger. A valid trigger is also recognized when trigger input B goes from GND to VCC (while input A is at GND and input clear is at VCC2.) It should be noted that in the quiescent state CEXTis fully charged to VCC causing the current through resistor REXT to be zero. Both comparators are "OFF" with the total device current due only to reverse junction leakages. An added feature of the MM74HC423A is that the output latch is set via the input trigger without regard to the capacitor voltage. Thus, propagation delay from trigger to Q is independent of the value of CEXT, REXT, or the duty cycle of the input waveform. RETRIGGER OPERATION The MM74HC423A is retriggered if a valid trigger occurs 3 followed by another trigger 4 before the Q output has returned to the quiescent (zero) state. Any retrigger, after the timing node voltage at pin or has begun to rise from VREF1, but has not yet reached VREF2, will cause an increase in output pulse width T. When a valid retrigger is initiated 4, the voltage at the R/CEXT pin will again drop to VREF1 before progressing along the RC charging curve toward VCC . The Q output will remain high until time T, after the last valid retrigger. Because the trigger-control circuit flip-flop resets shortly after CX has discharged to the reference voltage of the lower reference circuit, the minimum retrigger time, trr is a function of internal propagation delays and the discharge time of CX:
Another removal/retrigger time occurs when a short clear pulse is used. Upon receipt of a clear, the one shot must charge the capacitor up to the upper trip point before the one shot is ready to receive the next trigger. This time is dependent on the capacitor used and is approximately:
3
www.fairchildsemi.com
MM74HC423A
RESET OPERATION These one shots may be reset during the generation of the output pulse. In the reset mode of operation, an input pulse on clear sets the reset latch and causes the capacitor to be fast charged to VCC by turning on transistor Q1 5. When the voltage on the capacitor reaches VREF2, the reset latch will clear and then be ready to accept another pulse. If the clear input is held LOW, any trigger inputs that occur will be inhibited and the Q and Q outputs of the output latch will not change. Since the Q output is reset when an input low level is detected on the Clear input, the output pulse T can be made significantly shorter than the minimum pulse width specification.
Typical Output Pulse Width vs. Timing Components
Typical 1ms Pulse Width Variation vs. Supply
Typical Distribution of Output Pulse Width, Part to Part
Minimum REXT vs. Supply Voltage
Typical 1ms Pulse Width Variation vs. Temperature
Note: R and C are not subjected to temperature. The C is polypropylene.
www.fairchildsemi.com
4
MM74HC423A
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW 50 mA -65C to +150C -0.5V to +7.0V -1.5V to VCC +1.5V -0.5V to VCC +0.5V 20 mA 25 mA
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Maximum Input Rise and Fall Time (Clear Input) VCC = 2.0V VCC = 4.5V VCC = 6.0V 1000 500 400 ns ns ns -40 +85 C 2 0 Max 6 VCC Units V V
Note 1: Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation Temperature Derating: Plastic "N" Package: - 12mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VIN = VIH or VIL |IOUT| 20 A Conditions
(Note 4)
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0 4.5 6.0 TA = 25C Typ 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.96 5.46 0 0 0 0.1 0.1 0.1 0.26 0.26 0.5 0.1 8.0 36 0.33 0.7 80 1.0 2.0 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 5.0 1.0 80 110 1.3 2.6 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 5.0 1.0 160 130 1.6 3.2 Units V V V V V V V V V V 4.5V 6.0V 2.0V 4.5V 6.0V V V V V V V 4.5V 6.0V 5.0V 6.0V 6.0V 2.0V 4.5V 6.0V V V A A A A mA mA
VIN = VIH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA VOL Maximum LOW Level Output Voltage VIN = VIH or VIL |IOUT| 20 A
VIN = VIH or VIL |IOUT| 4 mA |IOUT| 5.2 mA IIN IIN ICC ICC Maximum Input Current (Pins 7, 15) Maximum Input Current (all other pins) Maximum Quiescent Supply Current (standby) Maximum Active Supply Current (per monostable) VIN = VCC or GND IOUT = 0 A VIN = VCC or GND R/CEXT = 0.5VCC VIN = VCC or GND VIN = VCC or GND
Note 4: For a power supply of 5V 10% the worst-case output voltages (VOH, VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst-case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst-case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
5
www.fairchildsemi.com
MM74HC423A
AC Electrical Characteristics
VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns Symbol tPLH tPHL tPHL tPLH tW tREM tWQ(MIN) tWQ Parameter Maximum Trigger Propagation Delay, A, B to Q Maximum Trigger Propagation Delay, A, B to Q Maximum Propagation Delay, Clear to Q Maximum Propagation Delay, Clear to Q Minimum Pulse Width, A, B or Clear Minimum Clear Removal Time Minimum Output Pulse Width Output Pulse Width CEXT = 28 pF REXT = 2 k CEXT = 1000 pF REXT = 10 k 10 s 400 0 ns ns 14 26 ns 22 33 ns 20 27 ns 25 42 ns Conditions Typ 22 Guatanteed Limit 33 Units ns
AC Electrical Characteristics
CL = 50 pF tr = tf = 6 ns (Unless otherwise specified) Symbol tPLH Parameter Maximum Trigger Propagation Delay, A or B to Q tPHL Maximum Trigger Propagation Delay, A or B to Q tPHL Maximum Propagation Delay, Clear to Q tPLH Maximum Propagation Delay, Clear to Q tW Minimum Pulse Width A, B, Clear tREM Minimum Clear Removal Time tWQ Output Pulse Width CEXT = 0.1 F REXT = 10 k Max tTLH, tTHL Maximum Output Rise and Fall Time CPD CIN CIN Power Dissipation Capacitance (Note 5) Maximum Input Capacitance (Pins 7 & 15) Maximum Input Capacitance (other inputs)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + I CC.
Conditions
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V Min 5.0V 5.0V 2.0V 4.5V 6.0V
TA = 25C Typ 77 26 21 88 29 24 54 23 19 56 25 20 57 17 12 0 0 0 1 1 30 8 7 83 12 6 20 10 169 42 32 197 48 38 114 34 28 116 36 29 123 30 21 0 0 0 0.9 1.1 75 15 13
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 194 51 39 229 60 46 132 41 33 135 42 34 144 37 27 0 0 0 0.86 1.14 95 19 16 210 57 44 250 67 51 143 45 36 147 46 37 157 42 30 0 0 0 0.85 1.15 110 22 19
Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns pF
20 10
20 10
pF pF
www.fairchildsemi.com
6
MM74HC423A
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
7
www.fairchildsemi.com
MM74HC423A
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-53, 4.4mm Wide Package Number MTC16
www.fairchildsemi.com
8
MM74HC423A Dual Retriggerable Monostable Multivibrator
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of MM74HC423A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X