Part Number Hot Search : 
BYC10 BRB10 270251B 32S64 7106CPL S14020G B23P06E LTC1606
Product Description
Full Text Search
 

To Download MC78LC30HT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC78LC00/D
Micropower Voltage Regulator
The MC78LC00 series voltage regulators are specifically designed for use as a power source for video instruments, handheld communication equipment, and battery powered equipment. The MC78LC00 series features an ultra-low quiescent current of 1.1 A and a high accuracy output voltage. Each device contains a voltage reference, an error amplifier, a driver transistor and resistors for setting the output voltage. These devices are available in either SOT-89, 3 pin, or SOT-23, 5 pin, surface mount packages.
MC78LC00 Series
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
SEMICONDUCTOR TECHNICAL DATA
MC78LC00 Series Features: * Low Quiescent Current of 1.1 A Typical
* * * * * *
Low Dropout Voltage (220 mV at 10 mA) Excellent Line Regulation (0.1%) High Accuracy Output Voltage (2.5%) Wide Output Voltage Range (2.0 V to 6.0 V) Output Current for Low Power (up to 80 mA) Two Surface Mount Packages (SOT-89, 3 Pin, or SOT-23, 5 Pin) ORDERING INFORMATION
Device MC78LC30HT1 MC78LC33HT1 MC78LC40HT1 MC78LC50HT1 MC78LC30NTR MC78LC33NTR MC78LC40NTR MC78LC50NTR Output Voltage 3.0 3.3 4.0 5.0 3.0 3.3 4.0 5.0 Operating Temperature Range Package Ground SOT-89 SOT 89 TA = -30 to +80C 30 80C SOT-23 SOT 23
5 1 1 TAB
H SUFFIX PLASTIC PACKAGE CASE 1213 (SOT-89)
1 2 3 (Top View) Tab (Tab is connected to Pin 2)
Input Output
Other voltages from 2.0 to 6.0 V, in 0.1 V increments, are available upon request. Consult factory for information.
N SUFFIX PLASTIC PACKAGE CASE 1212 (SOT-23)
Representative Block Diagram
Ground Vin 2 3 VO Input Output 1 2 3 (Top View) 4 N/C 5 N/C
Standard Application
Vref 1 Gnd Input 2 MC78LCXX Cin 1 CO 3 Output
This device contains 8 active transistors.
(c) Motorola, Inc. 1998 Rev 2
MOTOROLA ANALOG IC DEVICE DATA
1
MC78LC00 Series
MAXIMUM RATINGS
AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A
AAA AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAA A A AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAA A AAA A AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAA A AA
Input Voltage VCC 10 Vdc Power Dissipation and Thermal Characteristics Maximum Power Dissipation Case 1213 (SOT-89) H Suffix Thermal Resistance, Junction-to-Ambient Case 1212 (SOT-23) N Suffix Thermal Resistance, Junction-to-Ambient Operating Junction Temperature Operating Ambient Temperature Storage Temperature Range PD RJA PD RJA TJ TA 300 333 150 667 125 mW C/W mW C/W C C C -30 to +80 Tstg -40 to +125
NOTE: ESD data available upon request.
Rating
Symbol
Value
Unit
ELECTRICAL CHARACTERISTICS (Vin = VO + 1.0 V, IO = 10 mA, TJ = 25C [Note 1], unless otherwise noted.)
Characteristic Output Voltage 30HT1 and 30NTR Suffixes (Vin = 5.0 V) 33HT1 and 33NTR Suffixes (Vin = 5.0 V) 40HT1 and 40NTR Suffixes (Vin = 6.0 V) 50HT1 and 50NTR Suffixes (Vin = 7.0 V) Line Regulation Vin = [VO + 1.0] V to 10 V, IO = 1.0 mA Symbol VO Min 2.950 3.218 3.900 4.875 - Typ 3.0 3.3 4.0 5.0 Max 3.075 3.382 4.100 5.125 0.2 Unit V
Regline
0.05
mV mV
Load Regulation (IO = 1.0 to 10 mA) 30HT1 and 30NTR Suffixes (Vin = 5.0 V) 33HT1 and 33NTR Suffixes (Vin = 6.0 V) 40HT1 and 40NTR Suffixes (Vin = 7.0 V) 50HT1 and 50NTR Suffixes (Vin = 8.0 V) Output Current 30HT1 and 30NTR Suffixes (Vin = 5.0 V) 33HT1 and 33NTR Suffixes (Vin = 6.0 V) 40HT1 and 40NTR Suffixes (Vin = 7.0 V) 50HT1 and 50NTR Suffixes (Vin = 8.0 V)
Regload
- - - -
40 40 50 60 50 50 65 80 40 35 25 25
60 60 70 90 - - - -
IO
mA
35 35 45 55 - - - - - - - - -
Dropout Voltage 30HT1 and 30NTR Suffixes (IO = 1.0 mA) 33HT1 and 33NTR Suffixes (IO = 1.0 mA) 40HT1 and 40NTR Suffixes (IO = 1.0 mA) 50HT1 and 50NTR Suffixes (IO = 1.0 mA) Quiescent Current 30HT1 and 30NTR Suffixes (Vin = 5.0 V) 33HT1 and 33NTR Suffixes (Vin = 5.0 V) 40HT1 and 40NTR Suffixes (Vin = 6.0 V) 50HT1 and 50NTR Suffixes (Vin = 7.0 V) Output Voltage Temperature Coefficient
Vin - VO
V
60 53 38 38
ICC
A
1.1 1.1 1.2 1.3
3.3 3.3 3.6 3.9 -
TC
100
ppm/C
NOTE:
1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2
MOTOROLA ANALOG IC DEVICE DATA
MC78LC00 Series
DEFINITIONS
Dropout Voltage - The input/output voltage differential at which the regulator output no longer maintains regulation against further reductions in input voltage. Measured when the output drops 100 mV below its nominal value (which is measured at 1.0 V differential), dropout voltage is affected by junction temperature, load current and minimum input supply requirements. Line Regulation - The change in output voltage for a change in input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that average chip temperature is not significantly affected. Load Regulation - The change in output voltage for a change in load current at constant chip temperature. Maximum Power Dissipation - The maximum total device dissipation for which the regulator will operate within specifications. Quiescent Bias Current - Current which is used to operate the regulator chip and is not delivered to the load.
Figure 1. Output Voltage versus Input Voltage
3.2 VO , OUTPUT VOLTAGE (V) 3.0 2.8 2.6 2.4 IO = 10 mA 2.2 2.5 2.7 2.9 3.1 MC78LC30NTR 3.3 3.5 IO = 5.0 mA TA = 25C IO = 1.0 mA VO , OUTPUT VOLTAGE (V) 3.2 3.1 3.0 2.9 2.8 2.7
Figure 2. Output Voltage versus Output Current
TA = -30C
TA = 25C
MC78LC30NTR 0 0 20 40
TA = 80C 60 80 100 120
Vin, INPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
Figure 3. Dropout Voltage versus Output Current
2.0 Vin -VO , DROPOUT VOLTAGE (V) VO , OUTPUT VOLTAGE (V) 1.6 1.2 0.8 0.4 0 3.10 3.06 3.02 2.98 2.94
Figure 4. Output Voltage versus Temperature
Vin = 5.0 V IO= 10 mA
MC78LC30NTR TA = 25C 0 10 20 30 IO, OUTPUT CURRENT (mA) 40 50
MC78LC30NTR 2.90 -40 -20 0 20 40 60 80
TA, AMBIENT TEMPERATURE (C)
MOTOROLA ANALOG IC DEVICE DATA
3
MC78LC00 Series
Figure 5. Quiescent Current versus Input Voltage
1.4 ICC, QUIESCENT CURRENT ( A) ICC, QUIESCENT CURRENT ( A) TA = 25C 1.3 1.2 1.1 1.0 0.9 MC78LC30NTR 0.8 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 1.2 Vin = 5.0 V 1.1 1.0 0.9 0.8 0.7 MC78LC30NTR 0.6 -40 -20 0 20 40 60 80
Figure 6. Quiescent Current versus Temperature
Vin, INPUT VOLTAGE (V)
TA, AMBIENT TEMPERATURE (C)
Figure 7. Dropout Voltage versus Set Output Voltage
INPUT VOLTAGE/OUTPUT VOLTAGE (V) 0.8 V in -VO , DROPOUT VOLTAGE (V) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 IO = 1.0 mA IO = 10 mA 8.0 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 0
Figure 8. Line Transient Response
Input Voltage
Output Voltage CO = 0.1 F IO = 1.0 mA 2.0 t, TIME (ms) 4.0 6.0
1.0
2.0
3.0
4.0
5.0
6.0
VO, SET OUTPUT VOLTAGE (V)
4
MOTOROLA ANALOG IC DEVICE DATA
MC78LC00 Series
APPLICATIONS INFORMATION
Introduction The MC78LC00 micropower voltage regulators are specifically designed with high accuracy output voltage and ultra low quiescent current by CMOS process making them ideal for battery powered applications and hand-held communication equipment. An input bypass capacitor is recommended if the regulator is located an appreciable distance ( 4 inches) from the input voltage source. These regulators require 0.1 F capacitance between the output terminal and ground for stability. Most types of aluminum, tantalum or multilayer ceramic will perform adequately. Solid tantalums or other appropriate capacitors are recommended for operation below 25C. The bypass capacitors should be mounted with the shortest possible leads or track lengths directly across the regulator input and output terminals. With economical electrolytic capacitors, cold temperature operation can pose a serious stability problem. As the electrolyte freezes, around -30C, the capacitance will decrease and the equivalent series resistance (ESR) will increase drastically, causing the circuit to oscillate. Quality electrolytic capacitors with extended temperature ranges of -40 to +85C are readily available. Solid tantalum capacitors may be the better choice if small size is a requirement. However, a maximum ESR limit of 3.0 must be observed over temperature to maintain stability. In the Current Boost Circuit, shown in Figures 10 and 12, an output current of up to 600 mA can be delivered by the circuit. The circuit of Figure 10 has no current limit. In each case, the external transistor must be rated for the expected power dissipation. Figure 11 shows how a fixed output may be programmed, using R1 and R2, to provide a higher output voltage.
Figure 9. Typical Application
Vin 0.1 F 1 2 MC78LC00 0.1 F Vin 3 VO
Figure 10. Current Boost Circuit
MJD32C .033 F 100 2 MC78LC00 3 VO
Gnd
Gnd
0.1 F Gnd
1
0.1 F Gnd
Figure 11. Adjustable VO
Vin 2 MC78LC00 R1 1 C1 ICC Gnd R2 C2 Vin 3 VO
Figure 12. Current Boost Circuit with Overcurrent Limit Circuit
R2 Q2 MMBT2907 ALT1 R1 0.1 F Gnd 1 0.1 F Gnd MJD32C Q1
.033 F
2 MC78LC00
3
VO
V
O
+ VO(Reg) 1 ) R2 ) ICC R2 R1
I
O(short circuit)
) BE2 [ VR2 ) VBE1 R1 VBE2
MOTOROLA ANALOG IC DEVICE DATA
5
MC78LC00 Series
OUTLINE DIMENSIONS
H SUFFIX PLASTIC PACKAGE CASE 1213-01 (SOT-89) ISSUE O
A
D D1 B
A2 C
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCING PER ASME Y14.5M, 1994. 3. DATUM C IS A SEATING PLANE. MILLIMETERS MIN MAX 1.40 1.60 0.37 0.57 0.32 0.52 0.30 0.50 4.40 4.60 1.50 1.70 --- 4.25 2.40 2.60 1.50 BSC 3.00 BSC 0.80 ---
E L1 B
E1
0.10 B1 e e1
2X
M
CB
S
A
S
C
0.10
M
CB
S
A
S
DIM A2 B B1 C D D1 E E1 e e1 L1
6
MOTOROLA ANALOG IC DEVICE DATA
MC78LC00 Series
OUTLINE DIMENSIONS
N SUFFIX PLASTIC PACKAGE CASE 1212-01 (SOT-23) ISSUE O
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DATUM C IS A SEATING PLANE. MILLIMETERS MIN MAX 0.00 0.10 1.00 1.30 0.30 0.50 0.10 0.25 2.80 3.00 2.50 3.10 1.50 1.80 0.95 BSC 1.90 BSC 0.20 --- 0.45 0.75
A
D
B
A2 0.05 S
A1 L
E
5 1 2
4 3
E1 L1 e e1 B
5X
C
M
0.10
CB
S
A
S
C
DIM A1 A2 B C D E E1 e e1 L L1
MOTOROLA ANALOG IC DEVICE DATA
7
MC78LC00 Series
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
8
MC78LC00/D MOTOROLA ANALOG IC DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MC78LC30HT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X