|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Order this document by MBRS340T3/D Surface Mount Schottky Power Rectifier . . . employing the Schottky Barrier principle in a large area metal-to-silicon power diode. State-of-the-art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes, in surface mount applications where compact size and weight are critical to the system. * * * * * * Small Compact Surface Mountable Package with J-Bend Leads Rectangular Package for Automated Handling Highly Stable Oxide Passivated Junction Very Low Forward Voltage Drop (0.5 Volts Max @ 3.0 A, TJ = 25C) Excellent Ability to Withstand Reverse Avalanche Energy Transients Guardring for Stress Protection MBRS340T3 MBRS360T3 Motorola Preferred Device SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 40, 60 VOLTS Mechanical Characteristics: * Case: Epoxy, Molded * Weight: 217 mg (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped in 16 mm Tape and Reel, 2500 units per reel * Polarity: Notch in Plastic Body Indicates Cathode Lead * Marking: B34, B36 MAXIMUM RATINGS Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature Symbol VRRM VRWM VR IF(AV) IFSM TJ MBRS340T3 40 CASE 403-03 MBRS360T3 60 Unit Volts 3.0 @ TL = 100C 4.0 @ TL = 90C 80 - 65 to +125 Amps Amps C THERMAL CHARACTERISTICS Thermal Resistance -- Junction to Lead RJL 11 11 C/W ELECTRICAL CHARACTERISTICS Maximum Instantaneous Forward Voltage (1) (iF = 3.0 A, TJ = 25C) Maximum Instantaneous Reverse Current (1) (Rated dc Voltage, TJ = 25C) (Rated dc Voltage, TJ = 100C) (1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. Preferred devices are Motorola recommended choices for future use and best overall value. VF 0.525 iR 2.0 20 0.5 20 0.740 Volts mA Rev 2 (c)RectifierInc. 1996 Data Motorola, Device 1 MBRS340T3 MBRS360T3 i F , INSTANTANEOUS FORWARD CURRENT (AMPS I R , REVERSE CURRENT (mA) 3 2 TC = 100C 1 0.7 0.5 0.3 0.2 TC = 25C 0.1 0.07 0.05 100 50 20 10 5 2 1 0.5 0.2 0.1 0.05 0.02 0.01 TJ = 125C 100C 75C 25C 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 0 4 8 12 16 20 24 28 32 36 40 vF, INSTANTANEOUS VOLTAGE (VOLTS) VR, REVERSE VOLTAGE (VOLTS) Figure 1. Typical Forward Voltage PF(AV) , AVERAGE POWER DISSIPATION (WATTS) Figure 2. Typical Reverse Current 5 TJ = 100C 4 (CAPACITIVE LOAD) IPK = 20 IAV 10 SQUARE WAVE DC 5 3 2 1 0 0 1 2 3 4 5 IF(AV), AVERAGE FORWARD CURRENT (AMPS) Figure 3. Power Dissipation I F(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9 8 7 6 5 4 3 2 1 0 40 50 60 70 80 90 100 110 120 130 140 SQUARE WAVE DC RATED VOLTAGE APPLIED RJC = 10.5C/W TJ = 125C 500 400 C, CAPACITANCE (pF) TYPICAL CAPACITANCE AT 0 V = 480 pF TJ = 25C 300 200 100 0 0 4 8 12 16 20 24 28 32 36 40 TC, CASE TEMPERATURE (C) VR, REVERSE VOLTAGE (VOLTS) Figure 4. Current Derating (Case) Figure 5. Typical Capacitance 2 Rectifier Device Data MBRS340T3 MBRS360T3 PACKAGE DIMENSIONS S A NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. INCHES DIM MIN MAX A 0.260 0.280 B 0.220 0.240 C 0.075 0.095 D 0.115 0.121 H 0.0020 0.0060 J 0.006 0.012 K 0.030 0.050 P 0.020 REF S 0.305 0.320 MILLIMETERS MIN MAX 6.60 7.11 5.59 6.10 1.90 2.41 2.92 3.07 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 7.75 8.13 D B C J H K P CASE 403-03 ISSUE B Rectifier Device Data 3 MBRS340T3 MBRS360T3 Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 4 CODELINE TO BE PLACED HERE Rectifier Device Data MBRS340T3/D |
Price & Availability of MBRS340T3 |