Part Number Hot Search : 
TP5335 MSC82001 1N5950A ES5108 AN101 HFA30T MSS12 MPX7100A
Product Description
Full Text Search
 

To Download MBRD320L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * Low Switching Noise Low Forward Voltage Drop High Current Capability High Surge Current Capability
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBRD320L THUR MBRD360L
3 Amp Schottky Barrier Rectifier 20~60 Volts
Maximum Ratings
* * Operating Junction Temperature: -50C to +125C Storage Temperature: -50C to +150C
B
DPAK
C E
MCC Catalog Number MBRD320L MBRD330L MBRD340L MBRD350L MBRD360L
Device Marking
MBRD320L MBRD330L MBRD340L MBRD350L MBRD360L
Maximum Reccurrent Peak Reverse Voltage 20V 30V 40V 50V 60V
Maximum RMS Voltage 14V 21V 28V 35V 42V
Maximum DC Blocking Voltage 20V 30V 40V 50V 60V
V
R
4
A
1 2 3
K J L D G H
U
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage
MBRD320L~MBRD340L MBRD350L~MBRD360L
3
4
IF(AV) IFSM
3.0A 75A
TC = 125C 8.3ms, half sine
DIM A B C D E G H J K L R U V INCHES MILLIMETERS MIN MAX MIN MAX
0.209 0.225 0.252 0.268 0.092 0.108 0.016 0.032 0.016 0.024 0.180 0.035 0.051 0.020 0.090 0.106 0.090 0.197 0.213 0.020 0.063 5.30 6.40 2.35 0.40 0.40 4.60 0.90 0.50 2.30 2.30 5.00 0.50 1.50 5.40 2.70 1.30 5.70 6.80 2.75 0.80 0.60
VF
0.55V 0.70V 0.3mA 20mA
IFM = 3.0A; TJ = 25C*
Maximum DC Reverse Current At Rated DC Blocking Voltage
IR
Tc = 25C Tc = 125oC
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www.mccsemi.com
MBRD320L THRU MBRD360L
PEAK FORWARD SURGE CURRENT, AMPERES
MCC
80 70 60 50 40 30 20 10 1 2 5 10 20 50 100 8.3ms SINGLE HALF SINCE-WAVE JEDEC METHOD
AVERAGE FORWARD CURRENT, AMPERES
4.0
3.0
2.0 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" 9.5mm LEAD LENGTHS 0 20 40 60 80 100 120 140
1.0
0
CASE TEMPERATURE J NUMBER OF CYCLES AT 60Hz
Fig. 1-FORWARD CURRENT DERATING CURVE
100 T J = 125 J
Fig. 2-MAXIMUM NON-REPETITIVE SURGE CURRENT
20
INSTANTANEOUS FORWARD CURRENT AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10 T J = 75 J
TJ = 25 J 1.0 PULSE WIDTH = 200uS
1 T J = 25 J
20,30,40 50,60 0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
20,30,40 50,60 10 15 20 25 30 35 40
Fig. 4-TYPICAL FORWARD CHARACTERISTICS
.01 5
REVERSE VOLTAGE, VOLTS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
CAPACITANCE, pF
1000 800 600 400 200 100 80 60 40 20 10 0.1 0.4 1 4 10 40 100
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE
. www mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBRD320L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X