Part Number Hot Search : 
MMBD301L C3103 2N2914 TC58V 18000 PM25LV 1A102 64JTR
Product Description
Full Text Search
 

To Download MBRD320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MBRD320/D
SWITCHMODETM Power Rectifiers
DPAK Surface Mount Package
. . . designed for use as output rectifiers, free wheeling, protection and steering diodes in switching power supplies, inverters and other inductive switching circuits. These state-of-the-art devices have the following features: * * * * Extremely Fast Switching Extremely Low Forward Drop Platinum Barrier with Avalanche Guardrings Guaranteed Reverse Avalanche
MBRD320 MBRD330 MBRD340 MBRD350 MBRD360
MBRD320, MBRD340 and MBRD360 are Motorola Preferred Devices
Mechanical Characteristics: * Case: Epoxy, Molded * Weight: 0.4 gram (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 75 units per plastic tube * Available in 16 mm Tape and Reel, 2500 units per reel, by adding a "T4'' suffix to the part number * Marking: B320, B330, B340, B350, B360
1 3 4
SCHOTTKY BARRIER RECTIFIERS 3 AMPERES 20 TO 60 VOLTS
4 1 3
CASE 369A-13 PLASTIC
MAXIMUM RATINGS
MBRD Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (TC = +125C, Rated VR) Peak Repetitive Forward Current, TC = +125C (Rated VR, Square Wave, 20 kHz) Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Peak Repetitive Reverse Surge Current (2 s, 1 kHz) Operating Junction Temperature Storage Temperature Voltage Rate of Change (Rated VR) Symbol 320 VRRM VRWM VR IF(AV) IFRM IFSM IRRM TJ Tstg dv/dt 20 330 30 340 40 350 50 360 60 Volts Unit
3 6 75 1 -65 to +150 -65 to +175 10000
Amps Amps Amps Amp C C V/s
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction to Case Maximum Thermal Resistance, Junction to Ambient (1) (1) Rating applies when surface mounted on the minimum pad size recommended. RJC RJA 6 80 C/W C/W
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
Rev 1
(c)RectifierInc. 1996 Data Motorola, Device
1
MBRD320 MBRD330 MBRD340 MBRD350 MBRD360
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (2) iF = 3 Amps, TC = +25C iF = 3 Amps, TC = +125C iF = 6 Amps, TC = +25C iF = 6 Amps, TC = +125C Maximum Instantaneous Reverse Current (2) (Rated dc Voltage, TC = +25C) (Rated dc Voltage, TC = +125C) (2) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. VF 0.6 0.45 0.7 0.625 iR 0.2 20 mA Volts
TYPICAL CHARACTERISTICS
100 100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.04 0.02 0.01 0.004 0.002 0.001 0 10 TJ = 150C 125C 100C 75C
i F, INSTANTANEOUS FORWARD CURRENT (AMPS)
I R , REVERSE CURRENT (mA)
25C
10
150C TJ = 25C 125C
40 70 20 30 50 60 VR, REVERSE VOLTAGE (VOLTS) *The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these curves if VR is sufficient below rated VR.
Figure 2. Typical Reverse Current
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 75C 1.0 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 IF(AV), AVERAGE FORWARD CURRENT (AMPS) IPK/IAV = 20 dc SQUARE WAVE TJ = 150C 10 5 SINE WAVE
0.1 0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 3. Average Power Dissipation
2
Rectifier Device Data
MBRD320 MBRD330 MBRD340 MBRD350 MBRD360
I F(AV) , AVERAGE FORWARD CURRENT (AMPS) I F(AV) , AVERAGE FORWARD CURRENT (AMPS) 8.0 RATED VOLTAGE APPLIED 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 80 90 100 110 120 130 140 150 160 TC, CASE TEMPERATURE (C) SINE WAVE OR SQUARE WAVE RqJC = 6C/W TJ = 150C 4.0 TJ = 150C 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 TA, AMBIENT TEMPERATURE (C) TJ = 125C TJ = 150C dc SQUARE WAVE OR SINE WAVE VR = 25 V RqJA = 80C/W SURFACE MOUNTED ON MIN. PAD SIZE RECOMMENDED
dc
Figure 4. Current Derating, Case
Figure 5. Current Derating, Ambient
1K 700 500 C, CAPACITANCE (pF) 300 200 100 70 50 30 20 10 0 10 20 30 40 50 60 70 VR, REVERSE VOLTAGE (VOLTS)
TJ = 25C
Figure 6. Typical Capacitance
Rectifier Device Data
3
MBRD320 MBRD330 MBRD340 MBRD350 MBRD360
PACKAGE DIMENSIONS
-T- B V R
4
SEATING PLANE
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.250 0.250 0.265 0.086 0.094 0.027 0.035 0.033 0.040 0.037 0.047 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.175 0.215 0.020 0.050 0.020 --- 0.030 0.050 0.138 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.84 1.01 0.94 1.19 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.45 5.46 0.51 1.27 0.51 --- 0.77 1.27 3.51 ---
S
1 2 3
A K F L D G
2 PL
Z U
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
CASE 369A-13 ISSUE Y
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
CODELINE TO BE PLACED HERE
RectifierMBRD320/D Device Data


▲Up To Search▲   

 
Price & Availability of MBRD320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X