Part Number Hot Search : 
RCB0810 C3403 E226M LT1191 3266Z204 UM37520P DE210L0 200B6
Product Description
Full Text Search
 

To Download LH532600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH532600
FEATURES * 262,144 words x 8 bit organization (Byte mode) 131,072 words x 16 bit organization (Word mode) * Access time: 100 ns (MAX.) * Static operation * TTL compatible I/O * Three-state outputs * Single +5 V power supply * Power consumption: Operating: 412.5 mW (MAX.) Standby: 550 W (MAX.) * Mask-programmable control pin: Pin 1 = OE1/OE1/DC * Packages: 40-pin, 600-mil DIP 40-pin, 525-mil SOP 48-pin, 10 x 20 mm2 TSOP (Type I) DESCRIPTION
The LH532600 is a 2M-bit mask-programmable ROM organized as 262,144 x 8 bits (Byte mode) or 131,072 x 16 bits (Word mode) that can be selected by BYTE input pin. It is fabricated using silicon-gate CMOS process technology.
CMOS 2M (256K x 8/128K x 16) MROM
PIN CONNECTIONS
40-PIN DIP 40-PIN SOP OE1/OE1/DC A7 A6 A5 A4 A3 A2 A1 A0 CE GND OE D0 D8 D1 D9 D2 D10 D3 D11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE GND D15/A-1 (LSB) D7 D14 D6 D13 D5 D12 D4 VCC
532600-1
TOP VIEW
Figure 1. Pin Connections for DIP and SOP Packages
1
LH532600
CMOS 2M MROM
48 PIN TSOP (Type I)
TOP VIEW
BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 NC GND NC NC OE1/OE1/DC A7 A6 A5 A4 A3 A2 A1 A0 CE
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
GND GND D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC VCC GND D11 D3 D10 D2 D9 D1 D8 D0 OE GND GND
NOTE: Reverse bend available on request.
532600-2
Figure 2. Pin Connections for TSOP Package
2
CMOS 2M MROM
LH532600
A16 32 A15 33 A14 34 A13 35 A12 36 A11 37 A10 38 A9 A8 A7 A6 39 40 2 3
29 D15 MEMORY MATRIX (262,144 x 8) (131,072 x 16)
ADDRESS DECODER ADDRESS BUFFER DATA SELECTOR/OUTPUT BUFFER
27 D14 25 D13 23 D12 20 D11 18 D10 16 D9 14 D8 28 D7 26 D6 24 D5 22 D4 19 D3 17 D2 15 D1
A5 4 A4 5 A3 6 A2 7 A1 8 A0 9
COLUMN SELECTOR
CE 10
CE BUFFER
TIMING GENERATOR
SENSE AMPLIFIER
13 D0
OE 12 OE1/OE1/ 1 DC
OE BUFFER
BYTE 31
BYTE/WORD SWITCHOVER CIRCUIT
ADDRESS BUFFER
29 A-1 NOTE: Pin numbers apply to the 40-pin DIP or SOP.
21 VCC
11 30 GND
532600-3
Figure 3. LH532600 Block Diagram
PIN DESCRIPTION
SIGNAL PIN NAME NOTE SIGNAL PIN NAME NOTE
A-1 - A16 D0 - D15 BYTE CE
Address input Data output Byte/word mode switch Chip enable input
1 1 1
OE OE 1/OE 1/DC VCC GND
Output enable input Output enable input Power supply (+5 V) Ground 2, 3
NOTES: 1. The D15/A-1 pin becomes LSB address input (A-1) when the BYTE pin is set to be LOW in byte mode, and data output (D15) when set to be HIGH in word mode. 2. Active levels of OE1/OE1/DC are mask-programmable. When DC is selected out of OE1/OE1/DC, it is fixed to an active level. Then it is recommended to apply either VIH or VIL to the DC pin. 3. DC = Don't care.
3
LH532600
CMOS 2M MROM
TRUTH TABLE
CE OE OE1/OE1 BYTE A-1 (D15) DATA OUTPUT D0 - D7 D8 - D15 ADDRESS INPUT LSB MSB SUPPLY CURRENT
H L L L L L
X H X L L L
X X L/H H/L H/L H/L
X X X H L L
X X X - L H
High-Z High-Z High-Z D0 - D7 D0 - D7 D8 - D15
High-Z High-Z High-Z D8 - D15 High-Z High-Z
- - - A0 A-1 A-1
- - - A16 A16 A16
Standby Operating Operating Operating Operating Operating
NOTE: X = H or L, High-Z = High-impedance
ABSOLUTE MAXIMUM RATINGS
PARAMETER SYMBOL RATING UNIT
Supply voltage Input voltage Output voltage Operating temperature Storage temperature
VCC VIN VOUT Topr Tstg
- 0.3 to +7.0 - 0.3 to V CC + 0.3 - 0.3 to V CC + 0.3 0 to +70 -65 to +150
V V V C C
RECOMMENDED OPERATING CONDITIONS (TA = 0C to +70C)
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Supply voltage
VCC
4.5
5.0
5.5
V
DC CHARACTERISTICS (VCC = 5 V 10%, TA = 0C to +70C)
PARAMETER SYMBOL CONDITIONS MIN. MAX. UNIT NOTE
Input `High' voltage Input `Low' voltage Output `High' voltage Output `Low' voltage Input leakage current Output leakage current
VIH VIL VOH VOL | ILl | | ILO | ICC1 IOH = - 400 A IOL = 2.0 mA V IN = 0 V to VCC V OUT = 0 V to VCC tRC = 100 ns tRC = 1 s tRC = 100 ns tRC = 1 s CE = V IH CE = V CC - 0.2 V f = 1 MHz TA = 25C
2.2 - 0.3 2.4
VCC + 0.3 0.8
V V V
0.4 10 10 75 65 70 60 3 100 10 10
V A A mA mA mA mA mA A pF pF 1 2 2 3 3
Operating current
ICC2 ICC3 ICC4
Standby current Input capacitance Output capacitance
ISB1 ISB2 CIN COUT
NOTES: 1. CE/OE/OE1 = VIH, OE1 = VIL 2. VIN = VIH or VIL, CE = VIL, outputs open 3. VIN = (VCC - 0.2 V) or 0.2 V, CE = 0.2 V, outputs open
4
CMOS 2M MROM
LH532600
AC CHARACTERISTICS (VCC = 5 V 10%, TA = 0C to +70C)
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
Read cycle time Address access time Chip enable access time Output enable delay time Output hold time CE to output in High-Z OE to output in High-Z
tRC tAA tACE tOE tOH tCHZ tOHZ
100 100 100 55 5 55
ns ns ns ns ns ns 1
NOTE: 1. This is the time required for the outputs to become high-impedance.
AC TEST CONDITIONS
PARAMETER RATING
Input voltage amplitude Input rise/fall time Input/output reference level Output load condition
0.4 to 2.6 V 10 ns 1.5 V 1 TTL + 100 pF
CAUTION
To stabilize the power supply, it is recommended that a high-frequency bypass capacitor be connected between the VCC pin and the GND pin.
5
LH532600
CMOS 2M MROM
tRC
A-1 - A16 tAA (NOTE) CE tACE (NOTE) OE/OE1/ OE1 tOE (NOTE) tOHZ tOH tCHZ
D0 - D7 NOTE: The output data becomes valid when the last intervals, tAA, tACE, or tOE, have concluded.
DATA VALID
532600-4
Figure 4. Byte Mode (BYTE = VIL)
tRC
A0 - A16 tAA (NOTE) CE tACE (NOTE) OE/OE1/ OE1 tOE (NOTE) tOHZ tOH tCHZ
D0 - D15 NOTE: The output data becomes valid when the last intervals, tAA, tACE, or tOE, have concluded.
DATA VALID
532600-5
Figure 5. Word Mode (BYTE = V IH)
6
CMOS 2M MROM
LH532600
PACKAGE DIAGRAMS
40DIP (DIP040-P-0600)
40 21
DETAIL
13.45 [0.530] 12.95 [0.510]
1 52.30 [2.059] 51.70 [2.035]
20
0 TO 15 0.30 [0.012] 0.20 [0.008]
4.55 [0.179] 3.95 [0.156] 5.40 [0.213] 4.80 [0.189] 3.55 [0.140] 2.95 [0.116] 2.54 [0.100] TYP. 0.51 [0.020] MIN. 0.60 [0.024] 0.40 [0.016] MAXIMUM LIMIT MINIMUM LIMIT
15.24 [0.600] TYP.
DIMENSIONS IN MM [INCHES]
40DIP
40-pin, 600-mil DIP
40SOP (SOP040-P-0525)
1.27 [0.050] TYP. 1.40 [0.055] 21
0.50 [0.020] 0.30 [0.012]
40
11.50 [0.453] 11.10 [0.437]
14.50 [0.571] 13.70 [0.539]
12.50 [0.492]
1 26.50 [1.043] 26.10 [1.028]
20 1.40 [0.055] 0.20 [0.008] 0.10 [0.004] 0.15 [0.006] 1.275 [0.050] 2.90 [0.114] 2.50 [0.098] 0.20 [0.008] 0.00 [0.000] 1.275 [0.050] MAXIMUM LIMIT MINIMUM LIMIT
DIMENSIONS IN MM [INCHES]
40SOP
40-pin, 525-mil SOP
7
LH532600
CMOS 2M MROM
48TSOP (TSOP048-P-1218)
0.50 [0.020] TYP. 48 0.30 [0.012] 0.10 [0.004] 25
16.60 [0.654] 16.20 [0.638]
18.40 [0.724] 17.60 [0.693]
17.00 [0.669]
1 12.20 [0.480] 11.80 [0.465]
24 0.20 [0.008] 0.10 [0.004] 1.10 [0.043] 0.90 [0.035] 1.20 [0.047] MAX. 0.425 [0.017] 0.20 [0.008] 0.00 [0.000]
0.15 [0.006] 0.425 [0.017]
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT MINIMUM LIMIT
48TSOP
48-pin, 10 x 20 mm2 TSOP (Type I)
ORDERING INFORMATION
LH532600 Device Type X Package D N T TR 40-pin, 600-mil DIP (DIP040-P-0600) 40-pin, 525-mil SOP (SOP040-P-0525) 48-pin, 10 x 20 mm2 TSOP (Type I) (TSOP048-P-1020) 48-pin, 10 x 20 mm2 TSOP (Type I) Reverse bend (TSOP048-P-1020)
CMOS 2M (256K x 8 or 128K x 16) Mask-Programmable ROM Example: LH532600D (CMOS 2M (256K x 8 or 128K x 16 ) Mask-Programmable ROM, 40-pin, 600-mil DIP)
532600-6
8


▲Up To Search▲   

 
Price & Availability of LH532600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X